Part Number Hot Search : 
TC1226 C7893 BAS121C PF1206F6 SP708TEP F1215 SAF7115 MBR890
Product Description
Full Text Search
 

To Download CX4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CX4 CRYSTAL
Fundamental Mode: 600 kHz to 1.4 MHz Overtone: 1.8432 MHz - 2.5 MHz
TM
Ultra-Miniature Low Profile Surface Mount Quartz Crystal
DESCRIPTION
STATEK's CX4 quartz crystals are hermetically sealed in an ultra-miniature low profile surface mount ceramic package. This high quality quartz resonator forms the basis of a stable oscillator.
FEATURES
XXX SX
Ceramic Lid Shown PACKAGE DIMENSIONS D
actual size side view
Designed for low power applications in this frequency range Smallest available package in this frequency range Hermetically sealed ceramic package Excellent aging characteristics Full military testing to MIL-PRF-3098 available Designed and manufactured in the USA
B APPLICATIONS C D E A TOP F BOTTOM
Medical Pacemaker, defibrillator and hearing aid Industrial, Computer & Communications PCMCIA (FAX, Modem and LAN) Smart Card Military & Aerospace Airborne hybrid computer Low power system clock Hybrid multi-chip modules
TYP. DIM A B C D E F DIM "C" MAX SM1 SM2 SM3 inches 0.197 0.072 0.038 0.020 0.025 mm 5.00 1.83 0.97 0.51 0.64 inches 0.210 0.085 0.048 -
MAX. mm 5.33 2.16 1.22 -
see below
GLASS LID inches 0.045 0.046 0.048 mm 1.14 1.17 1.22
CERAMIC LID inches 0.050 0.051 0.053 mm 1.27 1.30 1.35
EQUIVALENT CIRCUIT
SUGGESTED LAND PATTERN
0.059 (1.5)
C0 1 L1 C1 R1 2
0.092 (2.3)
R1 Motional Resistance L1 Motional Inductance C1 Motional Capacitance C0 Shunt Capacitance
0.160 (4.0) inches (mm)
10161 Rev A
S
YS
TEM
CERTIFIC
AT
N IO
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
IS O
90
01
SPECIFICATIONS
TYPICAL APPLICATION FOR A PIERCE OSCILLATOR
Specifications are typical at 25OC unless otherwise noted. Specifications are subject to change without notice. Parameters Frequency, (Hz) Motional Resistance, R1 () Motional Resistance, R1 MAX Motional Capacitance, C1 (fF) Quality Factor, Q (k) Shunt Capacitance, C0 (pF) Standard Calibration Tolerance*
3.5 250 1.0
+ _ + _ + _
Fundamental
600 K 1.0 M 300 400 600 3K 2.0 200 0.8 1.3 150 0.7
+ _
Overtone
500 1000
1.4 M 1.8432 M 2.4576 M
3.5 80 1.0
1.5 45 0.8
The CX4 family of surface mount crystals are ideal for small, high density, battery operated portable products. The CX4 crystal designed in a Pierce oscillator (single inverter) circuit provides very low current consumption and high stability. A conventional CMOS Pierce oscillator circuit is shown below. The crystal is effectively inductive and in a PInetwork circuit with CD and CG provides the additional phase shift necessary to sustain oscillation. The oscillation frequency (f0) is 50 to 250 ppm above the crystal's series resonant frequency (fS). Drive Level RA is used to limit the crystal's drive level by forming a voltage divider between RA and CD. RA also stabilizes the oscillator against changes in the amplifiers output resistance (R0). RA should be increased for higher voltage operation. Load Capacitance The CX4 crystal calibration tolerance is influenced by the effective circuit capacitances, specified as the load capacitance (CL). CL is approximately equal to: CL = CD x CG CD + CG
+ CS
500 ppm ( 0.05%)
_ 1000 ppm ( + 0.1%)
_ 10000 ppm ( + 1.0%) Drive Level 3 W MAX Load Capacitance, CL** 7pF Turning Point, T0** 35OC Temperature Coefficient, k -0.035 ppm/OC2 TYP Note: Frequency f at temperature T is related to frequency f0 at turning point temperature T0 by: f-f0 2 = k(T-T0) f0 Functional Mode Extensional Aging, first year 5ppm MAX Shock, survival 1500 g peak, 0.3 ms, 1/2 sine Vibration, survival 20 g RMS, 10-2,000 Hz random Operating Temp. Range -10OC to +70OC (Commercial) -40OC to +85OC (Industrial) -55OC to +125OC (Military) Storage Temp. Range -55OC to +125OC
(1)
NOTE: CD and CG include stray layout to ground and CS is the stray shunt capacitance between the crystal terminal. In practice, the effective value of CL will be less than that calculated from CD, CG and CS values because of the effect of the amplifier output resistance. CS should be minimized. The oscillation frequency (f0) is approximately equal to: f0 = fS 1 + Where f S C1 C0 C1 2(C0 + CL)
Max Process Temperature
*Tighter tolerances available **Other values available
260OC for 20 sec.
[
]
(2)
NOTE: All values subject to change without notice.
TERMINATIONS
= Series resonant frequency of the crystal = Motional Capacitance = Shunt Capacitance
Designation SM1 SM2 SM3
Termination Gold Plated Solder Plated Solder Dipped
CONVENTIONAL CMOS PIERCE OSCILLATOR CIRCUIT
Rf BUFFER OSC Freq (fO )
PACKAGING OPTIONS
CX4
- Tray Pack - Tape and Reel
(Reference tape and reel data sheet 10109)
AMPLIFIER RA
HOW TO ORDER CX4 CRYSTALS CX4 S C SM1 1.8432M
Frequency K = kHz M = MHz
,
500
Calibration Tolerance @25OC (in ppm)
/
M
Operating Temp. Range: C = -10OC to +70OC I = -40OC to +85OC M = -55OC to +125OC S = Customer Specified
CG
C = Ceramic Lid Blank = Glass Lid "S" if special or custom design. Blank if standard
CX4 XTAL
CD
SM1 = Gold Plated SM2 = Solder Plated SM3 = Solder Dipped
10161 Rev A
S
YS
TEM
CERTIFIC
AT
N IO
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
IS O
90
01


▲Up To Search▲   

 
Price & Availability of CX4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X