Part Number Hot Search : 
LG1030 2SB1018A 4X337M00 IS42S164 BCR3AS CT100 12K8EC PER100
Product Description
Full Text Search
 

To Download BR152L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
RECTIFIER SPECIALISTS
BR1505L THRU BR1510L
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 15 Amperes
FEATURES
* Plastic case with heatsink for Maximum Heat Dissipation * Diffused Junction * High current capability * Surge overload ratings - 300 Amperes * Low forward voltage drop * High Reliability * Designed for saving mounting space
BR-25L
METAL HEAT SINK
MECHANICAL DATA
* Case: Molded plastic with heatsink * Epoxy: UL 94V-0 rate flame retardant * Lead: MIL-STD-202E, Method 208 guaranteed * Polarity: As marked * Mounting position: Any * Weight: 30 grams
.140(3.6) .120(3.1)
.422(11.2) .432(11.0)
.040(1.2) .550 (13.9) MIN. 1.13(28.7) 1.12(28.4)
.200 (5.1)
AC
1.13(28.7) 1.12(28.4)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters) .750 MIN. (19.1)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at Tc = 55oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage Drop per element at 7 .5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage per element I t Rating for Fusing (t<8.3ms) Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts 2.Thermal Resistance from Junction to Case per leg.
2
BR1505L BR151L BR152L BR154L BR156L BR158L BR1510L UNITS 50 35 50 100 70 100 200 140 200 400 280 400 15 300 1.2 10 1000 374 300 2.0 -55 to +150
0
VRRM VRMS VDC IO IFSM VF IR It CJ RJ C TJ,TSTG
2
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volts Amps A 2 Sec pF C/W
0
@TA = 25 oC @TA = 100 oC
C
RATING AND CHARACTERISTIC CURVES (BR1505L THRU BR1510L)
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, (A) 500
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD OUTPUT CURRENT, (A) 25
400
8.3ms Single Half Sine-Wave (JEDEC Mathod)
20
300
15
200
10
100
5
Single Phase Half Wave 60Hz Inductive or Resistive Load
0
1
2
5
10
20
50
100
0
50
100
150
NUMBER OF CYCLES AT 60Hz
CASE TEMPERATURE, (oC)
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, (A) INSTANTANEOUS FORWARD CURRENT, (A) 100 10
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
TJ=25oC
10
1.0
Pulse Width=300ms 1% Duty Cycle
1
.1
TJ=25oC
.1
.6
.7
.8
.9
1.0
1.1
1.2
1.3
.01
0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
DC COMPONENTS CO., LTD.
R


▲Up To Search▲   

 
Price & Availability of BR152L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X