Part Number Hot Search : 
MBR15 1N4002S M57788 4H560838 SB560 AN0332 BYW99P SF2159E
Product Description
Full Text Search
 

To Download BCM5421 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5421
(R)
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
FEATURES * Fully integrated 10BASE-T/100BASE-TX/1000BASE-T
Gigabit Ethernet transceiver * On-chip low-voltage regulators * Fully compliant with IEEE 802.3, 802.3u, and 802.3ab standards * 0.13-m CMOS -- low-power and cost
SUMMARY OF BENEFITS * Provides interoperability with IEEE standard devices
operating at 10, 100, and 1000 Mbps at half- and full-duplex. * Lowers system cost and reduces solution footprint. * Requires no airflow or heatsink.
* Low power
* 1W per port * Wake on LAN support * Advanced power management * Low EMI emissions * Ethernet@WireSpeedTM logic automatically selects the maximum speed based on channel conditions * Cable plant diagnostic * Cable plant analyzer function detects cable plant impairments * Link quality indication LED * Automatic detection and correction of wiring pair swaps, pair skew, and pair polarity * Automatic MDI/MDIX crossover at all speeds * Robust CESD tolerance
* Provides compliance with PCI 2.2 and PC99/PC2000. * Reduces system design constraints to meet EMI emissions
standards. * Automatically configures the link to support the highest possible speed based on link partner capability and characteristics of the channel. * Cable diagnostic function characterizes cable plant condition and immediately indicates cabling issues. * Prevents erroneous equipment return due to bad cable plants. * Prevents manufacturing fall-out due to bad cable plants. * High CESD tolerance prevents equipment damage and return.
* Operates with larger packets for wider range of packet
* * * *
Support for jumbo packets up to 9 KB IEEE 1149.1 (JTAG) boundary scan MII, GMII, TBI, RGMII, and RTBI interface options 117-pin BGA and 128-pin MQFP packages
protocol support and improved efficiency. * Ease of manufacturing with JTAG support, simplified power supply, and multiple MAC interfaces. * Simplifies system and board design. * RGMII/RTBI reduces I/O pin requirement over GMII and TBI by more than 50%.
10/100/1000BASE-T Network Interface Card
BCM5700 Gigabit PCI MAC
1000BASE-T Gigabit Uplink
Transformer
RJ-45
BCM5421
BCM5605 24FE+2G Switch
BCM5421
Transformer
RJ-45
BCM5421
Transformer
Octal 10/100Mbps Phy
BCM5228
Octal 10/100Mbps Phy
BCM5228
Octal 10/100Mbps Phy
BCM5228
RJ-45
OVERVIEW
16
TX DAC
Symbol Encoder Echo Canceller XTALK Canceller X3 Symbol
TRD [3:0]+ {1:4}*
Gain Automatic Control
TXD[7:0] TX_EN {1:4}* TX_ER {1:4}* GTX_CLK {1:4}* TX_CLK {1:4}* COL {1:4}* CRS {1:4}* RX_CLK {1:4}* RX_DV {1:4}* RX_ER {1:4}* RXD[7:0] {1:4}*
PGA
ADC
FFE
DFE/ Trellis Decoder
Decoder/ Aligner
AutoNegotiation XTALI XTALO RDAC {1:2}* Clock Generator Bias Generator
Timing & Phase Recovery
MII Registers
MII MGMT Control
MDC MDIO INTR{1:4}* Modes
*{1:4} Refers to the four separate Gigabit transceivers in the BCM5404
The BCM5421 is a fully integrated 10/100/1000BASE-T Gigabit Ethernet transceiver. The BCM5421 is optimized for low power and small footprint size to enable Network Interface Card (NIC) and uplink applications. By lowering system cost and reducing power dissipation by nearly 50%, the BCM5421 enables a new class of cost-effective Gigabit Ethernet equipment, driving the delivery of Gigabit bandwidth to the desktop. The BCM5421's Digital Signal Processor based architecture and advanced power management techniques combine to achieve robust and low power operation over the existing CAT 5 twisted pair wiring. The BCM5421 architecture not only meets the requirements of 802.3, 802.3u, and 802.3ab, but maintains the industry's highest level of margin over IEEE requirements for Echo, NEXT, and FEXT. Low power is a key factor in implementing Gigabit small form factor NICs and uplinks and, at 1W per port, the BCM5421 dissipates nearly half the power of previous Gigabit PHY transceivers. For NIC applications, support for Wake on LAN enables compliance with PCI 2.2 and PC99/PC2000. In addition, the BCM5421 has extremely low EMI emissions, which reduces the design constraints required to meet EMI emissions specifications. This device represents the fourth generation of Gigabit Ethernet transceivers based on the same field-proven architecture as in the BCM5400, BCM5401, BCM5411, and BCM5402 transceivers. The fourth-generation Gigabit PHY core has already been deployed in the BCM5404, a quad port 10/100/1000BASE-T device of which the BCM5421 is a single-port slice.
The BCM5421 incorporates a number of advanced features. A link quality indicator LED gives installers an instant visual indication if there are any problems with the wiring plant supporting operation at the desired speed. This includes physical wiring defects that the BCM5421 cannot automatically correct for and channel conditions such as excessive cable length, and return loss, crosstalk, echo, and noise. Broadcom's cable analyzer software can be used with the device to provide remote management of the cable and a first level of diagnostics and fault isolation. The BCM5421 is fully compatible with the IEEE 802.3 standard for auto-negotiation of speed, but additionally supports Ethernet@WireSpeedTM. Ethernet@WireSpeed allows the BCM5421 to force auto-negotiation to automatically establish link at speeds that the channel can reliably support, preventing failure to link due to standard IEEE auto-negotiation at higher speeds over impaired cable plants. The BCM5421 also has ESD tolerance well above typical industry standards. This prevents ESD damage not only during manufacturing but during CESD events in the field. Cable-sourced electrostatic discharge (CESD) is an ESD event that occurs when an electrically charged network cable is plugged into a network port, an issue becoming more prevalent with recent cable installations. In addition to supporting the IEEE 802.3 Standard Gigabit Media Independent Interface (GMII), and the industry-standard Ten Bit Interface (TBI), the BCM5421 also supports the RGMII and RTBI interfaces. RGMII is a reduced pin-count (12 versus 25) version of the GMII, and RTBI is a reduced pin-count version of TBI utilizing standard ASIC technology. The high-density package, multiple MAC interfaces, and streamlined power supply lowers system cost and simplifies the system and board level design.
Broadcom(R), the pulse logo, Ethernet@WireSpeedTM, and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2004 by BROADCOM CORPORATION. All rights reserved. 5421-PB05-R 07/09/04
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5421

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X