Part Number Hot Search : 
2SD1260A 1N695A TNY267G PA1280NL 033LLB44 MAX4185 M62254 SX21V001
Product Description
Full Text Search
 

To Download BAV74LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
www..com
SEMICONDUCTOR TECHNICAL DATA
Order this document by BAV74LT1/D
Monolithic Dual Switching Diode
ANODE 1 3 CATHODE 2 ANODE
BAV74LT1
3 1
MAXIMUM RATINGS (EACH DIODE)
Rating Reverse Voltage Forward Current Peak Forward Surge Current Symbol VR IF IFM(surge) Value 50 200 500 Unit Vdc mAdc mAdc
2
CASE 318 - 08, STYLE 9 SOT- 23 (TO - 236AB)
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board(1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate,(2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 Rq JA PD 556 300 2.4 Rq JA TJ, Tstg 417 - 55 to +150 Unit mW mW/C C/W mW mW/C C/W C
DEVICE MARKING
BAV74LT1 = JA
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (EACH DIODE)
Characteristic Symbol Min Max Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage (I(BR) = 5.0 Adc) Reverse Voltage Leakage Current (VR = 50 Vdc, TJ = 125C) (VR = 50 Vdc) Diode Capacitance (VR = 0, f = 1.0 MHz) Forward Voltage (IF = 100 mAdc) Reverse Recovery Time (IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc, measured at IR = 1.0 mA, RL = 100 ) 1. FR- 5 = 1.0 0.75 0.062 in. 2. Alumina = 0.4 0.3 0.024 in. 99.5% alumina. V(BR) IR -- -- CD VF trr -- -- -- 100 0.1 2.0 1.0 4.0 pF Vdc ns 50 -- Vdc Adc
Thermal Clad is a trademark of the Bergquist Company
Motorola Small-Signal Transistors, FETs and Diodes Device Data (c) Motorola, Inc. 1997
1
BAV74LT1
Curves Applicable to Each Anode
100 IF, FORWARD CURRENT (mA) IR , REVERSE CURRENT (A) 10 TA = 150C TA = 85C 10 TA = - 40C 1.0 TA = 125C
0.1
TA = 85C
1.0
TA = 25C
TA = 55C 0.01 TA = 25C
0.1 0.2 0.4 0.6 0.8 1.0 VF, FORWARD VOLTAGE (VOLTS) 1.2
0.001 0 10 20 30 40 VR, REVERSE VOLTAGE (VOLTS) 50
Figure 1. Forward Voltage
Figure 2. Leakage Current
1.0 CD, DIODE CAPACITANCE (pF)
0.9
0.8
0.7
0.6
0
2
4
6
8
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Capacitance
2
Motorola Small-Signal Transistors, FETs and Diodes Device Data
BAV74LT1
INFORMATION FOR USING THE SOT-23 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
SOT-23 SOT-23 POWER DISSIPATION
The power dissipation of the SOT-23 is a function of the pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA . Using the values provided on the data sheet for the SOT-23 package, PD can be calculated as follows: PD = TJ(max) - TA RJA
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient shall be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 225 milliwatts. PD = 150C - 25C 556C/W = 225 milliwatts
The 556C/W for the SOT-23 package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 225 milliwatts. There are other alternatives to achieving higher power dissipation from the SOT-23 package. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
Motorola Small-Signal Transistors, FETs and Diodes Device Data
3
BAV74LT1
PACKAGE DIMENSIONS
A L
3
BS
1 2
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0180 0.0236 0.0350 0.0401 0.0830 0.0984 0.0177 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.45 0.60 0.89 1.02 2.10 2.50 0.45 0.60
V
G
C D H K J
DIM A B C D G H J K L S V
CASE 318-08 ISSUE AE SOT-23 (TO-236AB)
STYLE 9: PIN 1. ANODE 2. ANODE 3. CATHODE
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
4
Motorola Small-Signal Transistors, FETs and Diodes Device Data
BAV74LT1/D


▲Up To Search▲   

 
Price & Availability of BAV74LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X