Part Number Hot Search : 
DG409DJ 27C256 75N10 27C256 SBY30100 68HC705 HCF45 NJSL107T
Product Description
Full Text Search
 

To Download AZ9571-1C-9DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ9571
SUBMINIATURE PC BOARD RELAY
FEATURES * * * * Subminiature size for high density packaging Epoxy sealed for automatic wave soldering High sensitivity: 150 mW nominal with 96 mW pickup UL, CUR E43203
GENERAL DATA
Life Expectancy Mechanical Electrical Minimum operations 10 million operations 1 x 105 at 0.5A 120 VAC Res. 5 ms at nominal coil voltage 5 ms at nominal coil voltage (with no coil suppression) Coil to contact: 7.0 pF Contact to contact: 7.0 pF At 10 mA contact current 2 ms at operate 8 ms at release
CONTACTS
Arrangement Ratings SPDT (1 Form C) Resistive load: Max. switched power: 30 W or 62.5 VA Max. switched current: 1 A Max. switched voltage: 60 VDC or 125 VAC UL Rating: 1 A at 30 VDC 0.3 A at 60 VDC 0.5 A at 125 VAC Silver gold clad < 100 milliohms initially (6 V 1 A method)
Operate Time (typical) Release Time (typical) Capacitance Bounce (typical)
Material Resistance
Dielectric Strength 1000 Vrms coil to contact (at sea level for 1 min.) 400 Vrms between open contacts Insulation Resistance Dropout 100 megohms min. at 20C, 500 VDC, 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage -40C (-40F) to 70C (158F) -25C (-13F) to 105C (221F) 3.3 mm DA at 10-55 Hz 10 g Functional, 100g destructive P.E.T. polyester Tinned copper alloy 270C (518F) 5 seconds 30 seconds 2.2 grams
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Standard coil:128 mW Sensitive coil: 96 mW .5 W at 20C (68F) ambient
Ambient Temperature Operating Storage
Standard: 33C (59F) at nominal coil voltage Sensitive: 25C (45F) at nominal coil voltage Max. 105C (221F)
Vibration Shock Enclosure
Temperature
Terminals
NOTES
1. 2. 3. 4. All values at 20C (68F). Relay may pull in with less than "Must Operate" value. Other coil resistances and sensitivities available upon request. Specifications subject to change without notice.
Max. Solder Temp. Max. Solder Time Max. Immersion Time Weight
4/02/09W
AZ9571
RELAY ORDERING DATA
COIL SPECIFICATIONS: STANDARD COIL
Nominal Coil VDC 3 5 6 9 12 24 Must. Operate VDC 2.4 4.0 4.8 7.2 9.6 19.2 Max. Continuous VDC 4.5 7.5 9.0 13.5 18 36 Coil Resistance 10% 45.0 125 180 405 720 2880
ORDER NUMBER
AZ9571-1C-3DE AZ9571-1C-5DE AZ9571-1C-6DE AZ9571-1C-9DE AZ9571-1C-12DE AZ9571-1C-24DE
COIL SPECIFICATIONS: SENSITIVE COIL
Nominal Coil VDC 3 5 6 9 12 24 Must. Operate VDC 2.4 4.0 4.8 7.2 9.6 19.2 Max. Continuous VDC 6.0 10.0 12.0 18.0 24.0 48.0 Coil Resistance 10% 60.0 167 240 540 960 3840
ORDER NUMBER
AZ9571-1C-3DSE AZ9571-1C-5DSE AZ9571-1C-6DSE AZ9571-1C-9DSE AZ9571-1C-12DSE AZ9571-1C-24DSE
MECHANICAL DATA
.504MAX [12.8]
.307MAX [7.8]
PC BOARD LAYOUT
.100 [2.54] .300 [7.62]
.406MAX [10.3]
.200 [5.08]
.020 [0.5] .020 [0.5] .100 [2.54] .300 [7.62]
O [O1.0]
.138 [3.5]
WIRING DIAGRAM
2 6
.200 [5.08]
1 9 5
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
4/02/09W


▲Up To Search▲   

 
Price & Availability of AZ9571-1C-9DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X