Part Number Hot Search : 
TRRPB SBE818 2009ETI C253J R2010 UHE1A472 U1504 LC72131
Product Description
Full Text Search
 

To Download AWT6133 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AWT6133
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Data Sheet - Rev 2.0
FEATURES
* * * * * * * * * InGaP HBT Technology High Efficiency: 38% Low Quiescent Current: 50 mA Low Leakage Current in Shutdown Mode: <1 A VREF = +2.85 V (+2.7 V min over temp) Optimized for a 50 System Low Profile Miniature Surface Mount Package: 1.56 mm Max CDMA 1XRTT Compliant CDMA 1xEV-DO Compliant
APPLICATIONS
* * PCS CDMA Wireless Handsets Dual Band CDMA Wireless Handsets
M7 Package 10 Pin 4 mm x 4 mm x 1.5 mm Surface Mount Module
PRODUCT DESCRIPTION
The AWT6133 meets the increasing demands for higher efficiency and linearity in CDMA 1XRTT handsets. The PA module is optimized for VREF = +2.85 V, a requirement for compatibility with the Qualcomm(R) 6000 chipset. The device is manufactured on an advanced InGaP HBT MMIC technology offering state-of-the-art reliability, temperature stability, and ruggedness. Selectable bias modes that optimize efficiency for different output power levels, and a shutdown mode with low leakage current, increase handset talk and standby time. The self-contained 4 mm x 4 mm x 1.5 mm surface mount package incorporates matching networks optimized for output power, efficiency, and linearity in a 50 system.
GND at slug (pad) VCC RFIN GND
1 2 3 Bias Control 10 VCC 9 8 7 6
GND RFOUT GND GND
VMODE 4 VREF 5
Figure 1: Block Diagram
12/2004
AWT6133
GND VCC RFIN GND VMODE VREF 1 2 3 4 5 GND
10 VCC 9 8 7 6 GND RFOUT GND GND
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
PIN 1 2 3 4 5 6 7 8 9 10 NAME V CC RFIN GND VMODE VREF GND GND RFOUT GND V CC DESCRIPTION Supply Voltage RF Input Ground Mode Control Voltage Reference Voltage Ground Ground RF Output Ground Supply Voltage
2
Data Sheet - Rev 2.0 12/2004
AWT6133
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings PARAMETER Supply Voltage (VCC) DC Only RF Drive < +5 dBm Mode Control Voltage (VMODE) Reference Voltage (VREF) RF Input Power (PIN) Storage Temperature (TSTG) MIN 0 0 0 0 -40 MAX +8 +6(1) +3.5 +3.5 +10 +150 UNIT V V V dB m C
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability. Notes: (1) VSWR < 2:1.
Table 3: Operating Ranges
PARAMETER Operating Frequency (f) Supply Voltage (VCC) Reference Voltage (VREF) Mode Control Voltage (VMODE) RF Output Power (POUT) Case Temperature (TC) MIN 1850 +3.2 +2.7 0 +2.5 0 +28.5(1) -30 TYP +3.5 +2.85 +2.85 +29.0 MAX 1910 +4.2 +2.9 +0.5 +3.1 +0.5 +85 UNIT MHz V V V dB m C PA "on" PA "shut down" Low Bias Mode High Bias Mode COMMENTS
The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications. Notes: (1) For operation at TC = +85 C and VCC = +3.2 V, POUT is derated by 0.5 dB.
Data Sheet - Rev 2.0 12/2004
3
AWT6133 Table 4: Electrical Specifications (TC = +25 C, VCC = +3.5 V, VREF = +2.85 V, 50 system)
PARAMETER Gain Adjacent Channel Power (1) at 61.25 MHz offset Primary Channel BW = 1.23 MHZ Adjacent Channel BW = 30 kHz Adjacent Channel Power at 62.25 MHz offset Primary Channel BW = 1.23 MHZ Adjacent Channel BW = 30 kHz Power-Added Efficiency (1) Quiescent Current (Icq) Reference Current Mode Control Current Leakage Current Noise in Receive Band 1930 MHz to 1990 MHz Harmonics 2fo 3fo, 4fo Input Impedance MIN 25 22 TYP 27 24.5 MAX 30 27 UNIT dB COMMENTS POUT = +29 dBm, VMODE = 0 V POUT = +16 dBm, VMODE = +2.85 V
-
-49 -50
-47 -47
dB c
POUT = +29 dBm, VMODE = 0 V POUT = +16 dBm, VMODE = +2.85 V
36 7.25 -
-60 -65 38 8 110 50 3.7 0.3 <1 -136
-57 -57 125 65 5 0.5 5 -134
dB c % mA mA mA mA dBm/Hz
POUT = +29 dBm, VMODE = 0 V POUT = +16 dBm, VMODE = +2.85 V POUT = +29.5 dBm, VMODE = 0 V POUT = +16 dBm, VMODE = +2.85 V VMODE = 0 V VMODE = +2.85 V through VREF pin, PA on through VMODE pin, VMODE = +2.85 V VCC = +4.2 V, VREF = 0 V VMODE = 0 V
-
-45 -55 -
-30 -30 2:1
dB c VSWR POUT [ +29 dBm In-band load VSWR < 8:1 Out-of-band load VSWR 8:1 Applies over all voltage and temperature operating ranges VCC = +5.0 V, PIN = +5 dBm Applies over full operating temperature range
Spurious Output Level (all spurious outputs)
-
-
-65
dB c
Load mismatch stress with no permanent degradation or failure
8:1
-
-
VSWR
Notes: (1) ACPR and PAE limits apply to middle frequency only.
4
Data Sheet - Rev 2.0 12/2004
AWT6133
APPLICATION INFORMATION
To ensure proper performance, refer to all related Application Notes on the ANADIGICS web site: http://www.anadigics.com Shutdown Mode The power amplifier may be placed in a shutdown mode by applying logic low levels (see Operating Ranges table) to both the VREF and VMODE voltages. Bias Modes The power amplifier may be placed in either a Low Bias mode or a High Bias mode by applying the appropriate logic level (see Operating Ranges table) to the VMODE voltage. The Bias Control table lists the recommended modes of operation for various applications.
Table 5: Bias Control
APPLICATION CDMA - low power CDMA - high power Shutdown
POUT LE V E LS <+16dBm >+16 dBm -
BIAS MODE Low High Shutdown
V R EF
VMODE
+2.85 V +2.85 V +2.85 V 0V 0V 0V
VCC1
VCC2
C1 0.01F
1
C3 0.01F VCC RFIN GND VMODE VREF VCC GND RFOUT GND GND GND at slug
10 9 8 7 6 2 3
C4 2.2F ceramic
RF IN
RF OUT
VMODE VREF
4 5
C2 0.01F
Figure 3: Application Circuit Schematic
Data Sheet - Rev 2.0 12/2004
5
AWT6133
PACKAGE OUTLINE
Figure 4: M7 Package Outline - 10 Pin 4 mm x 4 mm x 1.5 mm Surface Mount Module
AWT6133
AWT6133
BBB
LASER MARKED
Figure 5: Branding Specification 6
Data Sheet - Rev 2.0 12/2004
AWT6133
COMPONENT PACKAGING
Figure 6: Tape & Reel Packaging
Table 6: Tape & Reel Dimensions
PACKAGE TYPE 4 mm x 4 mm x 1.5 mm TAPE WIDTH 12 mm POCKET PITCH 8 mm REEL CAPACITY 2500 MAX REEL DIA 13"
Data Sheet - Rev 2.0 12/2004
7
AWT6133
ORDERING INFORMATION
ORDER NUMBER TEMPERATURE RANGE -30 oC to +85 oC PACKAGE DESCRIPTION 10 P i n 4 mm x 4 mm x 1.5 mm Surface Mount Module COMPONENT PACKAGING
AWT6133M7P8
Tape and Reel, 2500 pieces per Reel
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
8
Data Sheet - Rev 2.0 12/2004


▲Up To Search▲   

 
Price & Availability of AWT6133

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X