Part Number Hot Search : 
KDZTR30B K3595 SMBJ12C MK12H D3FP310 74HC646N HCT20 2SK2736
Product Description
Full Text Search
 

To Download ASCX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Microstructure Pressure Sensors Signal Conditioned 0 psi to 1 psi up to 0 psi to 150 psi
FEATURES * 5 Vdc Supply * High Level Voltage Output * Field Interchangeable * Calibrated and Temperature Compensated * Small Form Factor * Low Power * Offset Adjust TYPICAL APPLICATIONS * Medical Equipment * Industrial Controls * Pneumatic Controls
ASCX Series
WARNING
PERSONAL INJURY DO NOT USE these products as safety or emergency stop devices or in any other application where failure of the product could result in personal injury. Failure to comply with these instructions could result in death or serious injury.
This series is a signal-conditioned version of Honeywell's proven performer and industry leading SCX series sensor. This amplified ASCX device is in a package the same as the SCX but it offers a high level (4.5 V span) output on a very cost-effective basis. This family is fully calibrated and temperature compensated over a range of 0 C to 70 C [32 F to 158 F] but can be operated from -25 C to 105 C [-13 F to 221 F]. These sensors are intended for use with non-corrosive, non-ionic working fluids such as air and dry gases. Devices are available to measure absolute, differential and gage pressures from 1 psi (ASCX01) up to 150 psi (ASCX150). The absolute devices (A) have an internal vacuum reference and an output voltage proportional to absolute pressure. Differential devices (D) allow application of pressure to either side of the sensing diaphragm and can be used for gage or differential pressure measurements. The ASCX series devices feature an integrated circuit (IC) sensor element and laser trimmed thick film ceramic housed in a compact solvent resistant case. It provides excellent corrosion resistance and isolation to external packaging stresses. The package has convenient mounting holes and pressure ports for ease of use with standard plastic tubing for pressure connection. All ASCX devices are calibrated for span to within 1 % (typically 0.2 %) of FSO. The devices are characterized for operation from a single 5 volt supply although sensitivity is ratiometric to the supply voltage and any dc supply from 5 Vdc to 16 Vdc is acceptable. The ACSX series requires very low quiescent current compared to other signal conditioned pressure sensors, thus, this series is ideal for batterypowered applications. The 100 microseconds response time makes this series an excellent choice for computer peripherals and pneumatic control applications. Contact your local honeywell representative, or go to Honeywell's website at www.honeywell.com/sensing for additional details.
WARNING
MISUSE OF DOCUMENTATION * The information presented in this product sheet is for reference only. Do not use this document as a product installation guide. * Complete installation, operation, and maintenance information is provided in the instructions supplied with each product. Failure to comply with these instructions could result in death or serious injury.
Sensing and Control
Microstructure Pressure Sensors Signal Conditioned 0 psi to 1 psi up to 0 psi to 150 psi
PRESSURE RANGE SPECIFICATIONS
Full-Scale Span Operating Proof Pressure Pressure (2) ASCX01DN 0 psid to 1 psid 20 psid ASCX05DN 0 psid to 5 psid 20 psid ASCX15AN 0 psia to 15 psia 30 psia ASCX15DN 0 psid to 15 psid 30 psid ASCX30AN 0 psia to 30 psia 60 psia ASCX30DN 0 psid to 30 psid 60 psid ASCX100AN 0 psia to 100 psia 150 psia ASCX100DN 0 psid to 100 psid 150 psid ASCX150AN 0 psia to 150 psia 150 psia ASCX150DN 0 psid to 150 psid 150 psid * Ordering information: Order model number. Model * Sensitivity (3) 4.5V/psi 0.9V/psi 0.3V/psi 0.3V/psi 0.15V/psi 0.15V/psi 45mV/psi 45mV/psi 30mV/psi 30mV/psi Min. 4.43 V Typ. 4.50 V
(1)
ASCX Series
Max. 4.57 V
4.455 V
4.50 V
4.545 V
MAXIMUM RATINGS
Characteristic Supply Voltage (VS) Output Current Source Sink Lead Soldering Temperature (2 seconds to 4 seconds) Maximum Pressure On Any Port Quiescent Current Description 4.5 Vdc to 16 Vdc 5 mA 3 mA 250 C [482 F] 150 psi 4 mA
PARAMETER REFERENCE CONDITIONS
Model Supply Voltage Reference Temperature Load Condition Common Mode Pressure Reference Conditions 5.01 0.01 Vdc 25 C [77 F] 200 kOhm 0 psig
ENVIRONMENTAL SPECIFICATIONS
Characteristic Compensated Operating Temperature Operating Temperature Storage Temperature Description (Maximum Ratings) All Devices 0 C to 70 C [32 F to 158 F] -25 C to 105 C [-13 F to 221 F] -55 C to 125 C [-67 F to 257 F]
2 Honeywell * Sensing and Control
Microstructure Pressure Sensors Signal Conditioned 0 psi to 1 psi up to 0 psi to 150 psi
ASCX PERFORMANCE CHARACTERISTICS (4)
Characteristic Offset (5) Models ASCX15/30/100/150xN Models ASCX01/05DN Output @ FS Pressure Combined Pressure Linearity and Hysteresis (6) Temperature Effect on Span 0 C to 70 C [32 F to 158 F] (7) Models ASCX15/30/100/150xN Models ASCX01/05DN Temperature Effect on Offset 0 C to 70 C [32 F to 158 F] (7) Models ASCX15/30/100/150xN Models ASCX01/05DN Repeatability (8) Response Time (9) Min. 0.205 0.180 - - - - - - Typ. 0.250 0.250 4.750 0.1 0.2 0.2 0.5 0.5 0.2 100 Max. 0.295 0.320 0.5 1.0 1.5 1.0 1.5 0.5 -
ASCX Series
Unit Volts Volts Volts % FSO % FSO % FSO % FSO % FSO % FSO Microsec.
SPECIFICATION NOTES
Note 1: Note 2: Note 3: Note 4: Full-Scale Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. Maximum pressure above which causes permanent sensor failure. Sensitivity is ratiometric to supply voltage. Performance specs are shown at reference conditions. Specifications apply for absolute pressure devices with pressure applied to Port A. For gage devices, pressure is applied to Port B and Port A is left open for ambient. For differential pressures, Port B is the high-pressure port. All differential devices feature dual pressure ports and can be used as gage or differential sensors. For absolute devices, Port B is inactive. Offset calibration is at the lowest pressure for each given device. Linearity refers to the best straight line fit as measured for offset, full scale and 1/2 full-scale pressure. Temperature errors are the maximum shift over 0 C to 70 C [32 F to 158 F], relative to the 25 C [77 F] reading. Maximum difference in output at any pressure within the operating pressure range and the temperature within 0 C to 70 C [32 F to 158 F] after: a) 100 temperature cycles, 0 C to 70 C [32 F to 158 F] b) 1.0 million pressure cycles, 0 psi to Full-Scale Span. Response time for a 0 psi to Full-Scale Span pressure step change, 10 % to 90 % rise time.
Note 5: Note 6: Note 7: Note 8:
Note 9:
ELECTRICAL CONNECTION
Pinout ASCX Series
PIN 1) External Offset Adjustment PIN 2) Vs PIN 3) + Output PIN 4) Ground PIN 5) N/C PIN 6) Do Not Use
Honeywell * Sensing and Control 3
Microstructure Pressure Sensors Signal Conditioned 0 psi to 1 psi up to 0 psi to 150 psi
PHYSICAL DIMENSIONS for Reference Only (mm/in)
ASCX Series
WARRANTY/REMEDY
Honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. Contact your local sales office for warranty information. If warranted goods are returned to Honeywell during the period of coverage, Honeywell will repair or replace without charge those items it finds defective. The foregoing is Buyer's sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. Specifications may change without notice. The information we supply is believed to be accurate and reliable as of this printing. However, we assume no responsibility for its use. While we provide application assistance personally, through our literature and the Honeywell web site, it is up to the customer to determine the suitability of the product in the application. For application assistance, current specifications, or name of the nearest Authorized Distributor, contact a nearby sales office. Or call: 1-800-537-6945 USA/Canada 1-815-235-6847 International FAX 1-815-235-6545 USA INTERNET www.honeywell.com/sensing info.sc@honeywell.com
Sensing and Control www.honeywell.com/sensing Honeywell 11 West Spring Street Freeport, Illinois 61032
008104-1-EN IL50 GLO 1203 Printed in USA Copyright 2003 Honeywell International Inc. All Rights Reserved


▲Up To Search▲   

 
Price & Availability of ASCX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X