Part Number Hot Search : 
STC6343S C1413 T5551 SMJ30CA C2314 SMCJ7 CS49DV8C M57762
Product Description
Full Text Search
 

To Download 74ALVC374 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74ALVC374 Octal D-type flip-flop; positive edge-trigger; 3-state
Product specification File under Integrated Circuits, IC24 2002 Feb 26
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
FEATURES * Wide supply voltage range from 1.65 to 3.6 V * Complies with JEDEC standard: JESD8-7 (1.65 to 1.95 V) JESD8-5 (2.3 to 2.7 V) JESD8B/JESD36 (2.7 to 3.6 V). * 3.6 V tolerant inputs/outputs * CMOS LOW power consumption * Direct interface with TTL levels (2.7 to 3.6 V) * Power-down mode * Latch-up performance exceeds 250 mA * ESD protection: 2000 V Human Body Model (JESD22-A 114-A) 200 V Machine Model (JESD22-A 115-A). DESCRIPTION
74ALVC374
The 74ALVC374 is a high-performance, low-power, low-voltage, Si-gate CMOS device and superior to most advanced CMOS compatible TTL families. The 74ALVC374 is an octal D-type flip-flop featuring separate D-type inputs for each flip-flop and 3-state outputs for bus oriented applications. A clock (CP) input and an output enable (OE) input are common to all flip-flops. The eight flip-flops will store the state of their individual D-inputs that meet the set-up and hold times requirements on the LOW-to-HIGH CP transition. When OE is LOW, the contents of the eight flip-flops is available at the outputs. When OE is HIGH, the outputs go to the high-impedance OFF-state. Operation of the OE input does not affect the state of the flip-flops. The `374' is functionally identical to the `574', but the `574' has a different pin arrangement.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C. SYMBOL tPHL/tPLH PARAMETER propagation delay CP to Qn CONDITIONS VCC = 1.8 V; CL = 30 pF; RL = 1 k VCC = 2.5 V; CL = 30 pF; RL = 500 VCC = 2.7 V; CL = 50 pF; RL = 500 VCC = 3.3 V; CL = 50 pF; RL = 500 CI CPD input capacitance power dissipation capacitance per buffer VCC = 3.3 V; notes 1 and 2 outputs enable outputs disabled Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts. 2. The condition is VI = GND to VCC. 21 13 pF pF TYPICAL 3.1 2.3 2.5 2.5 3.5 UNIT ns ns ns ns pF
2002 Feb 26
2
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
ORDERING INFORMATION PACKAGES TYPE NUMBER PINS 74ALVC374D 74ALVC374PW FUNCTION TABLE See note 1. INPUT OPERATING MODES OE Load and read register Latch and read register L L H H Note 1. H = HIGH voltage level; h = HIGH voltage level one set-up time prior to the HIGH-to-LOW CP transition; L = LOW voltage level; l = LOW voltage level one set-up time prior to the HIGH-to-LOW CP transition; = LOW-to-HIGH clock transition; Z = high-impedance OFF-state. PINNING PIN 1 OE SYMBOL 3-state flip-flop outputs data inputs ground (0 V) clock input (LOW-to-HIGH, edge triggered) supply voltage DESCRIPTION output enable input (active LOW) CP Dn l h l h INTERNAL FLIP-FLOPS L H L H 20 20 PACKAGE SO TSSOP MATERIAL plastic plastic
74ALVC374
CODE SOT163-1 SOT360-1
OUTPUTS Q0 to Q7 L H Z Z
2, 5, 6, 9, 12, 15, 16, 19 Q0 to Q7 3, 4, 7, 8, 13, 14, 17, 18 D0 to D7 10 11 20 GND CP VCC
2002 Feb 26
3
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
74ALVC374
handbook, halfpage
OE 1 Q0 2 D0 3 D1 4 Q1 5
20 VCC 19 Q7 18 D7 17 D6 16 Q6
handbook, halfpage
11 3 4 7 8 13 14 17 18 CP D0 D1 D2 D3 D4 D5 D6 D7 OE 1 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 2 5 6 9 12 15 16 19
374
Q2 6 D2 7 D3 8 Q3 9 GND 10
MNA194
15 Q5 14 D5 13 D4 12 Q4 11 CP
MNA195
Fig.1 Pin configuration.
Fig.2 Logic symbol.
handbook, halfpage
1 11
EN C1 2 5 6 9 12 15 16 19
MNA196
handbook, halfpage
3 4
D0 D1 D2 D3 D4 D5 D6 D7 FF1 to FF8 3-STATE OUTPUTS
Q0 Q1 Q2 Q3
2 5 6 9
3 4 7 8 13 14 17 18
1D
7 8 13 14 17 18
Q4 12 Q5 15 Q6 16 Q7 19
11 CP 1 OE
MNA197
Fig.3 IEE/IEC logic symbol.
Fig.4 Function diagram.
2002 Feb 26
4
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
74ALVC374
D0 handbook, full pagewidth
D1
D2
D3
D4
D5
D6
D7
D
Q FF1
D
Q FF2
D
Q FF3
D
Q FF4
D
Q FF5
D
Q FF6
D FF7 CP
Q
D
Q FF8
CP
CP
CP
CP
CP
CP
CP
CP OE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
MNA449
Fig.5 Logic diagram.
2002 Feb 26
5
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
RECOMMENDED OPERATING CONDITIONS SYMBOL VCC VI VO PARAMETER supply voltage input voltage output voltage CONDITIONS 0 enable mode; VCC = 1.65 to 3.6 V 0 disable mode; VCC = 1.65 to 3.6 V 0 Power-down mode; VCC = 0 V Tamb tr, tf operating ambient temperature input rise and fall times VCC = 1.65 to 2.7 V VCC = 2.7 to 3.6 V 0 -40 0 0 MIN. 1.65 3.6 3.6 VCC 3.6 3.6 +85 20 10
74ALVC374
MAX. V V V V V
UNIT
C ns/V ns/V
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC IIK VI IOK VO PARAMETER supply voltage input diode current input voltage output diode current output voltage VO > VCC or VO < 0 enable mode; notes 1 and 2 disable mode Power-down mode; note 2 IO IGND, ICC Tstg Ptot output diode current VCC or GND current storage temperature power dissipation per package SO package TSSOP package Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. When VCC = 0 V (Power-down mode), the output voltage can be 3.6 V in normal operation. above 70 C derate linearly with 8 mW/K above 60 C derate linearly with 5.5 mW/K - - 500 500 mW mW VO = 0 to VCC VI < 0 CONDITIONS - -0.5 - -0.5 -0.5 -0.5 - - -65 MIN. -0.5 MAX. +4.6 -50 +4.6 50 VCC + 0.5 +4.6 +4.6 50 100 +150 V mA V mA V V V mA mA C UNIT
2002 Feb 26
6
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
DC CHARACTERISTICS At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER VIH HIGH-level input voltage VCC (V) MIN. 1.7 2 - - - - - - - - - VCC - 0.2 1.25 1.8 1.7 2.2 2.4 2.2 - - - - -
74ALVC374
Tamb (C) -40 to +85 TYP.(1) - - - 0.7 0.8 0.2 0.3 0.4 0.6 0.4 0.4 0.55 - - - - - - - 5 10 10 10 750 - - - - - - 0.11 0.17 0.25 0.16 0.23 0.30 - 1.51 2.10 2.01 2.53 2.76 2.68 0.1 0.1 0.1 0.2 5 MAX. V V V V V V V V V V V V V V V V V V V A A A A A UNIT
1.65 to 1.95 0.65 x VCC - 2.3 to 2.7 2.7 to 3.6
VIL
LOW-level input voltage VI = VIH or VIL; IO = 100 A VI = VIH or VIL; IO = 6 mA VI = VIH or VIL; IO = 12 mA VI = VIH or VIL; IO = 18 mA VI = VIH or VIL; IO = 12 mA VI = VIH or VIL; IO = 18 mA VI = VIH or VIL; IO = 24 mA
1.65 to 1.95 - 2.3 to 2.7 2.7 to 3.6 1.65 to 3.6 1.65 2.3 2.3 2.7 3.0 3.0 1.65 2.3 2.3 2.7 3.0 3.0 3.6 1.65 to 3.6 0.0 3.6 3.0 to 3.6
0.35 x VCC V
VOL
LOW-level output voltage
VOH
HIGH-level output voltage
VI = VIH or VIL; IO = -100 A 1.65 to 3.6 VI = VIH or VIL; IO = -6 mA VI = VIH or VIL; IO = -12 mA VI = VIH or VIL; IO = -18 mA VI = VIH or VIL; IO = -12 mA VI = VIH or VIL; IO = -18 mA VI = VIH or VIL; IO = -24 mA
II IOZ Ioff ICC ICC
input leakage current 3-state output OFF-state current
VI = 3.6 V or GND VI = VIH or VIL; VO = 3.6 V or GND; note 2
power OFF leakage VI or VO = 0 to 3.6 V current quiescent supply current additional quiescent supply current per input pin VI = VCC or GND; IO = 0 VI = VCC - 0.6 V; IO = 0
Notes 1. All typical values are measured at VCC = 3.3 V and Tamb = 25 C. 2. For transceivers, the parameter IOZ includes the input leakage current.
2002 Feb 26
7
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
AC CHARACTERISTICS TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS tPHL/tPLH propagation delay CP to Qn see Figs 6 and 9 VCC (V) 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 tPZH/tPZL 3-state output enable time OE to Qn see Figs 8 and 9 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 tPHZ/tPLZ 3-state output disable time OE to Qn see Figs 8 and 9 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 tW clock pulse with HIGH or LOW see Figs 7 and 9 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 tsu set-up time Dn to CP see Figs 7 and 9 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 th hold time Dn to CP see Figs 7 and 9 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 fmax maximum clock pulse frequency see Figs 6 and 9 2.3 to 2.7 2.7 3.0 to 3.6 Note 1. All typical values are measured at Tamb = 25 C. MIN. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 1.0 1.5 1.0 3.8 3.3 3.3 3.3 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.7 100 100 150
74ALVC374
Tamb (C) -40 to +85 TYP.(1) 3.1 2.3 2.5 2.5 3.2 2.6 3.2 2.4 3.6 2.3 2.9 2.8 1.1 0.9 0.8 1.2 -0.1 0.1 0.3 0.0 -0.1 0.1 0.4 -0.1 200 200 300 MAX. 6.4 3.9 3.6 3.6 6.4 4.5 4.6 4.0 7.0 4.4 4.4 4.4 - - - - - - - - - - - - - - - ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns MHz MHz MHz UNIT
2002 Feb 26
8
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
AC WAVEFORMS
74ALVC374
handbook, full pagewidth
1/f max VI CP input GND tW tPHL tPLH VM
Qn output
VM
MNA200
INPUT VCC 1.65 to 1.95 V 2.3 to 2.7 V 2.7 V 3.0 to 3.6 V VM 0.5 x VCC 0.5 x VCC 1.5 V 1.5 V VCC VCC 2.7 V 2.7 V VI tr = tf 2.0 ns 2.0 ns 2.5 ns 2.5 ns
Fig.6 Input Dn to output Qn propagation delay times, the clock pulse width and the clock pulse frequency.
2002 Feb 26
9
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
74ALVC374
handbook, full pagewidth
VI CP input GND tsu th VI Dn input GND VM tsu th VM
Qn output
VM
MNA202
INPUT VCC 1.65 to 1.95 V 2.3 to 2.7 V 2.7 V 3.0 to 3.6 V VM 0.5 x VCC 0.5 x VCC 1.5 V 1.5 V VCC VCC 2.7 V 2.7 V VI tr = tf 2.0 ns 2.0 ns 2.5 ns 2.5 ns
The shaded areas indicate when the input is permitted to change for predictable output performance.
Fig.7 Data set-up and hold rimes for Dn to CP.
2002 Feb 26
10
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
74ALVC374
handbook, full pagewidth
VI OE input GND t PLZ VCC Qn output LOW-to-OFF OFF-to-LOW VOL t PHZ Qn output HIGH-to-OFF OFF-to-HIGH VOH VY VM GND outputs enabled outputs disabled outputs enabled
MNA395
VM
t PZL
VM VX t PZH
INPUT VCC 1.65 to 1.95 V 2.3 to 2.7 V 2.7 V 3.0 to 3.6 V VM 0.5 x VCC 0.5 x VCC 1.5 V 1.5 V VCC VCC 2.7 V 2.7 V VI tr = tf 2.0 ns 2.0 ns 2.5 ns 2.5 ns
VX = VOL + 0.3 V at VCC 2.7 V; VX = VOL + 0.15 V at VCC < 2.7 V; VY = VOH - 0.3 V at VCC 2.7 V; VY = VOH - 0.15 V at VCC < 2.7 V. VOL and VOH are typical output voltage drop that occur with the output load.
Fig.8 3-state enable and disable times.
2002 Feb 26
11
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
74ALVC374
handbook, full pagewidth
VEXT VCC PULSE GENERATOR VI D.U.T. RT CL RL VO RL
MNA616
VCC 1.65 to 1.95 V 2.3 to 2.7 V 2.7 V 3.0 to 3.6 V
VI VCC VCC 2.7 V 2.7 V
CL 30 pF 30 pF 50 pF 50 pF
RL 1 k 500 500 500
VEXT tPLH/tPHL open open open open tPZH/tPHZ GND GND GND GND tPZL/tPLZ 2 x VCC 2 x VCC 6V 6V
RL = Load resistor. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig.9 Load circuitry for switching times.
2002 Feb 26
12
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
PACKAGE OUTLINES SO20: plastic small outline package; 20 leads; body width 7.5 mm
74ALVC374
SOT163-1
D
E
A X
c y HE vMA
Z 20 11
Q A2 A1 pin 1 index Lp L 1 e bp 10 wM detail X (A 3) A
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT163-1 REFERENCES IEC 075E04 JEDEC MS-013 EIAJ EUROPEAN PROJECTION A max. 2.65 0.10 A1 0.30 0.10 A2 2.45 2.25 A3 0.25 0.01 bp 0.49 0.36 c 0.32 0.23 D (1) 13.0 12.6 0.51 0.49 E (1) 7.6 7.4 0.30 0.29 e 1.27 0.050 HE 10.65 10.00 L 1.4 Lp 1.1 0.4 Q 1.1 1.0 v 0.25 0.01 w 0.25 0.01 y 0.1 0.004 Z
(1)
0.9 0.4 0.035 0.016
0.012 0.096 0.004 0.089
0.019 0.013 0.014 0.009
0.419 0.043 0.043 0.055 0.394 0.016 0.039
8 0o
o
ISSUE DATE 97-05-22 99-12-27
2002 Feb 26
13
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm
74ALVC374
SOT360-1
D
E
A
X
c y HE vMA
Z
20
11
Q A2 pin 1 index A1 (A 3) A
Lp L
1
e bp
10
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.10 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 6.6 6.4 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1.0 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.5 0.2 8 0o
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT360-1 REFERENCES IEC JEDEC MO-153 EIAJ EUROPEAN PROJECTION ISSUE DATE 95-02-04 99-12-27
2002 Feb 26
14
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
SOLDERING Introduction to soldering surface mount packages This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch SMDs. In these situations reflow soldering is recommended. Reflow soldering Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, convection or convection/infrared heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 220 C for thick/large packages, and below 235 C for small/thin packages. Wave soldering Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed.
74ALVC374
If wave soldering is used the following conditions must be observed for optimal results: * Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Manual soldering Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
2002 Feb 26
15
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
Suitability of surface mount IC packages for wave and reflow soldering methods
74ALVC374
SOLDERING METHOD PACKAGE WAVE BGA, LFBGA, SQFP, TFBGA HBCC, HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, SMS PLCC(3), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes 1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 3. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. not suitable not not not suitable(2) recommended(3)(4) recommended(5) suitable REFLOW(1) suitable suitable suitable suitable suitable
2002 Feb 26
16
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development DEFINITIONS
74ALVC374
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2002 Feb 26
17
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
NOTES
74ALVC374
2002 Feb 26
18
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
NOTES
74ALVC374
2002 Feb 26
19
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2002
SCA74
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613508/01/pp20
Date of release: 2002
Feb 26
Document order number:
9397 750 09438


▲Up To Search▲   

 
Price & Availability of 74ALVC374

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X