|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
( DataSheet : www..com ) 2N3420L Dimensions in mm (inches). 8.51 (0.34) 9.40 (0.37) 7.75 (0.305) 8.51 (0.335) Bipolar NPN Device in a Hermetically sealed TO5 Metal Package. 6.10 (0.240) 6.60 (0.260) 38.00 (1.5) min. 0.89 max. (0.035) 0.41 (0.016) 0.53 (0.021) dia. Bipolar NPN Device. VCEO = 60V 5.08 (0.200) typ. IC = 5A 2.54 (0.100) 2 1 0.74 (0.029) 1.14 (0.045) 0.71 (0.028) 0.86 (0.034) 3 All Semelab hermetically sealed products can be processed in accordance with the requirements of BS, CECC and JAN, JANTX, JANTXV and JANS specifications 45 TO5 (TO205AA) PINOUTS 1 - Emitter 2 - Base 3 - Collector Parameter VCEO* IC(CONT) hFE ft PD Test Conditions Min. Typ. Max. 60 5 Units V A Hz @ 2/1 (VCE / IC) 40 40M 120 0.8 W * Maximum Working Voltage This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk. Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. www..com Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk www..com Generated 20-Aug-02 |
Price & Availability of 2N3420L |