Part Number Hot Search : 
DS100 KSC5030F NTE1882 0F2S2Z40 6708QUM SQD41Y37 KSC2757 80C49
Product Description
Full Text Search
 

To Download 2005G13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 revision for dwg # 1PB-2005G13
M20x1.5 or 1/2" NPT
rev
-
ch.no.
-
description original design
date
11/7/2007
revised by Philipp E.
93 mm [3.7 in]
73 mm [2.9 in]
78 mm [3.1 in]
135 mm [5.3 in]
n22 mm
[.9 in]
45 mm [1.8 in]
225 mm [8.9 in]
2 contact blocks can be used with an illuminated operator. 4 conctact blocks can be used with any non-illuminated operator.
unless otherwise specified: all dimensions are in millimeters third angle projection tolerance XX XX.X XX.XX ALL
This Drawing is the property of
R
= = = =
1 mm 0.5 mm 0.2 mm - mm
M E T R I C
35 Royal Road Flemington, NJ 08822-6000 (908) 806-9400 Fax (908) 806-9490
and is a confidential disclosurelent without consideration other than the borrower's agreement that it shall not be reproduced, copied, lent or disposed of directly or indirectly nor used for any purpose other than that for which it is specifically furnished.
titel 22 mm Aluminum Enclosure Gravity Die Cast 2005G13 (cable entry thread size:
2xM20) and 2009G13 (cable entry thread size: 2x1/2"-14 NPT)
drawn by: Philipp Ernstberger checked by: Laszlo Gyorgypal released by: Laszlo Gyorgypal
185 mm [7.3 in]
11/7/2007 11/7/2007 11/7/2007
drawing no.:
rev.:
-
1PB-2005G13
scale:
-
sheet: 1
of: 1


▲Up To Search▲   

 
Price & Availability of 2005G13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X