Part Number Hot Search : 
10146 27C101A 2450A 3323W101 TRC10 MC100H6 SO1316 GBLC05
Product Description
Full Text Search
 

To Download 1SS400T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
1SS400T1
Preferred Device
High-Speed Switching Diode
Features
* * * * *
High-Speed Switching Applications Lead Finish: 100% Matte Sn (Tin) Qualified Maximum Reflow Temperature: 260C Extremely Small SOD-523 Package This is a Pb-Free Device
http://onsemi.com
1 CATHODE
2 ANODE
MAXIMUM RATINGS (TA = 25C)
Rating Reverse Voltage Forward Current Peak Forward Surge Current Symbol VR IF IFM(surge) Max 100 200 500 Unit V mAdc mAdc 1 SOD-523 CASE 502 PLASTIC
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board (Note 1) @TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Symbol PD 200 1.57 RqJA TJ, Tstg 635 150 mW mW/C C/W C Max Unit
MARKING DIAGRAM
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. FR-4 @ Minimum Pad.
AMG G 1
ELECTRICAL CHARACTERISTICS
Characteristic OFF CHARACTERISTICS Reverse Voltage Leakage Current (VR = 80 Vdc) Diode Capacitance (VR = 0 V, f = 1.0 MHz) Forward Voltage (IF = 100 mAdc) Reverse Recovery Time (IF = IR = 10 mAdc) IR - CD - VF - trr - 4.0 ns 1.2 Vdc 3.0 pF 0.1 mAdc Symbol Min Max Unit
A = Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation may vary depending upon manufacturing location.
ORDERING INFORMATION
Device 1SS400T1 1SS400T1G Package SOD-523* SOD-523* Shipping 3000/Tape & Reel 3000/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. *This package is inherently Pb-Free.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2006
1
December, 2006 - Rev. 4
Publication Order Number: 1SS400T1/D
1SS400T1
820 W +10 V 2.0 k 100 mH 0.1 mF DUT 50 W OUTPUT PULSE GENERATOR 50 W INPUT SAMPLING OSCILLOSCOPE VR 90% IR INPUT SIGNAL iR(REC) = 1.0 mA OUTPUT PULSE (IF = IR = 10 mA; MEASURED at iR(REC) = 1.0 mA) IF 0.1 mF tr 10% tp t IF trr t
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
100 I F, FORWARD CURRENT (mA) I R , REVERSE CURRENT (m A) TA = 85C 10 TA = 25C 1.0
10
TA = 150C TA = 125C
TA = -40C
1.0
0.1
TA = 85C TA = 55C
0.01 TA = 25C 0 10 20 30 40 50 VR, REVERSE VOLTAGE (VOLTS)
0.1
0.2
0.4
0.6
0.8
1.0
1.2
0.001
VF, FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
Figure 3. Leakage Current
0.68 C D , DIODE CAPACITANCE (pF)
0.64
0.60
0.56
0.52
0
2.0
4.0
6.0
8.0
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
http://onsemi.com
2
1SS400T1
PACKAGE DIMENSIONS
SOD-523 CASE 502-01 ISSUE B
-X- A -Y- B 1 D 2 PL 0.08 (0.003)
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. MILLIMETERS MIN NOM MAX 1.10 1.20 1.30 0.70 0.80 0.90 0.50 0.60 0.70 0.25 0.30 0.35 0.07 0.14 0.20 0.15 0.20 0.25 1.50 1.60 1.70 INCHES NOM MAX 0.047 0.051 0.032 0.035 0.024 0.028 0.012 0.014 0.0055 0.0079 0.008 0.010 0.063 0.067
2 TXY
DIM A B C D J K S
MIN 0.043 0.028 0.020 0.010 0.0028 0.006 0.059
C K J S -T-
SEATING PLANE
SOLDERING FOOTPRINT*
1.40 0.0547
0.40 0.0157
0.40 0.0157
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
3
1SS400T1/D


▲Up To Search▲   

 
Price & Availability of 1SS400T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X