Part Number Hot Search : 
PKFC33C HMC10 EVB90121 RT9595 5225B LL400 MC145026 Z25M221S
Product Description
Full Text Search
 

To Download 195D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 195D
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT(R) Conformal Coated
FEATURES
* 8 mm, 12 mm Tape Packaging to EIA-481-1 reeling per IEC 286-3. 7' (178 mm) standard 13" (330 mm) available
* US and European case sizes available
Pb-free Available
RoHS*
COMPLIANT
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 C to + 85 C (To + 125 C with voltage derating) NOTE: Refer to Doc 40088 Capacitance Range: 0.1 F to 330 F Capacitance Tolerance: 10 %, 20 % standard Voltage Rating: 2 WVDC to 50 WVDC
ORDERING INFORMATION
195D TYPE 106 CAPACITANCE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. X0 CAPACITANCE TOLERANCE X0 = 20 % X9 = 10 % 004 DC VOLTAGE RATING AT + 85 C This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 volts). S CASE CODE See Ratings and Case Codes Table 2 TERMINATION T PACKAGING
T = Tape and Reel Style 2 is 7" [178 mm] Reel standard standard 2 = 100 % Tin 1/2" Reel minimum 4 = Gold Plated 13" [330] Reel 8 = Solder available excluding Plated (60/40) the "R" case, on Special Order request. See Tape and Reel Note: Preferred Tolerance and reel sizes are in bold. Specifications. We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage substitutions will be marked with the higher voltage rating.
DIMENSIONS in inches [millimeters]
W
Tantalum Wire Nib Identifies Anode (+) Terminal
L D A B
J
J
H
CASE CODE C
EIA SIZE N/A
L (Max.)
W
H
A
B
D (Ref.) 0.063 [1.60] 0.243 [6.20] 0.115 [2.90] 0.115 [2.90] 0.243 [6.20] 0.243 [6.20] 0.243 [6.20]
J (Max.) 0.004 [0.10] 0.004 [0.10] 0.004 [0.10] 0.004 [0.10] 0.004 [0.10] 0.004 [0.10] 0.004 [0.10]
0.087 0.045 0.010 0.045 0.010 0.016 0.008 0.042 0.010 [2.21] [1.14 0.25] [1.14 0.25] [0.40 0.20] [1.07 0.25] 0.283 0.235 0.012 0.136 0.012 0.051 0.012 0.180 0.025 R 7257 [7.2] [6.0 0.3] [3.5 0.3] [1.3 0.3] [4.6 0.6] 0.143 0.072 0.008 0.048 0.008 0.023 0.010 0.085 0.015 S 3518 [3.63] [1.83 0.20] [1.22 0.20] [0.58 0.25] [2.16 0.37] 0.143 0.104 0.010 0.051 0.010 0.023 0.010 0.085 0.015 V 3527 [3.63] [2.65 0.25] [1.30 0.25] [0.58 0.25] [2.16 0.37] 0.285 0.104 0.010 0.051 0.010 0.040 0.020 0.200 0.027 X 7227 [7.24] [2.65 0.25] [1.30 0.25] [1.00 0.50] [5.08 0.69] 0.285 0.104 0.010 0.069 0.010 0.040 0.020 0.200 0.027 Y 7227 [7.24] [2.65 0.25] [1.75 0.25] [1.00 0.50] [5.08 0.69] 0.285 0.104 0.010 0.104 0.010 0.040 0.020 0.200 0.023 Z 7227 [7.24] [2.65 0.25] [2.65 0.25] [1.00 0.50] [5.08 0.59] Note: The anode termination (D less B) will be a minimum of 0.010 (0.25), C Case = 0.005 (0.131) minimum * Pb containing terminations are nor RoHS compliant, exemptions may apply www.vishay.com 1 For technical questions, contact: tantalum@vishay.com
Document Number: 40001 Revision: 16-May-06
195D
Solid Tantalum Chip Capacitors TANTAMOUNT(R) Conformal Coated
RATINGS AND CASE CODES
F 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 120 150 180 220 330 C S S S V X X Y Y Z R R R R R C S S S V X X Y Y Z Z R R R R C S S S V X X Y Z Z R R R R C S S S V X X Y Z Z R R C S S S V X X Y Z Z R R C S S S V X X Y Y Z R R C S S S V X Y Z Z Z R R 4V 6.3 V 10 V 16 V 20 V 25 V 35 V 50 V C C C S V V X X Y Z Z R R
Vishay Sprague
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER* Max. DCL at + 25 C (A) 0.5 0.5 0.5 0.5 0.6 0.9 1.3 1.9 2.7 4.0 4.8 6.0 7.2 8.8 13.2 Max. DF at + 25 C 120 Hz (%) 6 6 6 6 6 6 6 6 6 8 8 8 8 8 8
4 WVDC AT + 85 C, SURGE = 5 V . . . 2.7 WVDC AT + 125 C, SURGE = 3.4 V 3.3 4.7 6.8 10 15 22 33 47 68 100 120 150 180 220 330 C S S S V X X Y Y Z R R R R R 195D335X_004C2T 195D475X_004S2T 195D685X_004S2T 195D106X_004S2T 195D156X_004V2T 195D226X_004X2T 195D336X_004X2T 195D476X_004Y2T 195D686X_004Y2T 195D107X_004Z2T 195D127X_004R2T 195D157X_004R2T 195D187X_004R2T 195D227X_004R2T 195D337X_004R2T
For 10 % tolerance, specify "9": for 20 % tolerance, change to "0".
Document Number: 40001 Revision: 16-May-06
For technical questions, contact: tantalum@vishay.com
www.vishay.com 2
195D
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT(R) Conformal Coated
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER* Max. DCL at + 25 C (A) 0.5 0.5 0.5 0.5 0.6 0.9 1.3 2.0 2.8 4.1 6.0 7.2 9.0 10.8 13.2 0.5 0.5 0.5 0.5 0.7 1.0 1.5 2.2 3.0 4.7 6.8 10 12 15 0.5 0.5 0.5 0.5 0.7 1.0 1.5 2.3 3.3 5.0 7.1 10.2 Max. DF at + 25 C 120 Hz (%) 6 6 6 6 6 6 6 6 6 6 8 8 8 8 8 6 6 6 6 6 6 6 6 6 6 6 8 8 8 4 6 6 6 6 6 6 6 6 6 6 6
6.3 WVDC AT + 85 C, SURGE = 8 V . . . 4 WVDC AT + 125 C, SURGE = 5 V 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 120 150 180 220 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 120 150 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 C S S S V X X Y Y Z Z R R R R C S S S V X X Y Z Z R R R R C S S S V X X Y Z Z R R 195D225X_6R3C2T 195D335X_6R3S2T 195D475X_6R3S2T 195D685X_6R3S2T 195D106X_6R3V2T 195D156X_6R3X2T 195D226X_6R3X2T 195D336X_6R3Y2T 195D476X_6R3Y2T 195D686X_6R3Z2T 195D107X_6R3Z2T 195D127X_6R3R2T 195D157X_6R3R2T 195D187X_6R3R2T 195D227X_6R3R2T 195D155X_010C2T 195D225X_010S2T 195D335X_010S2T 195D475X_010S2T 195D685X_010V2T 195D106X_010X2T 195D156X_010X2T 195D226X_010Y2T 195D336X_010Z2T 195D476X_010Z2T 195D686X_010R2T 195D107X_010R2T 195D127X_010R2T 195D157X_010R2T 195D105X_016C2T 195D155X_016S2T 195D225X_016S2T 195D335X_016S2T 195D475X_016V2T 195D685X_016X2T 195D106X_016X2T 195D156X_016Y2T 195D226X_016Z2T 195D336X_016Z2T 195D476X_016R2T 195D686X_016R2T
10 WVDC AT + 85 C, SURGE = 13V . . . 7 WVDC AT + 125 C, SURGE = 9 V
16 WVDC AT + 85 C, SURGE = 20 V . . . 10 WVDC AT + 125 C, SURGE = 12 V
For 10 % tolerance, specify "9": for 20 % tolerance, change to "0".
www.vishay.com 3
For technical questions, contact: tantalum@vishay.com
Document Number: 40001 Revision: 16-May-06
195D
Solid Tantalum Chip Capacitors TANTAMOUNT(R) Conformal Coated
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER* Max. DCL at + 25 C (A) 0.5 0.5 0.5 0.5 0.7 0.9 1.4 2.0 3.0 4.4 6.6 9.4 0.5 0.5 0.5 0.5 0.6 0.8 1.2 1.7 2.5 3.8 5.5 8.3 0.5 0.5 0.5 0.5 0.5 0.8 1.2 1.6 2.4 3.5 5.3 7.7 Max. DF at + 25 C 120 Hz (%) 4 4 6 6 6 6 6 6 6 6 6 6 4 4 4 6 6 6 6 6 6 6 6 6 4 4 4 4 6 6 6 6 6 6 6 6
Vishay Sprague
20 WVDC AT + 85 C, SURGE = 26 V . . . 13 WVDC AT + 125 C, SURGE = 16 V 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 C S S S V X X Y Z Z R R C S S S V X X Y Y Z R R C S S S V X Y Z Z Z R R 195D684X_020C2T 195D105X_020S2T 195D155X_020S2T 195D225X_020S2T 195D335X_020V2T 195D475X_020X2T 195D685X_020X2T 195D106X_020Y2T 195D156X_020Z2T 195D226X_020Z2T 195D336X_020R2T 195D476X_020R2T 195D474X_025C2T 195D684X_025S2T 195D105X_025S2T 195D155X_025S2T 195D225X_025V2T 195D335X_025X2T 195D475X_025X2T 195D685X_025Y2T 195D106X_025Y2T 195D156X_025Z2T 195D226X_025R2T 195D336X_025R2T 195D334X_035C2T 195D474X_035S2T 195D684X_035S2T 195D105X_035S2T 195D155X_035V2T 195D225X_035X2T 195D335X_035Y2T 195D475X_035Z2T 195D685X_035Z2T 195D106X_035Z2T 195D156X_035R2T 195D226X_035R2T
25 WVDC AT + 85 C, SURGE = 32 V . . . 17 WVDC AT + 125 C, SURGE = 20 V
35 WVDC AT + 85 C, SURGE = 46 V . . . 23 WVDC AT + 125 C, SURGE = 28 V
For 10 % tolerance, specify "9": for 20 % tolerance, change to "0".
Document Number: 40001 Revision: 16-May-06
For technical questions, contact: tantalum@vishay.com
www.vishay.com 4
195D
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT(R) Conformal Coated
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER* Max. DCL at + 25 C (A) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 1.1 1.7 2.4 3.4 5.0 Max. DF at + 25 C 120 Hz (%) 4 4 4 4 4 4 4 6 6 6 6 6 6
50 WVDC AT + 85 C, SURGE = 65 V . . . 33 WVDC AT + 125 C, SURGE = 38 V 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 C C C S V V X X Y Z Z R R 195D104X_050C2T 195D154X_050C2T 195D224X_050C2T 195D334X_050S2T 195D474X_050V2T 195D684X_050V2T 195D105X_050X2T 195D155X_050X2T 195D225X_050Y2T 195D335X_050Z2T 195D475X_050Z2T 195D685X_050R2T 195D106X_050R2T
For 10 % tolerance, specify "9": for 20 % tolerance, change to "0".
TYPICAL CURVES AT + 25 C, IMPEDANCE AND ESR VS. FREQUENCY
"S" Case
100 IMPEDANCE ESR
100
"V" Case
IMPEDANCE ESR
OHMS
10 1 F - 35 VDC
OHMS
10
.47 F - 50 VDC
1 4.7 F - 10 VDC 0.1 1K 10K 100K 1M 10M 100M FREQUENCY IN HERTZ
1 15 F - 4 VDC 0.1 1K 10K 100K 1M 10M 100M FREQUENCY IN HERTZ
www.vishay.com 5
For technical questions, contact: tantalum@vishay.com
Document Number: 40001 Revision: 16-May-06
195D
Solid Tantalum Chip Capacitors TANTAMOUNT(R) Conformal Coated
TYPICAL CURVES AT + 25 C, IMPEDANCE AND ESR VS. FREQUENCY
"X" Case
1000 IMPEDANCE ESR 100
Vishay Sprague
"Y" Case
100 IMPEDANCE ESR 10
10
OHMS
6.8 F - 20 VDC 1
OHMS
22 F - 10 VDC 1
0.1 10 F - 16 VDC 0.01 100
0.1 47 F - 6.3 VDC
100K 1M 10M
1K
10K
0.01 100
1K
10K
100K
1M
10M
FREQUENCY IN HERTZ
FREQUENCY IN HERTZ
"Z" Case
100 IMPEDANCE ESR 10 4.7 F - 50 VDC 1
OHMS
0.1 100 F - 6.3 VDC 0.01 100 1K 10K 100K 1M 10M
FREQUENCY IN HERTZ
Document Number: 40001 Revision: 16-May-06
For technical questions, contact: tantalum@vishay.com
www.vishay.com 6
195D
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT(R) Conformal Coated
ORDERING INFORMATION - EUROPEAN USE ONLY
195D TYPE 106 CAPACITANCE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. X0 CAPACITANCE TOLERANCE X0 = 20 % X9 = 10 % 004 DC VOLTAGE RATING AT + 85 C This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 volts). D CASE CODE See Ratings and Case Codes Table 2 TERMINATION T PACKAGING
T = Tape and Reel Style 2 is 180 mm Reel standard standard 2 = Solderable See Tape and Reel Coating 4 = Gold Plated Specifications. 8 = Solder Plated (60/40) Special Order
Note: Preferred Tolerance and reel sizes are in bold. We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage substitutions will be marked with the higher voltage rating.
DIMENSIONS in millimeters
W
Tantalum Wire Nib Identifies Anode (+) Terminal
C L D A B
J
J
H
CASE CODE A B D E F G H
L 0.3 2.8* 4.2* 4.2* 5.5 5.0 7.0 7.8
W 0.3 1.5 1.4 2.1 2.1 3.3 2.6 3.7
H (max) 1.4 1.6 1.6 1.7 2.0 2.8 3.0
A 0.3 0.7 0.8 0.8 1.0 1.0 1.0 1.0
B 0.3 1.6 2.5 2.5 3.2 3.6 4.5 5.0
C (min) 0.3 0.3 0.5 0.8 0.8 0.8 0.8
* 0.2 Note: The anode termination (D less B) will be a minimum of 0.010 (0.25), C Case = 0.005 (0.131) minimum
www.vishay.com 7
For technical questions, contact: tantalum@vishay.com
Document Number: 40001 Revision: 16-May-06
195D
Solid Tantalum Chip Capacitors TANTAMOUNT(R) Conformal Coated
195D STANDARD RANGE, RATINGS AND CASE CODES
F 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 G H F G H A A A A D E F G H B D E F G H A B D E F G H A B D E F A A A B B D E F G G H B D E A B A 2V 4V 6.3 V 10 V 15 V 20 V 25 V 35 V A A A B B D D E F F G H 50 V A A B B D D E F F G H
Vishay Sprague
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER Max. DCL at + 25 C (A) 0.5 0.5 0.5 0.6 0.5 0.5 0.5 0.6 1.3 2.7 4.0 0.5 0.5 0.5 0.6 1.3 2.8 4.1 Max. DF at + 25 C 120 Hz (%) 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8
2 WVDC AT + 85 C, SURGE = 2.6 V . . . 1.2 WVDC AT + 125 C, SURGE = 1.6 V 3.3 4.7 6.8 10 2.2 4.7 10 15 33 68 100 1.5 3.3 6.8 10 22 47 68 A A A A A B D E F G H A B D E F G H 195D335X_002A2T 195D475X_002A2T 195D685X_002A2T 195D106X_002A2T 195D225X_004A2T 195D475X_004B2T 195D106X_004D2T 195D156X_004E2T 195D336X_004F2T 195D686X_004G2T 195D107X_004H2E 195D155X_6R3A2T 195D335X_6R3B2T 195D685X_6R3D2T 195D106X_6R3E2T 195D226X_6R3F2T 195D476X_6R3G2T 195D686X_6R3H2E
4 WVDC AT + 85 C, SURGE = 5 V . . . 2.7 WVDC AT + 125 C, SURGE = 3.4 V
6.3 WVDC AT + 85 C, SURGE = 8 V . . . 4 WVDC AT + 125 C, SURGE = 5 V
For 10 % tolerance, specify "9": for 20 % tolerance, change to "0". Document Number: 40001 Revision: 16-May-06 For technical questions, contact: tantalum@vishay.com www.vishay.com 8
195D
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT(R) Conformal Coated
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER Max. DCL at + 25 C (A) 0.5 0.5 0.5 0.7 1.5 4.7 0.5 0.5 0.5 0.5 0.5 0.7 1.5 3.3 5.0 0.5 0.5 0.5 0.7 1.4 3.0 4.4 0.5 0.5 0.5 0.6 1.2 1.7 2.5 3.8 Max. DF at + 25 C 120 Hz (%) 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6
10 WVDC AT + 85 C, SURGE = 13 V . . . 7 WVDC AT + 125 C, SURGE = 9 V 1.0 2.2 4.7 6.8 15 47 0.47 0.68 1.0 1.5 3.3 4.7 10 22 33 0.47 1.0 2.2 3.3 6.8 15 22 0.33 0.68 1.5 2.2 4.7 6.8 10 15 A B D E F H A A B B D E F G H A B D E F G H A B D E F G G H 195D105X_010A2T 195D225X_010B2T 195D475X_010D2T 195D685X_010E2T 195D156X_010F2T 195D476X_010H2E 195D474X_015A2T 195D684X_015A2T 195D105X_015B2T 195D155X_015B2T 195D335X_015D2T 195D475X_015E2T 195D106X_015F2T 195D226X_015G2T 195D336X_015H2E 195D474X_020A2T 195D105X_020B2T 195D225X_020D2T 195D335X_020E2T 195D685X_020F2T 195D156X_020G2T 195D226X_020H2E 195D334X_025A2T 195D684X_025B2T 195D155X_025D2T 195D225X_025E2T 195D475X_025F2T 195D685X_025G2T 195D106X_025G2T 195D156X_025H2E
15 / 16 WVDC AT + 85 C, SURGE = 20 V...10 WVDC AT + 125 C, SURGE = 12 V
20 WVDC AT + 85 C, SURGE = 26 V . . . 13 WVDC AT + 125 C, SURGE = 16 V
25 WVDC AT + 85 C, SURGE = 32 V . . . 17 WVDC AT + 125 C, SURGE = 20 V
For 10 % tolerance, specify "9": for 20 % tolerance, change to "0".
www.vishay.com 9
For technical questions, contact: tantalum@vishay.com
Document Number: 40001 Revision: 16-May-06
195D
Solid Tantalum Chip Capacitors TANTAMOUNT(R) Conformal Coated
Vishay Sprague
STANDARD RATINGS
CAPACITANCE (F) CASE CODE PART NUMBER Max. DCL at + 25 C (A) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 1.2 1.6 2.4 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 1.1 1.7 2.4 Max. DF at + 25 C 120 Hz (%) 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6
35 WVDC AT + 85 C, SURGE = 46 / 52 V. . . 23 / 25 WVDC AT + 125 C, SURGE = 28 / 30 V 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 A A A B B D D E F F G H A A B B D D E F F G H 195D104X_035A2T 195D154X_035A2T 195D224X_035A2T 195D334X_035B2T 195D474X_035B2T 195D684X_035D2T 195D105X_035D2T 195D155X_035E2T 195D225X_035F2T 195D335X_035F2T 195D475X_035G2T 195D685X_035H2E 195D104X_050A2T 195D154X_050A2T 195D224X_050B2T 195D334X_050B2T 195D474X_050D2T 195D684X_050D2T 195D105X_050E2T 195D155X_050F2T 195D225X_050F2T 195D335X_050G2T 195D475X_050H2E
50 WVDC AT + 85 C, SURGE = 65 V . . . 33 WVDC AT + 125 C, SURGE = 38 V
For 10 % tolerance, specify "9": for 20 % tolerance, change to "0".
Document Number: 40001 Revision: 16-May-06
For technical questions, contact: tantalum@vishay.com
www.vishay.com 10
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 195D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X