Part Number Hot Search : 
AD7687 PIC16F P4KE11 ESD9B5VD D5SB60 015L00 E213I C740004
Product Description
Full Text Search
 

To Download 0587830011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0587830011 Active
HMCTM Rectangular Industrial Receptacle Shell Assembly, Single Module Type, For Small Plug Cover, For Panel Mount and Wire-to-Wire, 12 and 40 Circuits
Documents: Drawing (PDF) Product Specification PS-54478-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR19980 E29179
Series image - Reference only EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Name Type I/O Connectors 58783 Panel-Mount, Wire-to-Wire Panel-Mount Bracket HMCTM N/A
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Flammability Gender Lock to Mating Part Material - Plating Mating Number of Rows Orientation PCB Locator Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Waterproof / Dustproof Type N/A 40 40 50 94V-0 Receptacle Yes n/a 4 Vertical No Bag Screws 0.177 In 4.50 mm 0.177 In 4.50 mm Yes 1 No -40C to +125C N/A Yes IP65
Search Parts in this Series 58783Series Mates With 58782-0011 Plug Shell Assembly Use With 58474 Wire-to-Wire Covers, 58550 End Bell Cap, 58455 End Bell Cap, 55347 Housing, 54478 Housing, 54296 TerminalLink:54297 Terminal, 55124 Terminal,
Electrical
Current - Maximum per Contact Shield Type Shielded Voltage - Maximum 10A Full Shield Yes 300V DC (RMS)
Material Info Reference - Drawing Numbers
Product Specification PS-54478-001
Sales Drawing
SD-58783-0011
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0587830011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X