Part Number Hot Search : 
79L12 R1000 SG2644J 74HC163 IRL6903 M62436FP B20200 SD111
Product Description
Full Text Search
 

To Download UG1003-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UG1001 - UG1005
1.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER Features
* * * * * * * * * * * * * * * *
Glass Passivated Die Construction Diffused Junction Ultra-Fast Switching for High Efficiency High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 30A Peak Low Reverse Leakage Current Lead Free Finish, RoHS Compliant (Note 4)
A
B
A
Mechanical Data
Case: DO-41 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Bright Tin. Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking: Type Number Ordering Information: See Last Page Mounting Position: Any Weight: 0.35 grams (approximate) Dim A B C D DO-41 Min 25.40 4.06 0.71 2.00
C
D
Max 3/4 5.21 0.864 2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 55C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on Rated Load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Reverse Recovery Time (Note 3) Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
@ TA = 25C unless otherwise specified
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr Cj RqJA Tj, TSTG
UG1001 50 35
UG1002 100 70
UG1003 200 140 1.0 30
UG1004 400 280
UG1005 600 420
Unit V V A A
@ IF = 1.0A @ TA = 25C @ TA = 100C
1.0 5.0 100 50 20 95 -65 to +150
1.3
1.7
V mA
75 10
ns pF K/W C
Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS27008 Rev. 3 - 2
1 of 3 www.diodes.com
UG1001 - UG1005
a Diodes Incorporated
I(AV), AVERAGE FWD RECTIFIED CURRENT (A)
1.0
IF, INSTANTANEOUS FWD CURRENT (A)
10
0.8
UG1001 - UG1003
1.0
UG1004
0.6
0.4
0.1
UG1005
0.2
Single phase half-wave 60 Hz resistive or inductive load
0 25
0.01
50
75
100
125
150
175
200
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TA, AMBIENT TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
30
100
IFSM, PEAK FORWARD SURGE CURRENT (A)
20
Cj, CAPACITANCE (pF)
UG1001 UG1004
10
10
UG1005
Pulse width = 8.3ms single half sine-wave (JEDEC Method)
Tj = 25 C f = 1.0MHz
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Peak Forward Surge Current 100
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
trr +0.5A
100
Device Under Test
(-)
Pulse Generator (Note 2)
0A
(+)
50V DC Approx
-0.25A
(-)
Oscilloscope (Note 1)
(+)
-1.0A Set time base for 50/100 ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
DS27008 Rev. 3 - 2
2 of 3 www.diodes.com
UG1001 - UG1005
Ordering Information
Device UG1001-A UG1001-B UG1001-T UG1002-A UG1002-B UG1002-T UG1003-A UG1003-B UG1003-T UG1004-A UG1004-B UG1004-T UG1005-A UG1005-B UG1005-T
Notes: 5.
(Note 5) Packaging DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 Shipping 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch
For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS27008 Rev. 3 - 2
3 of 3 www.diodes.com
UG1001 - UG1005


▲Up To Search▲   

 
Price & Availability of UG1003-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X