Part Number Hot Search : 
74HC244 1212S XP6111 1212S LM258WD 1SV294 MMBF4118 1SV28807
Product Description
Full Text Search
 

To Download SP-750-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 750WSingleOutputPowerSupply 7 5 0 W S i n g l e O u t put with PFC Function
Ss p7 7 5 0s e sieersi e s P- - 50 r


SPECIFICATION
MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE SP-750-5 5V 120A 0~120A 600W SP-750-12 12V 62.5A 0~62.5A 750W 120mVp-p 10~13.5V 1.0% 0.3% 0.5% SP-750-15 15V 50A 0~50A 750W 120mVp-p 13.5~16.5V 1.0% 0.3% 0.5% SP-750-24 24V 31.3A 0~31.3A 751.2W 120mVp-p 22~26.4V 1.0% 0.2% 0.5% SP-750-27 27V 27.8A 0~27.8A 750.6W 120mVp-p 24~30V 1.0% 0.2% 0.5% SP-750-48 48V 15.7A 0~15.7A 753.6W 120mVp-p 43~56V 1.0% 0.2% 0.5%
RIPPLE&NOISE(max.) Note.2 120mVp-p 4.75~5.5V VOLTAGETOLERANCE Note.3 2.0% LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDTIME (Typ.) VOLTAGERANGE FREQUENCY RANGE POWERFACTOR (Typ.) INPUT EFFICIENCY (Typ.) ACCURRENT (Typ.) INRUSHCURRENT (Typ.) LEAKAGECURRENT OVERLOAD PROTECTION OVERVOLTAGE OVERTEMPERATURE FUNCTION POWERGOOD/FAIL REMOTECONTROL WORKINGTEMP. WORKINGHUMIDITY ENVIRONMENT STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTANDVOLTAGE 0.5% 2.0%
600ms,50ms/230VAC600ms,50ms/115VACatfullload 16ms/230VAC16ms/115VACatfullload 90~264VAC127~370VDC 47~63Hz PF>0.96/230VACPF>0.99/115VACatfullload 81% 86% 87% 89% 89% 90% 8.8A/115VAC4.2A/230VAC 27A/115VAC45A/230VAC <2.0mA /240VAC 105~125% ratedoutputpower Protectiontype:Constantcurrentlimiting,unitwillHiccupafter3sec. 5.75~6.3V 13.8~16.2V 18~21V 27.6~32.4V Protectiontype:Shutdowno/pvoltage,re-powerontorecover 85 5 (TSW1)Detectonheatsinkofpowertransistor 85 5
31~36.5V
57.6~67.2V
(TSW2)Detectonheatsinkofpowerdiode
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown 50ms/1ms
Note.5 RC+/RC-shortpoweron,openpoweroff
-20~+60 (Refertooutputloadderatingcurve) 20~90%RHnon-condensing -40~+85 ,10~95%RH 0.05%/ (0~50 ) 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes UL60950-1, TUVEN60950-1 Approved I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC SAFETY & ISOLATIONRESISTANCE EMICONDUCTION&RADIATION CompliancetoEN55011(CISPR11), EN55022(CISPR22) ClassB EMC (Note4) HARMONICCURRENT Complianceto EN61000-3-2,-3 EMSIMMUNITY MTBF OTHERS
NOTE
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-2,EN61204-3Heavyindustrylevel,criteria A 769.3Khrsmin.MIL-HDBK-217F(25 278*127*63.5mm(L*W*H) 2.9Kg;6pcs/18.4Kg/0.98CUFT )
DIMENSION PACKING

FileName:SP-750-SPEC2005-09-13
WWW.AsTRODYNE.COM
300 Myles standish Blvd., Taunton, MA 02780 ph: 1-800-823-8082 Fax: 508-823-8181
7 5 0 W S i n g l e O u t put with PFC Function 750WSingleOutputPowerSupply
MechanicalSpecification
220 16
r Ss p 77 5 0s esrei e ise s P-- 50
CaseNo.919A Unit:mm
113 7
30
20
4-M3
5
6-M3L=6
4-M3 Airflow direction O/P 1 1 2 3 7
240 251 278
127
7 10
39
I/P
113
149
33
5 6 7 8
1 2 3 4
+V ADJ.
40.5
2
72
5
CONTROL
24.5
34.5 20 63.5
4-M3
91
11
2-M6 BOTTOMVIEW
220 TOP VIEW
15
ACInput Terminal Pin.No. Assignment
PinNo. 1 2 3 Assignment AC/L AC/N FG
DCOutput Terminal Pin.No Assignment
PinNo. 1 2 Assignment DCOUTPUT +V DCOUTPUT -V
ControlPin.No Assignment:MOLEX5559-NP uses5558malecrimpterminal
PinNo. 1 2 3 4 Assignment NC -S G RCPinNo. Assignment Matingconnector Terminal 5 NC MOLEX5556 6 PF(Powerfailsignal) MOLEX5557-NR Femalecrimp Terminal +S 7 receptacle RC+ 8
BlockDiagram
PFCfosc:100KHz PWMfosc:140KHz
+S
I/P
EMI FILTER
ACTIVE INRUSH CURRENT LIMITING
RECTIFIERS
PFC POWER SWITCHING DETECTION CIRCUIT
PWM POWER SWITCHING
RECTIFIERS & FILTER O.T.P. CURRENT LIMIT
+V -V -S
O.L.P. DETECTION CIRCUIT O.V.P.
PFC CONTROL
PWM CONTROL
PF
O.T.P. REMOTE CONTROL AUX POWER RC
FAN
FANLOCK PROTECTION
FileName:SP-750-SPEC2005-09-13
WWW.AsTRODYNE.COM
300 Myles standish Blvd., Taunton, MA 02780 ph: 1-800-823-8082 Fax: 508-823-8181
7 5 0 W S i n g l e O u t put with PFC Function 750WSingleOutputPowerSupply
DeratingCurve StaticCharacteristics
r Ss p 77 5 0s esrei e ise s P-- 50
100
100 90
80
85 70
60
LOAD(%)
LOAD(%)
0 10 20 30 40 50 60 70
40
60 50 40
20
-20
90
95
100
115
260
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
ControlTerminalInstructionManual
PowerFailSignal PFSignalisthevoltagedifferencebetween "G"and"PF"pinoutput
G PF
RemoteSensing
RC+ +S PF NC RC- G -S NC
RC+ +S PF NC RC- G -S NC
-V
+V
-V
+V
LOAD +
-S
LOAD +
RemoteControl PowerON:RC+/RC-Short PowerOFF:RC+/RC-open
RC- RC+
+S
RC+ +S PF NC RC- G -S NC
-V
+V
LOAD +
FileName:SP-750-SPEC2005-09-13
WWW.AsTRODYNE.COM
300 Myles standish Blvd., Taunton, MA 02780 ph: 1-800-823-8082 Fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of SP-750-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X