Part Number Hot Search : 
8TPB82MC 29501 OCXOWST MAX8540 8023S SFH4505 93C46 DTA114T
Product Description
Full Text Search
 

To Download SFH6106-5T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFH610A, SFH6106
Vishay Semiconductors
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
SFH610A A
1 4 3
FEATURES
E C
* Good CTR linearity depending on forward current * Isolation test voltage, 5300 VRMS * High collector emitter voltage, VCEO = 70 V * Low saturation voltage * Fast switching times * Low CTR degradation * Temperature stable * Low coupling capacitance * End stackable, 0.100" (2.54 mm) spacing
C2
SFH6106 A1 C2
i179056
* High common mode interference immunity
4E 3C
* Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
DESCRIPTION
The SFH610A (DIP) and SFH6106 (SMD) feature a high current transfer ratio, low coupling capacitance and high isolation voltage. These couplers have a GaAs infrared diode emitter, which is optically coupled to a silicon planar phototransistor detector, and is incorporated in a plastic DIP-4 or SMD package. The coupling devices are designed for signal transmission between two electrically separated circuits. The couplers are end-stackable with 2.54 mm spacing. Creepage and clearance distances of > 8.0 mm are achieved with option 6. This version complies with IEC 60950 (DIN VDE 0805) for reinforced insulation up to an operation voltage of 400 VRMS or DC. Specifications subject to change.
AGENCY APPROVALS
* UL1577, file no. E52744 system code H or J, double protection * DIN EN 60747-5-5 (VDE 0884) available with option 1 * CSA 93751 * BSI IEC 60950; IEC 60065
ORDER INFORMATION
PART SFH610A-1 SFH610A-2 SFH610A-3 SFH610A-4 SFH610A-5 SFH6106-1 SFH6106-2 SFH6106-3 SFH6106-4 SFH6106-5T SFH610A-1X006 SFH610A-1X018T SFH610A-2X006 SFH610A-3X006 SFH610A-3X007 SFH610A-4X006 Note For additional information on the available options refer to option information. Document Number: 83666 Rev. 2.0, 10-Dec-08 REMARKS CTR 40 % to 80 %, DIP-4 CTR 63 % to 125 %, DIP-4 CTR 100 % to 200 %, DIP-4 CTR 160 % to 320 %, DIP-4 CTR 250 % to 500 %, DIP-4 CTR 40 % to 80 %, SMD-4 CTR 63 % to 125 %, SMD-4 CTR 100 % to 200 %, SMD-4 CTR 160 % to 320 %, SMD-4 CTR 250 % to 500 %, SMD-4, tape and reel CTR 40 % to 80 %, DIP-4 400 mil CTR 40 % to 80 %, SMD-4 400 mil, wide leadspread CTR 63 % to 125 %, DIP-4 400 mil CTR 100 % to 200 %, DIP-4 400 mil CTR 100 % to 200 %, SMD-4 CTR 160 % to 320 %, DIP-4 400 mil
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 607
SFH610A, SFH6106
Vishay Semiconductors
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
(1)
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Reverse voltage DC forward current Surge forward current Power dissipation OUTPUT Collector emitter voltage Emitter collector voltage Collector current Power dissipation COUPLER Isolation test voltage between emitter and detector Creepage distance Clearance distance Insulation thickness between emitter and detector Comparative tracking index per DIN IEC112/VDE 0303 part 1 Isolation resistance Storage temperature range Ambient temperature range Soldering temperature (2)
TEST CONDITION
SYMBOL VR IF
VALUE 6 60 2.5 100 70 7 50 100 150
UNIT V mA A mW V V mA mA mW
t 10 s
IFSM Pdiss VCE VEC IC IC Pdiss VISO
tp 1.0 ms
5300 7 7 0.4 175
VRMS mm mm mm
VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C
RIO RIO Tstg Tamb Tsld
1012 1011 - 55 to + 150 - 55 to + 100 260
C C C
max. 10 s, dip soldering distance to seating plane 1.5 mm
Notes (1) T amb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability. (2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through hole devices (DIP).
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Reverse current Capacitance Thermal resistance OUTPUT Collector emitter capacitance Thermal resistance IF = 60 mA VR = 6 V VR = 0 V, f = 1 MHz VF IR CO Rthja CCE Rthja ICEO ICEO ICEO ICEO ICEO ICEO ICEO ICEO ICEO ICEO 1.25 0.01 13 750 5.2 500 2 2 2 2 5 5 5 5 5 5 1.65 10 V A pF K/W pF K/W nA nA nA nA nA nA nA nA nA nA TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
VCE = 5 V, f = 1 MHz SFH610A-1 SFH6106-1 SFH610A-2 SFH6106-2 SFH610A-3 SFH6106-3 SFH610A-4 SFH6106-4 SFH610A-5 SFH6106-5T
Collector emitter leakage current
VCE = 10 V
50 50 50 50 100 100 100 100 100 100
www.vishay.com 608
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83666 Rev. 2.0, 10-Dec-08
SFH610A, SFH6106
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
ELECTRICAL CHARACTERISTICS
PARAMETER COUPLER Collector emitter saturation voltage Coupling capacitance TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Vishay Semiconductors
IF = 10 mA, IC = 2.5 mA f = 1 MHz
VCEsat CC
0.25 0.4
0.4
V pF
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
CURRENT TRANSFER RATIO
PARAMETER TEST CONDITION PART SFH610A-1 SFH6106-1 SFH610A-2 SFH6106-2 IF = 10 mA, VCE = 5.0 V SFH610A-3 SFH6106-3 SFH610A-4 SFH6106-4 IC/IF SFH610A-5 SFH6106-5T SFH610A-1 SFH6106-1 SFH610A-2 IF = 1 mA, VCE = 5 V SFH6106-2 SFH610A-3 SFH6106-3 SFH610A-4 SFH6106-4 SYMBOL CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR MIN. 40 40 63 63 100 100 160 160 250 250 13 13 22 22 34 34 56 56 30 30 45 45 70 70 90 90 TYP. MAX. 80 80 125 125 200 200 320 320 500 500 UNIT % % % % % % % % % % % % % % % % % %
SWITCHING CHARACTERISTICS
PARAMETER NON-SATURATED Current Rise time Fall time Turn-on time Turn-off time Cut-off frequency SATURATED SFH610A-1 SFH6106-1 SFH610A-2 Current SFH6106-2 SFH610A-3 SFH6106-3 SFH610A-4 SFH6106-4 IF IF IF IF 20 10 10 5 mA mA mA mA VCC = 5 V, RL = 75 VCC = 5 V, RL = 75 VCC = 5 V, RL = 75 VCC = 5 V, RL = 75 VCC = 5 V, RL = 75 VCC = 5 V IF tr tf ton toff FCO 10 2 2 3 2.3 250 mA s s s s kHz TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Document Number: 83666 Rev. 2.0, 10-Dec-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 609
SFH610A, SFH6106
Vishay Semiconductors
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
SWITCHING CHARACTERISTICS
PARAMETER SATURATED SFH610A-1 SFH6106-1 SFH610A-2 Rise time SFH6106-2 SFH610A-3 SFH6106-3 SFH610A-4 SFH6106-4 SFH610A-1 SFH6106-1 SFH610A-2 Fall time SFH6106-2 SFH610A-3 SFH6106-3 SFH610A-4 SFH6106-4 SFH610A-1 SFH6106-1 SFH610A-2 Turn-on time SFH6106-2 SFH610A-3 SFH6106-3 SFH610A-4 SFH6106-4 SFH610A-1 SFH6106-1 SFH610A-2 Turn-off time SFH6106-2 SFH610A-3 SFH6106-3 SFH610A-4 SFH6106-4 Note All values presented are typical values. tr tr tr tr tf tf tf tf ton ton ton ton toff toff toff toff 2 3 3 4 11 14 14 15 3 4.2 4.2 6 18 23 23 25 s s s s s s s s s s s s s s s s TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
www.vishay.com 610
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83666 Rev. 2.0, 10-Dec-08
SFH610A, SFH6106
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
SAFETY AND INSULATION RATINGS
PARAMETER Climatic classification (according to IEC 68 part 1) Comparative tracking index VIOTM VIORM PSO ISI TSI Creepage distance Clearance distance Creepage distance Clearance distance Insulation thickness, reinforced rated standard DIP-4 standard DIP-4 400 mil DIP-4 400 mil DIP-4 per IEC 60950 2.10.5.1 7 7 8 8 0.4 CTI 175 10000 890 400 275 175 TEST CONDITION SYMBOL MIN. TYP. 55/100/21 399 V V mW mA C mm mm mm mm mm MAX. UNIT
Vishay Semiconductors
Note As per IEC 60747-5-2, 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
IF R L = 75 VCC = 5 V IC IF 1. 0 k VCC = 5 V
47
isfh610a_01 isfh610a_02
47
Fig. 1 - Linear Operation (without Saturation)
Fig. 3 - Switching Operation (with Saturation)
% 103 IC IF 5 IF = 10 mA, VCC = 5.0 V 4 3 2 1 5 Ic
30 mA
IF = 14 mA IF = 12 mA
20
102
IF = 10 mA IF = 8 mA
10
IF = 1 mA
IF = 6 mA IF = 4 mA IF = 2 mA
101 - 25
isfh610a_03
0
25
50
75
0
TA (C)
Fig. 2 - Current Transfer Ratio (CTR) vs. Temperature
0
5
10
isfh610a_04
V VCE
15
Fig. 4 - Output Characteristics (Typ.) Collector Current vs. Collector Emitter Voltage
Document Number: 83666 Rev. 2.0, 10-Dec-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 611
SFH610A, SFH6106
Vishay Semiconductors
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
1.2 VF V
VF = f (IF) 25 C 50 C 75 C
IF
120 mA 90
Ptot = f (TA)
1.1 60 1.0 30
0.9
10-1
5
100
5
101
5 mA IF
102
0 0
isfh610a_08
25
50
75
isfh610a_05
TA
C 100
Fig. 5 - Diode Forward Voltage vs. Forward Current
Fig. 8 - Permissible Power Dissipation vs. Temperature
20 pF C 15
f = 1.0 MHz
200 Ptot mW 150
Transistor
10
100
Diode
5 CCE 0 10-2
isfh610a_06
50
10-1
100 Ve
101
V
102
0 0
isfh610a_09
25
50
75
TA
C 100
Fig. 6 - Transistor Capacitance (Typ.) vs. Collector Emitter Voltage
Fig. 9 - Permissible Diode Forward Current vs. Ambient Temperature
IF
104 mA 5
103 5
D=0 0.005 0.01 0.02 0.05 0.1 0.2
D=
tp T
tp T Pulse cycle D = parameter
IF
102 5
0.5 DC
101
10-5
10-4
10-3
10-2
10-1
isfh610a_07
100 s 101 tp
Fig. 7 - Permissible Pulse Handling Capability Forward Current vs. Pulse Width
www.vishay.com 612
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83666 Rev. 2.0, 10-Dec-08
SFH610A, SFH6106
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
PACKAGE DIMENSIONS in inches (millimeters)
Vishay Semiconductors
0.268 (6.81) 0.255 (6.48)
Pin 1 identification 0.190 (4.83) 0.179 (4.55) 0.312 (7.92) 0.296 (7.52) 10 0.045 (1.14) 0.030 (0.76) 0.033 (0.84) 0.029 (0.74)
ISO Method A
0.150 (3.81) 0.130 (3.30) 4 typ . 0.052 (1.32) 0.048 (1.22) i178027-1 0.105 (2.67) 0.095 (2.41)
0.250 (6.35) 0.230 (5.84) 0.130 (3.30) 0.110 (2.79) 3 to 9 0.012 (0.30) 0.008 (0.20)
0.035 (0.89) 0.020 (0.51)
SMD
0.268 (6.81) 0.255 (6.48)
0.190 (4.83) 0.179 (4.55) PIN 1 IDENTIFICATION 0.030 (0.76) 0.100 (2.54) R 0.010 (0.25) 0.070 (1.78) 0.315 (8.00) mi n. 0.435 (11.05) 0.060 (1.52) 0.395 (10.03) 0.375 (9.52) 0.312 (7.92) 0.296 (7.52) 10
0.045 (1.14) 0.030 (0.76)
0.033 (0.84) 0.029 (0.74) 0.150 (3.81) 0.130 (3.30)
ISO method A 4 typ. 0.0098 (0.249) 0.004 (0.102)
0.012 (0.30) 0.008 (0.20) Lead coplanarity 0.004 (0.102) max. ('K')
0.052 (1.32) 0.048 (1.22)
i17802 9-2
0.105 (2.67) 0.095 (2.41)
Document Number: 83666 Rev. 2.0, 10-Dec-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 613
SFH610A, SFH6106
Vishay Semiconductors
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Option 7
0.300 (7.62) typ.
Option 6
0.407 (10.36) 0.391 (9.96) 0.307 (7.8) 0.291 (7.4)
Option 8
0.300 (7.62) typ. 0.020 (0.50) 0.000 (0.00)
0.028 (0.7)
0.180 (4.6) 0.160 (4.1) 0.315 (8.0) min.
0.150 (3.81) 0.130 (3.30)
0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92)
0.331 (8.4) min. 0.406 (10.3) max.
0.365 (9.27) min. 0.472 (12.00) max.
18487
www.vishay.com 614
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83666 Rev. 2.0, 10-Dec-08
SFH610A, SFH6106
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
Vishay Semiconductors
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number: 83666 Rev. 2.0, 10-Dec-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 615
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SFH6106-5T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X