Part Number Hot Search : 
53258 AV1416K 15700 37220 2907A WP711 74HCT5 ML145106
Product Description
Full Text Search
 

To Download PHL2143 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 an AMP company
Radar Pulsed Power Transistor, 3W, 2ms Pulse, 20% Duty 1.2 - 1.4 GHz PH=l214=3L
Features
l l l l l l l l
NPN Silicon Microwave Power Transistor Common Base Configuration Broadband Class C Operation Matrix Geometry Diffused Emitter Ballasting Resistors Gold Metalization System Internal Input Impedance Matching Hermetic ~MetaUCeramic Package
Absolute Maximum Ratings at 25C
UNLLSS
O-HZRVISE
NZTEJ.
TOLERANCES
ARE
:HILLI~ETERS
t,13MM)
Broadband Test Fixture Impedances
F(GHz) 1.20 1.30 1.40 Z,,(Q) 9.4 - j7.8 8.8 - j7.3 8.1 - j7.2 z,,K4 8.5 + jS.9 9.2 + j4.9 5.3 + j4.7 j 1
YES-
FIXTURE
TEST
FIXTURE
Ci'icTT
1
50R
ZIFJ
1
Specifications Subject to Change Without Notice.
9-116
North America: Tel. (800) 366-2266 Fax (800) 618-8883 = Asia/Pacific: Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451 Europe:
M/A-COM,
Inc.
Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
Radar Pulsed Power Transistor,
3W
PH1214-3L
v2.00
RF Test Fixture
INPUT 50' OHMS
OUTPUT 50 OHMS
ARTWORK i-ARTS Cl c3 c4 Ql Sl BDARD TYPE: c2
DIMENSIONS I-IS-T
IN
MILS
100 pF 470 50 pF UF
ATC ATC 50
SIZE SIZE
A A
VOLTS
PH1214-3L
DPDT
ROGERS 6010.5 ,025" THICK, ER = 10.5
Specifications
Subject to Change Without Notice.
M/A-COM,
Inc.
Tel. (800) 366-2266 Fax (800) 618-8883 n Asia/Pacific: Tel. +81 (03) 3226-1671 Fax +81 (03) 3226-1451 Europe:
9-117
Tel. +44 (1344) 669 595 Fax +44 (1344) 300 020
North America:


▲Up To Search▲   

 
Price & Availability of PHL2143

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X