Part Number Hot Search : 
00101 SSP2FRG AD9995 HA177 MC78T05 V115K7 0515D PV2MS
Product Description
Full Text Search
 

To Download MP25005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
MP25005 - - - MP2510
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 25.0 A
MP
.311 (7.9) MAX
SILICON BRIDGE RECTIFIERS
Rating to 1000V PRV Surge overload rating to 300 Amperes peak
PLASTIC
.480(12.2) .425(10.8)
Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique results in inexpensive product Lead solderable per MIL-STD-202 method 208
.732(18.6) .692(17.6) 1.142(29) 1.102(28) .673(17.1) .633(16.1)
HOLE FOR NO.10 SCREW
+
1.142(29) 1.102(28) .673(17.1) .633(16.1)
.582(14.8) .543(13.8)
.033x 250 (0.8x 6.4)
inch(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
MP 25005
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard Output current @TA =25
MP 2501
100 70 100
MP 2502
200 140 200
MP 2504
400 280 400 25.0
MP 2506
600 420 600
MP 2508
800 560 800
MP 2510
1000 700 1000
UNITS
V V V A
VRRM VRMS VDC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage at 12.50A Maximum reverse current at rated DC blocking voltage @TA =25 @TA=100
IFSM
300.0
A
VF IR TJ
1.1 10.0 1.0 - 55 ---- + 125 - 55 ---- + 150
V A mA
Operating junction temperature range Storage temperature range
www..com
TSTG
www.galaxycn.com
Document Number 0287060
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
MP25005 - - - MP2510
FIG.2 -- FORWARD DERATING CURVE
PEAK FORWARD SURGE CURRENT,
500
50
400
40
8.3ms Single Half Sine Wave TJ=125
AMPERES
300
30
200
20
100
10
0 1
0
0
50
100
150
10
100
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
100
1.0
TJ=100
10
0.1
TJ=25
1.0
.01
0
20
40
60
80
100
120
140
0.1 .2
.4
.6
.8
1.0
1.2
1.4 1.6
www..com
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
www.galaxycn.com
Document Number 0287060
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of MP25005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X