Part Number Hot Search : 
LF2246 SH223 TPAM05S ATTINY4 GL41A 00C12 HVM100 SB840FCT
Product Description
Full Text Search
 

To Download MICRF213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICRF213
3.3V, QwikRadio(R) 315MHz Receiver
General Description
The MICRF213 is a general purpose, 3.3V QwikRadio Receiver that operates at 315MHz with typical sensitivity of -110dBm. The MICRF213 functions as a super-heterodyne receiver for OOK and ASK modulation up to 7.2kbps. The down-conversion mixer also provides image rejection. All post-detection data filtering is provided on the MICRF213. Any one of four filter bandwidths may be selected externally by the user using binary steps (from 1.18kHz to 9.44kHz, Manchester Encoded). The user need only configure the device with a set of easily determined values, based upon data rate, code modulation format, and desired duty-cycle operation.
Features
* * * * * * * * Up to -110dBm sensitivity, 1kbps and BER 10E-02 Image Rejection Mixer Frequency from 300MHz to 350MHz Low current consumption: 3.9mA @ 315MHz, continuous on data rates to 7.2kbps (Manchester Encoded) Analog RSSI Output No IF filter required Excellent selectivity and noise rejection Low external part count
Ordering Information
Part Number MICRF213AYQS Temperature Range -40 to +105C Package 16-Pin QSOP
Typical Application
ANT1 230 mm (9.1 inches)
1
C3 1.8pF
2 3 4
+3.3V L1 39nH C8 6.8pF L2 68nH C5 0.1F
5 6 7 8
U1 MICRFAYQS RO1 RO2 GNDRF NC ANT RSSI GNDRF CAGC VDD CTH SQ SEL1 SEL0 DO SHDN GND
16 15 14 13 12 11 10 9
Y1 9.81563MHz
DO
C6 0.47F
C4 4.7F
315MHz, 1kHz Baud Rate Example
QwikRadio is a registered trademark of Micrel, Inc. Micrel Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel +1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
May 2007
M9999-052307-A (408) 944-0800
Micrel, Inc.
MICRF213
Pin Configuration
RO1 GNDRF ANT GNDRF VDD SQ SEL0 SHDN 1 2 3 4 5 6 7 8
MICRF213AYQS
16 RO2 15 NC 14 RSSI 13 CAGC 12 CTH 11 SEL1 10 DO 9 GND
Pin Description
16-Pin QSOP 1 2 3 4 5 6 7 8 9 10 11 12 Pin Name RO1 GNDRF ANT GNDRF VDD SQ SEL0 SHDN GND DO SEL1 CTH Pin Function Reference resonator input connection to Colpitts oscillator stage. May also be driven by external reference signal of 1.5V p-p amplitude maximum. Negative supply connection associated with ANT RF input. RF signal input from antenna. Internally AC-coupled. It is recommended that a matching network with an inductor-to-RF ground is used to improve ESD protection. Negative supply connection associated with ANT RF input. Positive supply connection for all chip functions. Squelch control logic input with an active internal pull-up when not shut down. Logic control input with active internal pull-up. Used in conjunction with SEL1 to control the demodulator low pass filter bandwidth. (See filter table for SEL0 and SEL1 in application section) Shutdown logic control input. Active internal pull-up. Negative supply connection for all chip functions except RF input. Demodulated data output. Logic control input with active internal pull-up. Used in conjunction with SEL0 to control the demodulator low pass filter bandwidth. (See filter table for SEL0 and SEL1 in application subsection) Demodulation threshold voltage integration capacitor connection. Tie an external capacitor across CTH pin and GND to set the settling time for the demodulation data slicing level. Values above 1nF are recommended and should be optimized for data rate and data profile. AGC filter capacitor connection. CAGC capacitor, normally greater than 0.47uF, is connected from this pin to GND Received signal strength indication output. Output is from a buffer with 200 ohms typical output impedance. Not Connected (Connect to Ground) Reference resonator input connection to Colpitts oscillator stage, 7pF, in parallel with low resistance MOS switch-to-GND, during normal operation. Driven by startup excitation circuit during the internal startup control sequence.
13 14 15 16
CAGC RSSI NC RO2
May 2007
2
M9999-052307-A (408) 944-0800
Micrel, Inc.
MICRF213
Absolute Maximum Ratings(1)
Supply Voltage (VDD) .................................................+5V Input Voltage .............................................................+5V Junction Temperature ......................................... +150C Lead Temperature (soldering, 10sec.) .................. 260C Storage Temperature (TS) .....................-65C to +150C Maximum Receiver Input Power ........................+10dBm EDS Rating(3) .................................................. 3KV HBM
Operating Ratings(2)
Supply voltage (VDD).............................+3.0V to +3.6V Ambient Temperature (TA)................ -40C to +105C Input Voltage (VIN) ...................................... 3.6V (Max) Maximum Input RF Power .............................. -20dBm
Electrical Characteristics(4)
Specifications apply for 3.0V < VDD < 3.6V, VSS = 0V, CAGC = 4.7F, CTH = 0.47F, fRX = 315 MHz unless otherwise noted. Bold values indicate -40C - TA - 105C. 900bps data rate (Manchester encoded), reference oscillator frequency = 9.81563 MHz. Symbol IDD ISHUT Parameter Operating Supply Current Shut down Current Image Rejection 1 IF Center Frequency Receiver Sensitivity @ 1kbps IF Bandwidth Antenna Input Impedance Receive Modulation Duty Cycle AGC Attack / Decay Ratio AGC pin leakage current AGC Dynamic Range Reference Oscillator Reference Oscillator Frequency Reference Oscillator Input Impedance Reference Oscillator Input Range Reference Oscillator Source Current fRX = 315MHz Crystal Load Cap = 10pF 9.81563 300 0.2 V(REFOSC) = 0V 3.5 1.5 MHz k Vp-p A
st
Condition Continuous Operation, fRX = 315MHz
Min
Typ 3.9 0.33 20
Max
Units mA A dB MHz dBm kHz
RF/IF Section
fRX = 315MHz fRX = 315MHz (matched to 50) BER=10-2 fRX = 315MHz fRX = 315MHz Note 5 tATTACK / tDECAY TA = 25C TA = +105C RFIN @ -50dBm RFIN @ -110dBm 20
0.86 -110 235 32.5 - j235 80 0.1 2 800 1.13 1.70
%
nA nA V V
May 2007
3
M9999-052307-A (408) 944-0800
Micrel, Inc.
MICRF213
Symbol
Parameter
Condition
Min
Typ
Max
Units
Demodulator CTH Source Impedance CTH Leakage Current Demodulator Filter Bandwidth @ 315MHz (Programmable, see application section) Digital / Control Functions DO pin output current Output rise and fall times RSSI RSSI DC Output Voltage Range RSSI response slope RSSI Output Current RSSI Output Impedance RSSI Response Time
Notes: 1. 2. 3. 4. 5. Exceeding the absolute maximum rating may damage the device. The device is not guaranteed to function outside of its operating rating. Device is ESD sensitive. Use appropriate ESD precautions. Exceeding the absolute maximum rating may damage the device. Sensitivity is defined as the average signal level measured at the input necessary to achieve 10-2 BER (bit error rate). The input signal is defined as a return-to-zero (RZ) waveform with 50% average duty cycle (Manchester encoded) at a data rate of 1kbps. When data burst does not contain preamble, duty cycle is defined as total duty cycle, including any "quiet" time between data bursts. When data bursts contain preamble sufficient to charge the slice level on capacitor CTH, then duty cycle is the effective duty cycle of the burst alone. [For example, 100msec burst with 50% duty cycle, and 100msec "quiet" time between bursts. If burst includes preamble, duty cycle is Ton/(Ton+Toff) = 50%; without preamble, duty cycle is Ton/(Ton+ Toff + Tquiet) = 50msec/(200msec)=25%. Ton is the (Average number of 1's/burst) x bit time, and Toff = Tburst -Ton.)
FREFOSC = 9.81563MHz TA = 25C TA = +105C SEL0=0, SEL1=0 SEL0=1, SEL1=0 SEL0=0, SEL1=1 SEL0=1, SEL1=1 source @ 0.8Vdd sink @ 0.2Vdd CI = 15pF, pin DO, 10-90% -110dBm to -50dBm -110dBm to -50dBm 15 50% data duty cycle, input power to Antenna = 20 dBm As output
165 2 800 1180 2360 4720 9400 260 600 2 0.4 - 1.9 25 400 200 0.3
k nA nA
Hz
A sec V mV/dB A Sec
May 2007
4
M9999-052307-A (408) 944-0800
Micrel, Inc.
MICRF213
Typical Characteristics
Sensitivity Graphs
RSSI Voltage vs. Input Power DC Current vs. Frequency Selectivity vs. Frequency Response
2.5 2.0
4.5
0 -10 -20
4.0 1.5 1.0 3.5 0.5 0 -120 -100 -80 -60 -40 INPUT POWER (dBm) 3.0 280
-30 -40 -50 -60 -70 -80 -90 304
-20
300 320 340 FREQUENCY (MHz)
360
308 312 316 320 324 FREQUENCY (MHz)
-106 -108 -110 -112 -114
Sesitivity vs. BER
1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1
AGC Voltage vs. Input Power
-116 1.00E-04 1.00E-03 1.00E-02 1.00E-01 BER
1 -150
-100 -50 INPUT POWER (dBm)
0
May 2007
5
M9999-052307-A (408) 944-0800
Micrel, Inc.
MICRF213
Functional Diagram
CAGC IMAGE REJECT FILTER RF Amp IF Amp AGC
ANT
Mixer
Detector
RSSI OOK Demodulator IF Amp
RSSI
VDD Mixer VSS SEL SEL SQUELCH SHDN fLO
-f i
f
Control Logic
Programmable Low Pass Filter
DO
Synthesizer Reference and Control
DO Control Logic Control Logic Slicing Level CTH
Reference Oscillator
RO1 Crystal
RO2
Figure 1. Simplified Block Diagram
Functional Description
Figure 1. Simplified Block Diagram. It is the basic structure of the MICRF213. It is made of three subblocks; Image Rejection UHF Down-converter, the OOK Demodulator, and Reference and Control Logics. Outside the device, the MICRF213 requires only three components to operate; two capacitors (CTH, and CAGC) and the reference frequency device, usually a quartz crystal. An additional five components may be used to improve performance. These are: power supply decoupling capacitor, two components for the matching network and two components for the pre-selector band pass filter.
frequency below the wanted signal. The local oscillator is set to 32 times the crystal reference frequency via a phase-locked loop synthesizer with a fully integrated loop filter. Image Reject Filter and Band-Pass Filter The IF ports of the mixer produce quadrature down converted IF signals. These IF signals are low-pass filtered. This removes higher frequency products prior to the image reject filter where they are combined to reject the image frequencies. The IF signal then passes through a third order band pass filter. The IF center frequency is 0.86MHz. The IF BW is 235KHz @ 315MHz, this will vary with RF operating frequency. The IF BW can be calculated via direct scaling:
Receiver Operation
LNA The RF input signal is AC-coupled into the gate circuit of the grounded source LNA input stage. The LNA is a Cascoded NMOS. Mixers and Synthesizer The LO ports of the Mixers are driven by quadrature local oscillator outputs from the synthesizer block. The local oscillator signal from the synthesizer is placed on the low side of the desired RF signal. This allows suppression of the image frequency at twice the IF May 2007 6
BWIF = BWIF@315MHz x
Operating Freq (MHz) 315
These filters are fully integrated inside the MICRF213. After filtering, four active gain controlled amplifier stages enhance the IF signal to proper level for demodulation.
OOK Demodulator The demodulator section is comprised of detector, programmable low pass filter, slicer, and AGC comparator.
M9999-052307-A (408) 944-0800
Micrel, Inc.
MICRF213 1.5A current is then sourced into the external CAGC capacitor. When the output signal is greater than 750mV, a 15A current sink discharges the CAGC capacitor. The voltage, developed on the CAGC capacitor, acts to adjust the gain of the mixer and the IF amplifier to compensate for RF input signal level variation.
Detector and Programmable Low-Pass Filter The demodulation starts with the detector removing the carrier from the IF signal. Post detection, the signal becomes base band information. The programmable low-pass filter further enhances the base band information. There are four programmable low-pass filter BW settings: 1180Hz, 2360Hz, 4270Hz, 9400Hz for 315MHz operation. Low pass filter BW will vary with RF Operating Frequency. Filter BW values can be easily calculated by direct scaling. See the equation below for the filter BW calculation:
Operating Freq (MHz) BWOperating Freq = BW@315MHz x 315
Reference Control There are two components in Reference and Control sub-block: 1) Reference Oscillator and, 2) Control Logic through parallel Inputs: SEL0, SEL1, SHDN. Reference Oscillator
VBIAS R1 R2
It is very important to choose filter setting that best fits the intended data rate as this will minimize data distortion. Demod BW is set at 9700Hz @ 315MHz as default (assuming both SEL0 and SEL1 pins are floating). The low pass filter can be hardware set by external pins SEL0 and SEL1.
SEL0 0 1 0 1 SEL1 0 0 1 1 Demod BW (@ 315MHz) 1180Hz 2360Hz 4270Hz 9400Hz - default
RO1 C0
1
Startup Circuit
CC1
M1 gm
IBIAS
CC2 M2 RO2 C1 M4 Normally on M3
Table 1. Demodulation BW Selection
Slicer, Slicing Level and Squelch The signal, prior to slicer, is still linear demodulated AM. Data slicer converts this signal into digital "1"s and "0"s by comparing with the threshold voltage built up on the CTH capacitor. This threshold is determined by detecting the positive and negative peaks of the data signal and storing the mean value. Slicing threshold default is 50%. After the slicer, the signal becomes digital OOK data. During long periods of "0"s or no data period at all, threshold voltage on the CTH capacitor may be very low. Large random noise spikes during this time may cause erroneous "1"s at DO pin. Squelch pin when pull down low will suppress these errors. AGC Comparator The AGC comparator monitors the signal amplitude from the output of the programmable low-pass filter. When the output signal is less than 750mV threshold,
Figure 2. Reference Oscillator Circuit
The reference oscillator in the MICRF213 (reference Figure 2) uses a basic Colpitts crystal oscillator configuration with a MOS transconductor to provide negative resistance. All capacitors shown in the figure are integrated inside MICRF213. R01 and R02 are external pins of MICRF213. The user only need connect the reference oscillation crystal. Reference oscillator crystal frequency can be calculated thus as: FREFOSC = FRF/(32 + 1.1/12) For 315MHz, FREFOSC = 9.81563 MHz. To operate the MICRF213 with minimum offset, crystal frequencies should be specified with 10pF loading capacitance.
May 2007
7
M9999-052307-A (408) 944-0800
Micrel, Inc.
MICRF213
Application Information
ANT1 Helical PCB Antenna Pattern C9 ANT2 L3 75nH 2%
1
Y1 9.81563MHz
+3.3V
C3 1.8pF J2 (np)SMA L1 39nH 5% C8 6.8pF +3.3V L2 68nH 5%
2 3 4 5 6
C5 0.1F JP3 open JP1 short R3
7 8
U1 MICRFAYQS RO1 RO2 GNDRF NC ANT RSSI GNDRF CAGC VDD CTH SQ SEL1 SEL0 DO SHDN GND
16 15 14 13 12 11 10 9
R1 (np)
RSSI
DO
JR2 short +3.3V GND D0 NC SH RSSI 1 2 3 4 5 6 +3.3V
DO SH RSSI
C6 0.47F
C4 4.7F
R2 (np)
Figure 3. QR213HE1 Application Example, 315MHz
The MICRF213 can be fully tested by using one of the many evaluation boards designed by Micrel and intended for use with this device. As an entry level, the QR213HE1 (reference Figure 3) offers a good start for most applications. It has a helical PCB antenna with its matching network, a band-pass-filter front-end as a pre-selector filter, matching network and the minimum components required to make the device work. The minimum components are a crystal, Cagc, and Cth capacitors. By removing the matching network of the helical PCB antenna (C9 and L3), a whip antenna (ANT2) or a RF connector (J2) can be used instead. Figure 3 shows the entire schematic for 315MHz. Other frequencies can be used and the values needed are listed in the tables below. Capacitor C9 and inductor L3 are the passive elements for the helical PCB matching network. It is recommended that a tight tolerance be used for these devices; such as 2% for the inductor and 0.1pF for the capacitor. PCB variations may require different values and optimization. Table 2 shows the matching elements for the device frequency range. For additional information, reference the: Small PCB Antennas for Micrel RF Products application note.
Freq (MHz) 303.825 315 345 C9 (pF) 1.2 1.2 1.2 L3 (nH) 82 75 62
L1 and C8 form the pass-band-filter front-end. Its purpose is to attenuate undesired outside band noise which reduces the receiver performance. It is calculated by the parallel resonance equation f = 1/(2*PI*(SQRT(L1*C8)). Table 3 shows the most used frequency values.
Freq (MHz) 303.825 315 345 C8 (pF) 6.8 6.8 5.6 L1 (nH) 39 39 39
Table 3. Band-Pass-Filter Front-End Values
Table 2. Matching Values for the Helical PCB Antenna
To use another antenna, such as the whip kind, remove C9 and place the whip antenna in the hole provided in the PCB. Also, a RF signal can be injected there. May 2007 8
There is no need for the band-pass-filter front-end for applications where it is proven the outside band noise does not cause a problem. The MICRF213 has image reject mixers which improve significantly the selectivity and rejection of outside band noise. Capacitor C3 and inductor L2 form the L-shape matching network. The capacitor provides additional attenuation for low frequency outside band noise and the inductor provides additional ESD protection for the antenna pin. Two ways can be used to find these values, which are matched close to 50. One method is done by calculating the values using the equations below and another by using a Smith chart. The latter is made easier by using software that plots the values of the components C8 and L1, like WinSmith by Noble Publishing. To calculate the matching values, one needs to know the input impedance of the device. Table 4 shows the input impedance of the MICRF213 and the suggested matching values used for the most frequencies.
M9999-052307-A (408) 944-0800
Micrel, Inc. Please keep in mind that these suggested values may be different if the layout is not exactly the same as the one depicted here.
Freq (MHz) 303.825 315 345 C3 (pF) 1.8 1.8 1.8 L2 (nH) 72 68 56 Z device () 34.6- j245.1 32.5 - j235 25.3 - j214
MICRF213 Second, we plot the shunt inductor (68nH) and the series capacitor (1.8pF) for the desired input impedance (Figure 5). We can see the matching leading to the center of the Smith Chart or close to 50.
Table 4. Matching Values for the Most Used Frequencies
For the frequency of 315MHz, the input impedance is Z = 32.5 - j235, then the matching components are calculated by: Equivalent parallel = B = 1/Z = 0.577 + j4.175 msiemens Rp = 1 / Re (B); Xp = 1 / Im (B) Rp = 1.733 k; Xp = 239.5 Q = SQRT (Rp/50 + 1) Q = 5.972 Xm = Rp / Q Xm = 290.21 Resonance Method For L-shape Matching Network Lc = Xp / (2.Pi.f); Lp = Xm / (2.Pi.f) L2 = (Lc.Lp) / (Lc + Lp); C3 = 1 / (2.Pi.f.Xm) L2 = 66.3nH C3 = 1.74pF Doing the same calculation example with the Smith Chart, it would appear as follows, First, we plot the input impedance of the device, (Z = 32.5 - j235) @ 315MHz.(Figure 4).
Figure 5. Plotting the Shunt Inductor and Series Capacitor
Figure 4. Device's Input Impedance, Z = 32.5 - j235
Crystal Y1 or Y1A (SMT or leaded respectively) is the reference clock for all the device internal circuits. Desired crystal characteristics are: 10pF load capacitance, 30ppm, ESR < 50 and a -40C to +105C temperature range. Table 5 shows the crystal frequencies and one of Micrel's approved crystal manufactures (www.hib.com.br). The oscillator of the MICRF213 is a Colpitts type. It is very sensitive to stray capacitance loads. Thus, very good care must be taken when laying out the printed circuit board. Avoid long traces and ground plane on 9
M9999-052307-A (408) 944-0800
May 2007
Micrel, Inc. the top layer close to the REFOSC pins RO1 and RO2. When care is not taken in the layout, and crystals from other vendors are used, the oscillator may take longer times to start as well as the time to good data in the DO pin to show up. In some cases, if the stray capacitance is too high (>20pF), the oscillator may not start at all. The crystal frequency is calculated by REFOSC = RF Carrier/(32+(1.1/12)). The local oscillator is low side injection (32 x 9.81563MHz = 314.1MHz), that is, its frequency is below the RF carrier frequency and the image frequency is below the LO frequency. Refer to Figure 6. The product of the incoming RF signal and local oscillator signal will yield the IF frequency, which will then be demodulated by the detector of the device.
MICRF213 according to Table 6. For example, if the pulse period is 140sec, 50% duty cycle, then the pulse width will be 70sec (PW = (140 sec * 50%) / 100). So, a bandwidth of 9.286kHz would be necessary (0.65 / 70sec). However, if this data stream had a pulse period with a 20% duty cycle, then the bandwidth required would be 23.2kHz (0.65 / 28sec), which exceeds the maximum bandwidth of the demodulator circuit. If one tries to exceed the maximum bandwidth, the pulse would appear stretched or wider.
SEL0 JP1 SEL1 JP2 Demod. BW (hertz) Shortest Pulse (usec) Maximum baud rate for 50% Duty Cycle (hertz)
Short Open Short Open
Short Short Open Open
Image Frequency
Desired Signal
1180 2360 4720 9400
551 275 138 69
908 1815 3631 7230
Table 6. JP1 and JP2 Setting, 315MHz
fLO
f (MHz)
Figure 6. Low Side Injection Local Oscillator REFOSC (MHz) 9.467411 9.81563 10.75045 Carrier (MHz) 303.825 315 345.0 HIB Part Number SA-9.467411-F-10-H-30-30-X SA-9.815630-F-10-H-30-30-X SA-10.750450-F-10-H-30-30-X
Capacitors C6 and C4, Cth and Cagc capacitors respectively, provide the time base reference for the data pattern received. These capacitors are selected according to data profile, pulse duty cycle, dead time between two received data packets and if the data pattern has or not a preamble. See Figure 7 for an example of a data profile. Other frequencies will have different demodulator bandwidth limits, which are derived from the reference oscillator frequency. Table 7 and Table 8, below, show the limits for the other two most used frequencies.
SEL0 JP1 SEL1 JP2 Demod. BW (hertz) 1140 2280 4550 9100 Shortest Pulse (usec) 570 285 143 71 Maximum baud rate for 50% Duty Cycle (hertz) 8770 1754 3500 7000
Table 5. Crystal Frequency and Vendor Part Number
JP1 and JP2 are the bandwidth selection for the demodulator bandwidth. To set it correctly, it is necessary to know the shortest pulse width of the encoded data sent in the transmitter. Reference the example of the data profile, in the Figure 7, below:
Short Open Short Open
Short Short Open Open
Table 7. JP1 and JP2 Setting, 303.825MHz SEL0 JP1 SEL1 JP2 Demod. BW (hertz) 1290 2580 5170 10340 Shortest Pulse (usec) 504 252 126 63 Maximum baud rate for 50% Duty Cycle (Hertz) 992 1985 3977 7954
Figure 7. Example of a Data Profile
PW2 is shorter than PW1, so PW2 should be used for the demodulator bandwidth calculation. The calculation is found by 0.65/shortest pulse width. After this value is found, the setting should be done May 2007 10
Short Open Short Open
Short Short Open Open
Table 8. JP1 and JP2 Setting, 345.0MHz M9999-052307-A (408) 944-0800
Micrel, Inc. For best results, the values should always be optimized for the data pattern used. As the baud rate increases, the capacitor values decrease. Table 9 shows suggested values for Manchester Encoded data at 50% duty cycle.
SEL0 JP1 Short Open Short Open SEL1 JP2 Short Short Open Open Demod. BW (hertz) 1400 2800 5300 9700 Cth Cagc
MICRF213
100nF 47nF 22nF 10nF
4.7uF 2.2uF 1uF 0.47uF
DO Pin
Table 9. Suggested Cth and Cagc Values
JP3 is a jumper used to configure the digital squelch function. When it is high, there is no squelch applied to the digital circuits and the DO (data out) pin yields a hash signal. When the pin is low, the DO pin activity is considerably reduced. It will have more or less than shown in the figure below depending upon the outside band noise. The penalty for using squelch is a delay in obtaining a good signal in the DO pin. That is, it takes longer for the data to show up. The delay is dependent upon many factors such as RF signal intensity, data profile, data rate, Cth and Cagc capacitor values, and outside band noise. See Figure 8 and 9.
Figure 9. Data Out Pin with Squelch (SQ = 0)
DO Pin
Figure 8. Data Out Pin with No Squelch (SQ = 1)
Other components used include: C5, which is a decoupling capacitor for the Vdd line; R4 reserved for future use and not needed for the evaluation board; R3 for the shutdown pin (SHDN = 0, device is operation), which can be removed if that pin is connected to a microcontroller or an external switch; and R1 and R2 which form a voltage divider for the AGC pin. One can force a voltage in this AGC pin to purposely decrease the device sensitivity. Special care is needed when doing this operation, as an external control of the AGC voltage may vary from lot to lot and may not work the same in several devices. Three other pins need to be discussed as well. They are the DO, RSSI, and shut down pins. The DO pin has a driving capability of 0.4mA. This is good enough for most of the logic families ICs in the market today. The RSSI pin provides a transfer function of the RF signal intensity vs. voltage. It is very useful to determine the signal to noise ratio of the RF link, crude range estimate from the transmitter source and AM demodulation, which requires a low Cagc capacitor value. The shut down pin (SHDN) is useful to save energy. Making its level close to Vdd (SHDN = 1), the device is then not in operation. Its DC current consumption is less than 1A (do not forget to remove R3). When toggling from high to low, there will be a time required for the device to come to steady state mode, and a time for data to show up in the DO pin. This time will be dependent upon many things such as temperature, crystal used, and if the there is an external oscillator with faster startup time. Crystal vendors suggest that the data will show up in the DO pin around 1msec time, and 2msec over the temperature range of the device. See Figure 10.
May 2007
11
M9999-052307-A (408) 944-0800
Micrel, Inc.
MICRF213
Figure 10. Time-to-Good Data After Shut Down Cycle, Room Temperature
May 2007
12
M9999-052307-A (408) 944-0800
Micrel, Inc.
MICRF213 connection. Do not share vias with ground connections. Each ground connection = 1 via or more vias. Ground plane must be solid and possibly without interruptions. Avoid ground plane on top next to the matching elements. It normally adds additional stray capacitance which changes the matching. Do not use phenolic material, only FR4 or better materials. Phenolic material is conductive above 200MHz. The RF path should be as straight as possible avoiding loops and unnecessary turns. Separate ground and VDD lines from other circuits (microcontroller, etc). Known sources of noise should be laid out as far as possible from the RF circuits. Avoid thick traces, the higher the frequency, the thinner the trace should be in order to minimize losses in the RF path.
PCB Considerations and Layout Figure 11 through 16 show some of the printed circuit layers for the QR211HE1 board. The MICRF213 shares the exact same board with different component values. Use the Gerber files provided (downloadable from Micrel Website: www.micrel.com) which have the remaining layers needed to fabricate this board. When copying or making one's own boards, be sure and make the traces as short as possible. Long traces alter the matching network and the values suggested are no longer valid. Suggested Matching Values may vary due to PCB variations. A PCB trace 100 mills (2.5mm) long has about 1.1nH of inductance. Optimization should always be done with exhaustive range tests. Make individual ground connections to the ground plane with a via for each ground
Figure 11. QR211/213HE1 Top Layer
Figure 12. QR211/213HE1 Bottom Layer, Mirror Image
May 2007
13
M9999-052307-A (408) 944-0800
Micrel, Inc.
MICRF213
Figure 13. QR211/213HE1 Top Silkscreen Layer
Figure 14. QR211/213HE1 Bottom Silkscreen Layer, Mirror Image
Figure 15. QR211/213HE1 Dimensions
May 2007
14
M9999-052307-A (408) 944-0800
Micrel, Inc.
MICRF213
QR213HE1 Bill of Materials, 315MHz
Item ANT1 ANT2 C3 C4 C5 C6 C8 C9 JP1,JP 2 JP3 J2 J3 L1 L2 L3 R1,R2 R3 Y1 Y1A U1
Notes: 1. Murata: www.murata.com 2. Vishay: www.vishay.com 3. Coilcraft: www.coilcraft.com 4. ACT1: www.act1.com 5. HIB: www.hib.com.br 6. Micrel, Inc.: www.micrel.com
Part Number
Manufacturer
Description Helical PCB Antenna Pattern (np)50 Ant 230mm 20 AWG, rigid wire
Qty. 1 1 1 1 1 1 1 1 2 1 1 1 1 1 1 2 1 1 1 1
MuRata Murata Murata Murata Murata
(1)
1.8pF, 0402/0603
(2) (2)
(1) (1)
/ Vishay / Vishay
4.7F, 0603/0805 0.1F, 0402/0603 0.47F, 0402/0603 6.8pF, 0402/0603 1.2pF, 0402/0603 short, 0402, 0 resistor open, 0402, not placed (np) not placed CON6
Murata(1) / Vishay(2)
(1) (1)
Vishay(2)
Coilcraft Coilcraft
(3) (3)
/ Murata / Murata
(1) (1)
/ ACT1 / ACT1
(4) (4)
39nH 5%, 0402/0603 68nH 5%, 0402/0603 75nH 2%, 0402/0603 (np) 0402, not placed 100k, 0402 (np)9.81563MHz Crystal 9.81563MHz Crystal
Coilcraft(3) / Murata(1) / ACT1(4) Vishay HCM49 HC49 MICRF213AYQS HIB(5) HIB(5) Micrel Inc.
(6) (2)
3.3V, QwikRadio 315MHz Receiver
(R)
May 2007
15
M9999-052307-A (408) 944-0800
Micrel, Inc.
MICRF213
Package Information
16-Pin QSOP (QS)
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http:/www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2007 Micrel, Incorporated.
May 2007
16
M9999-052307-A (408) 944-0800


▲Up To Search▲   

 
Price & Availability of MICRF213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X