Part Number Hot Search : 
MC101 B39212B LBN41505 TC55400 5KE18CA S1M8833 MTDK3S6R FQD5N20
Product Description
Full Text Search
 

To Download HSMF-A222-A00J1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount LED Indicator Agilent HSMx-A2xx-xxxxx Bi-Color, HSMx-A3xx-xxxxx Tri Color PLCC-4 SMT LED
Data Sheet
Description This family of SMT LEDs is packaged in the industry standard PLCC-4 package. These SMT LEDs have high reliability performance and are designed to work under a wide range of environmental conditions. This high reliability feature makes them ideally suited to be used under harsh interior automotive as well as interior signs application conditions. To facilitate easy pick and place assembly, the LEDs are packed in EIA-compliant tape and reel. Every reel will be shipped in single intensity and color bin, except red color to provide close uniformity.
These LEDs are compatible with IR and TTW solder reflow process. This super wide viewing angle at 120 together with the built in reflector pushing up the intensity of the light output makes these LED suitable to be used in the interior electronics signs. The flat top emitting surface makes it easy for these LEDs to mate with light pipes. This is suitable for general backlighting in automotive interior, office equipment, industrial equipment, and home appliances.
Features * Industry Standard PLCC-4 package (Plastic Leaded Chip Carrier) * High reliability LED package * High brightness using AlInGaP and InGaN dice technologies * Available in full selection of colors * Super wide viewing angle at 120 * Available in 8 mm carrier tape on 7-inch reel * Compatible with IR soldering process Applications * Electronic signs and signals - Interior full color sign - Variable message sign * Interior automotive - Instrument cluster backlighting - Central console backlighting - Cabin backlighting * Office automation, home appliances, industrial equipment - Front panel backlighting - Display backlighting
CAUTION: HSMF-Axxx-xxxxx LEDs are Class 2 ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to Agilent Application Note AN-1142 for additional details.
Package Dimensions
2.8 0.2 2.2 0.2 (2) (3) 0.1 TYP. 1.9 0.2 0.8 0.1
3.2 0.2
3.5 0.2
0.8 0.3 (1) CATHODE MARKING (4) 0.5 0.1 0.7 0.1
NOTE: 1. ALL DIMENSIONS IN mm.
Tri Color 1 Cathode (Color 1) 2 Common Anode 3 Cathode (Color 3) 4 Cathode (Color 2) Bi Color 1 Cathode (Color 1) 2 Anode (Color 1) 3 Cathode (Color 2) 4 Anode (Color 2)
Device Selection Guide Bi Color Part Number HSMF-A201- xxxxx HSMF-A202- xxxxx HSMF-A203- xxxxx HSMF-A204- xxxxx HSMF-A205- xxxxx HSMF-A206- xxxxx HSMF-A211- xxxxx HSMF-A212- xxxxx HSMF-A222- xxxxx HSMF-A227- xxxxx HSMF-A228- xxxxx HSMF-A226- xxxxx Color 1 GaP Red GaP Red GaP Red GaP Orange GaP Orange GaP Yellow AlGaAs Red AlGaAs Red AlInGaP Red AlInGaP Red AlInGaP Amber AlInGaP Amber Color 2 GaP Yellow Green GaP Yellow GaP Emerald Green GaP Yellow Green GaP Emerald Green GaP Yellow Green GaP Yellow Green GaP Yellow AlInGaP Amber GaN Blue GaN Blue AlInGaP Yellow Green
2
Part Number HSMF-A201-A00J1 HSMF-A202-A00J1 HSMF-A203-A00J1 HSMF-A204-A00J1 HSMF-A205-A00J1 HSMF-A206-A00J1 HSMF-A211-A00J1 HSMF-A212-A00J1 HSMF-A222-A00J1 HSMF-A227-A00J1 HSMF-A228-A00J1 HSMF-A226-A00J1
Color 1 Min. Iv @ 20 mA Typical Iv @ 20 mA Bin ID (mcd) (mcd) K2 K2 K2 K2 K2 K2 L2 L2 P1 P1 P1 P2 8.0 8.0 8.0 8.0 8.0 8.0 12.5 12.5 40.0 40.0 40.0 49.0 16.0 16.0 16.0 16.0 16.0 16.0 25.0 25.0 80.0 80.0 80.0 100.0
Color 2 Min. Iv @ 20 mA Typical Iv @ 20 mA Bin ID (mcd) (mcd) L1 K1 J1 L1 J1 L1 L1 K1 P1 J2 J2 M2 10.0 6.3 4.0 10.0 4.0 10.0 10.0 6.3 40.0 5.0 5.0 20.0 20.0 12.0 8.0 20.0 8.0 20.0 20.0 12.0 80.0 10.0 10.0 60.0
Note: 1. The luminous intensity Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be aligned with this axis.
Tri Color Part Number HSMF-A301-xxxxx HSMF-A331-xxxxx HSMF-A332-xxxxx HSMF-A341-xxxxx HSMF-A342-xxxxx Color 1 GaP Red AlInGaP Red AlInGaP Red Orange AllnGaP Red AllnGaP Red Orange Color 2 GaP Yellow Green InGaN Green InGaN Green InGaN Green InGaN Green Color 3 GaN Blue GaN Blue GaN Blue InGaN Blue InGaN Blue
Part Number HSMF-A301-A00J1 HSMF-A331-A00J1 HSMF-A332-A00J1 HSMF-A341-A00J1 HSMF-A342-A00J1
Color 1 Min. Iv Typical Iv @ 20 mA @ 20 mA Bin ID (mcd) (mcd) K2 P1 P1 P1 P1 8.0 40.0 40.0 40.0 40.0 13.0 80.0 80.0 80.0 80.0
Color 2 Min. Iv Typical Iv @ 20 mA @ 20 mA Bin ID (mcd) (mcd) L2 R1 R1 R1 R1 12.5 99.0 99.0 99.0 99.0 20.0 160.0 160.0 160.0 160.0
Color 3 Min. Iv Typical Iv @ 20 mA @ 20 mA Bin ID (mcd) (mcd) K2 K2 K2 N1 N1 8.0 8.0 8.0 25.0 25.0 10.0 10.0 10.0 40.0 40.0
Note: 1. The luminous intensity Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be aligned with this axis.
3
Part Numbering System HSM x1 - A x2 x3x4 - x5 x6 x7 x8x9 Packaging Option Color Bin Selection Intensity Bin Select Device Specification Configuration Package Type LED Chip Color
Absolute Maximum Ratings (TA = 25C) Parameters DC Forward Current[1] Peak Forward Current[2] Power Dissipation Reverse Voltage Junction Temperature Operating Temperature Storage Temperature GaP 30 mA 100 mA 78 mW AlGaAs 30 mA 100 mA 78 mW AlInGaP Red, Amber 30 mA[3,4] 100 mA 72 mW 5V 110C -55C to +100C -55C to +100C GaN/InGaN Yellow Green 20 mA[4] 100 mA 48 mW 20 mA 100 mA 120 mW
Notes: 1. Derate linearly as shown in figure 4. 2. Duty factor = 10%, Frequency = 1kHz. 3. Drive Current between 10 mA and 30 mA are recommended for best long term performance. 4. Operation at current below 5 mA is not recommended.
4
Optical Characteristics (TA = 25C) Peak Wavelength PEAK (nm) Typ. 635 645 635 621 600 592 583 592 565 558 523 468 428 575 Dominant Wavelength D (nm)[1] Typ. 626 637 626 615 602 590 585 590 569 560 525 470 462 571 Viewing Angle 21/2 (Degrees)[2] Typ. 120 120 120 120 120 120 120 120 120 120 120 120 120 120 Luminous Efficacy v (lm/W)[3] Typ. 120 63 150 240 380 480 580 480 590 650 500 75 65 620 Luminous Intensity/ Total Flux Iv (mcd) /v (mlm) Typ. 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45 0.45
Color GaP Red AlGaAs Red AlInGaP Red AlInGaP Red Orange GaP Orange AlInGaP Amber GaP Yellow AlInGaP Amber GaP Yellow Green GaP Emerald Green InGaN Green InGaN Blue GaN Blue AlInGaP Yellow Green
Notes: 1. The dominant wavelength, D , is derived from the CIE Chromaticity Diagram and represents the color of the device. 2. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity. 3. Radiant intensity, I e in watts/steradian, may be calculated from the equation I e = Iv/v , where Iv is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt.
Electrical Characteristics (TA = 25C) Forward Voltage VF (Volts) @ IF = 20mA Typ. Max. 2.2 1.9 1.9 3.9 3.4 2.6 2.6 2.4 4.3 4.05 Reverse Voltage VR @ 100 A Min. 5 5 5 Reverse Voltage VR @ 10 A Min. 5 5
Dice Technology GaP AS AlGaAs AlInGaP GaN Blue InGaN
5
1.0 0.9
RELATIVE INTENSITY
BLUE CYAN GREEN
YELLOW GREEN AMBER ORANGE
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 380 430 480 530 580 630
RED ORANGE RED
680
730
780
WAVELENGTH - nm
1.0
RELATIVE INTENSITY
0.8
GaP EMERALD GREEN GaP YELLOW GREEN GaN BLUE GaP YELLOW
0.6
GaP ORANGE
0.4 GaP RED 0.2
0
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm
Figure 1. Relative intensity vs. wavelength.
35
RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 AlInGaP AlGaAs Gap
35 30
CURRENT - mA
InGaN GaN
FORWARD CURRENT - mA
30 25 20 15 10 5 0 0 1 2 3 AlGaAs AS AlInGaP InGaN GaN BLUE GaP
25 20 15 10 5 0 0 20
GaP AS AlInGaP InGaN/GaN
AlGaAs
4
5
40
60
80
100
120
FORWARD VOLTAGE - V
DC FORWARD CURRENT - mA
TEMPERATURE - C
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative intensity vs. forward voltage.
Figure 4a. Maximum forward current vs. ambient temperature. Derated based on TJMAX = 110C, R JA = 500/W (1 chip on).
6
MAXIMUM FORWARD CURRENT - mA
35
540
DOMINANT WAVELENGTH - nm
30 GaP 25 20 15 InGaN/GaN 10 5 0 0 20 40 60 80 100 120 AS AlInGaP AlGaAs
530 520 510 500 490 480 470 460 0 5 10 15 InGaN BLUE 20 25 30 35 InGaN GREEN
AMBIENT TEMPERATURE - C
CURRENT - mA
Figure 4b. Maximum forward current vs. ambient temperature. Derated based on TJ MAX = 110C, RJA = 700/W (3 chip on).
Figure 5. Dominant wavelength vs. forward current - InGaN.
1.0
NORMALIZED INTENSITY
0.8
0.6
0.4
0.2
0 -90 -80 -70 -60 -50 -40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90
ANGULAR DISPLACEMENT - DEGREES
Figure 6. Radiation pattern.
0.9 0.8 0.7 BLACK BODY CURVE
Y-COORDINATE
0.6 0.5 0.4 0.3 0.2 0.1 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 X-COORDINATE
HSMF-A341 HSMF-A342 HSMF-A331 HSMF-A332 HSMF-A301 CIE CHART 1931
Figure 7. Chromaticity diagram for Tricolor.
7
2.60
3.30
3.30 0.40
1.10
20 SEC. MAX.
0.50 4.50 7.50
TEMPERATURE
240C MAX. 3C/SEC. MAX. 100-150C 3C/SEC. MAX. 120 SEC. MAX. 60-150 SEC. TIME
183C
1.50
-6C/SEC. MAX.
SOLDER RESIST
Figure 8. Recommended reflow soldering profile.
Figure 9. Recommended soldering pad pattern.
TRAILER 200 mm MIN. FOR 180 REEL. 200 mm MIN. FOR 330 REEL.
COMPONENT
LEADER 480 mm MIN. FOR 180 REEL. 960 mm MIN. FOR 330 REEL.
C
A
USER FEED DIRECTION
Figure 10. Tape leader and trailer dimension.
4 0.1
4 0.1
2 0.05
2.29 0.1
1.75 0.1 +0.1 1.5 -0 3.5 0.05 +0.3 8 -0.1 3.81 0.1 A
C
3.05 0.1
+0.1 1 -0
8 0.229 0.01
Figure 11. Tape leader and trailer dimension.
8
2 +0.5 -0 180
O 20.5 0.3
62.5
+0 -2.5
O 13 0.2
8.4
+1.50 (MEASURED AT OUTER EDGE) -0.00
14.4 (MAX. MEASURED AT HUB) LABEL AREA (111 mm x 57 mm) WITH DEPRESSION (0.25 mm) 7.9 (MIN.) 10.9 (MAX.)
Figure 12. Reel dimension.
USER FEED DIRECTION
CATHODE SIDE
PRINTED LABEL
Figure 13. Reeling Orientation.
Storage Condition: 5 to 30C @ 60% RH max. Baking is required under the condition: a) the humidity indicator card becoming pink color b) the pack has been opened for more than 4 weeks Baking recommended condition: 60 5C for 20 hours. This product is qualified as Moisture Sensitive JEDEC Level 2A.
9
Iv Bin Select (X5X6) Individual reel will contain parts from 1 half bin only. X5 Min. Iv Bin Selection
For HSMF-A202-xxxxx Minimum Intensity Bin Color 1 (Red) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 K2 K2 K2 K2 K2 L1 L1 L1 L1 L1 L2 L2 L2 L2 L2 M1 M1 M1 M1 M1 M2 M2 M2 M2 M2 Color 2 (Yellow) K1 K2 L1 L2 M1 K1 K2 L1 L2 M1 K1 K2 L1 L2 M1 K1 K2 L1 L2 M1 K1 K2 L1 L2 M1
For HSMF-A203-xxxxx HSMF-A205-xxxxx Minimum Intensity Bin Color 1 (Red/Orange) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 K2 K2 K2 K2 K2 L1 L1 L1 L1 L1 L2 L2 L2 L2 L2 M1 M1 M1 M1 M1 M2 M2 M2 M2 M2 Color 2 (Green) J1 J2 K1 K2 L1 J1 J2 K1 K2 L1 J1 J2 K1 K2 L1 J1 J2 K1 K2 L1 J1 J2 K1 K2 L1
For HSMF-A201-xxxxx HSMF-A204-xxxxx HSMF-A206-xxxxx Minimum Intensity Bin Color 1 (Red/Yellow/ Orange) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 K2 K2 K2 K2 K2 L1 L1 L1 L1 L1 L2 L2 L2 L2 L2 M1 M1 M1 M1 M1 M2 M2 M2 M2 M2 Color 2 (Green) L1 L2 M1 M2 N1 L1 L2 M1 M2 N1 L1 L2 M1 M2 N1 L1 L2 M1 M2 N1 L1 L2 M1 M2 N1
10
For HSMF-A211-xxxxx Minimum Intensity Bin Color 1 (Red) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 L2 L2 L2 L2 L2 M1 M1 M1 M1 M1 M2 M2 M2 M2 M2 N1 N1 N1 N1 N1 N2 N2 N2 N2 N2 Color 2 (Green) L1 L2 M1 M2 N1 L1 L2 M1 M2 N1 L1 L2 M1 M2 N1 L1 L2 M1 M2 N1 L1 L2 M1 M2 N1
For HSMF-A212-xxxxx Minimum Intensity Bin Color 1 (Red) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 L2 L2 L2 L2 L2 M1 M1 M1 M1 M1 M2 M2 M2 M2 M2 N1 N1 N1 N1 N1 N2 N2 N2 N2 N2 Color 2 (Yellow) K1 K2 L1 L2 M1 K1 K2 L1 L2 M1 K1 K2 L1 L2 M1 K1 K2 L1 L2 M1 K1 K2 L1 L2 M1
For HSMF-A222-xxxxx Minimum Intensity Bin Color 1 (Red) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 2 3 4 5 6 P1 P1 P1 P1 P1 P2 P2 P2 P2 P2 Q1 Q1 Q1 Q1 Q1 Q2 Q2 Q2 Q2 Q2 R1 R1 R1 R1 R1 R2 R2 R2 R2 R2 Color 2 (Amber) P1 P2 Q1 Q2 R1 P1 P2 Q1 Q2 R1 P1 P2 Q1 Q2 R1 P1 P2 Q1 Q2 R1 P1 P2 Q1 Q2 R1 P1 P2 Q1 Q2 R1
Note: 0 represents no maximum bin limit.
11
For HSMF-A227-xxxxx HSMF-A228-xxxxx Minimum Intensity Bin Color 1 (Red/Amber) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 2 3 4 5 6 P1 P1 P1 P1 P1 P2 P2 P2 P2 P2 Q1 Q1 Q1 Q1 Q1 Q2 Q2 Q2 Q2 Q2 R1 R1 R1 R1 R1 R2 R2 R2 R2 R2 Color 2 (Blue) J2 K1 K2 L1 L2 J2 K1 K2 L1 L2 J2 K1 K2 L1 L2 J2 K1 K2 L1 L2 J2 K1 K2 L1 L2 J2 K1 K2 L1 L2
For HSMF-A331-xxxxx HSMF-A332-xxxxx Minimum Intensity Bin Color 1 (Red/Red Orange) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 2 3 4 5 6 7 8 9 P1 P1 P1 P1 P1 P1 P1 P1 P1 P2 P2 P2 P2 P2 P2 P2 P2 P2 Q1 Q1 Q1 Q1 Q1 Q1 Q1 Q1 Q1 Q2 Q2 Q2 Q2 Q2 Q2 Color 2 (Green) R1 R1 R1 R2 R2 R2 S1 S1 S1 R1 R1 R1 R2 R2 R2 S1 S1 S1 R1 R1 R1 R2 R2 R2 S1 S1 S1 R1 R1 R1 R2 R2 R2 Color 3 (Blue) K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2 K2 L1 L2
For HSMF-A341-xxxxx HSMF-A342-xxxxx Minimum Intensity Bin Color 1 (Red/Red Orange) A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 2 3 4 5 6 7 8 9 P1 P1 P1 P1 P1 P1 P1 P1 P1 P2 P2 P2 P2 P2 P2 P2 P2 P2 Q1 Q1 Q1 Q1 Q1 Q1 Q1 Q1 Q1 Q2 Q2 Q2 Q2 Q2 Q2 Color 2 (Green) R1 R1 R1 R2 R2 R2 S1 S1 S1 R1 R1 R1 R2 R2 R2 S1 S1 S1 R1 R1 R1 R2 R2 R2 S1 S1 S1 R1 R1 R1 R2 R2 R2 Color 3 (Blue) N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1 N1 N2 P1
12
X6
Number of Half bins from X5
For HSMF-A2xx-xxxxx Color 1 0 A B C D E F G H J K L M N P Q R S T U V W X Y Z 0 0 0 0 0 5 5 5 5 5 4 4 4 4 4 3 3 3 3 3 2 2 2 2 2 Color 2 0 5 4 3 2 0 5 4 3 2 0 5 4 3 2 0 5 4 3 2 0 5 4 3 2
For HSMF-A3xx-xxxxx Color 1 (Red/Red Orange) 0 A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 2 3 0 5 5 5 5 5 5 5 5 5 4 4 4 4 4 4 4 4 4 3 3 3 3 3 3 3 3 3 Color 2 (Green) 0 5 5 5 4 4 4 3 3 3 5 5 5 4 4 4 3 3 3 5 5 5 4 4 4 3 3 3 Color 3 (Blue) 0 5 4 3 5 4 3 5 4 3 5 4 3 5 4 3 5 4 3 5 4 3 5 4 3 5 4 3
Intensity Bin Limits Bin ID J1 J2 K1 K2 L1 L2 M1 M2 N1 N2 P1 P2 Q1 Q2 R1 R2 S1 S2 T1 T2 U1 U2 V1 V2 Min. (mcd) 4.50 5.60 7.20 9.00 11.20 14.00 18.00 22.40 28.50 35.50 45.00 56.00 71.50 90.00 112.50 140.00 180.00 224.00 285.00 355.00 450.00 560.00 715.00 900.00 Max. (mcd) 5.60 7.20 9.00 11.20 14.00 18.00 22.40 28.50 35.50 45.00 56.00 71.50 90.00 112.50 140.00 180.00 224.00 285.00 355.00 450.00 560.00 715.00 900.00 1125.00
Tolerance of each bin limit = 12%.
Note: 0 represents no maximum bin limit.
Note: 0 represents no maximum bin limit.
13
Color Bin Select (X7) Individual reel will contain parts from 1 full bin only. X7 Color Bin Combinations
For HSMF-A205-xxxxx HSMF-A228-xxxxx Color 1 (Yellow/Amber/ Orange) 0 A B C D E F G H J K L M N P Q R S T U V W X Y Z 0 ABC BCD CDE ABC BCD CDE ABC BCD CDE DEF DEF DEF AB BC CD DE AB BC CD DE AB BC CD DE AB BC CD DE EF EF EF Color 2 (Emerald Green/Blue) 0 ABC ABC ABC BCD BCD BCD CDE CDE CDE ABC BCD CDE AB AB AB AB BC BC BC BC CD CD CD CD DE DE DE DE AB BC CD
For HSMF-A204-xxxxx HSMF-A206-xxxxx Color 1 (Yellow/ Amber/ Orange) 0 A B C D E F G H J K L M N P Q R S T U V W X Y 0 ABC BCD CDE DEF ABC BCD CDE DEF AB BC CD DE EF AB BC CD DE EF AB BC CD DE EF
For HSMF-A202-xxxxx HSMF-A203-xxxxx HSMF-A212-xxxxx HSMF-A222-xxxxx HSMF-A227-xxxxx Color 1 (Red) 0 A B C D E F G H J K L M N P 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Color 2 (Emerald Green/ Yellow/Blue) 0 ABC ABCD ABCDE BCD BCDE BCDEF CDE DEF CDEF AB BC CD DE EF
Color 2 (Yellow Green) 0 EFG EFG EFG EFG FGH FGH FGH FGH EF EF EF EF EF FG FG FG FG FG GH GH GH GH GH
Note: 0 represents full distribution.
For HSMF-A201-xxxxx HSMF-A211-xxxxx Color 1 (Red) 0 A B C D E 0 0 0 0 0 0 Color 2 (Yellow Green) 0 EFG FGH EF FG GH
1 2 3 4 5 6 7
Note: 0 represents full distribution.
Note: 0 represents full distribution.
Note: 0 represents full distribution.
14
For HSMF-A3xx-xxxxx Color 1 0 A B C D E F G H J K L M N P Q R S T U V W X Y Z 1 2 3 4 5 6 7 8 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Color 2 0 0 0 0 0 0 ABC ABC ABC ABC ABC ABC BCD BCD BCD BCD BCD BCD AB AB AB AB AB BC BC BC BC BC CD CD CD CD CD Color 3 0 ABC BCD AB BC CD 0 ABC BCD AB BC CD 0 ABC BCD AB BC CD ABC BCD AB BC CD ABC BCD AB BC CD ABC BCD AB BC CD
Color Bin Limits Blue A B C D Min. (nm) Max. (nm) 460.0 465.0 470.0 475.0 465.0 470.0 475.0 480.0 Amber/ Yellow A B C D Green A B C D Min. (nm) Max. (nm) 515.0 520.0 525.0 530.0 520.0 525.0 530.0 535.0 Orange A B Emerald Green A B C D C Min. (nm) Max. (nm) 552.5 555.5 558.5 561.5 555.5 558.5 561.5 564.5 Red Orange Min. (nm) Max. (nm) A B Yellow Green E F G H Min. (nm) Max. (nm) 564.5 567.5 570.5 573.5 567.5 570.5 573.5 576.5 611.0 616.0 616.0 620.0 D E Min. (nm) Max. (nm) 597.0 600.0 603.0 606.0 609.0 600.0 603.0 606.0 609.0 612.0 E F Min. (nm) Max. (nm) 582.0 584.5 587.0 589.5 592.0 594.5 584.5 587.0 589.5 592.0 594.5 597.0
Red
Min. (nm) Max. (nm)
Full Distribution
Tolerance of each bin limit = 1 nm.
Packaging Option (X 8X 9) X 8X9 J1 20 mA test current, Top Mount, 7 inch Reel
Note: 0 represents full distribution.
15
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (408) 654-8675 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2003 Agilent Technologies, Inc. Obsoletes 5988-8602EN May 19, 2003 5988-9622EN


▲Up To Search▲   

 
Price & Availability of HSMF-A222-A00J1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X