|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Neon Indicator Lamps C onfiguration T - 2 Midge t Fla nge B a s e A Part Numbe r A1 G A1 G -R A1 H A1 H -R C7 A C 7 A -R C9 A C 9 A -R G9 B G 9 B -R K1 C 5 K 1 C 5-R K1 B1 K 1 B 1 -R K1 A5 K 1 A 5-R Old R e f. Numbe r Desi gn C urre nt mA 0. 3 0. 3 1. 2 1. 2 0. 7 0. 7 1. 9 1. 9 1. 2 1. 2 0. 7 0. 7 1. 2 1. 2 1. 9 1. 9 Ma ximum B r e a kdown V oltage VD C VA C 65 65 95 95 65 65 95 95 95 95 65 65 95 95 95 95 90 90 135 135 90 90 135 135 135 135 90 90 135 135 135 135 B C NE -2D NE -2J T - 2 T e l ephone S lide B a s e A NE -84 B T - 3 1/4 Minia tur e B a yone t B a s e A B B1 A B 1 A -R B2 A B 2 A -R B2 G B 2 G -R NE NE NE NE NE AR -51 - 1R 5 - 1H 5 - 1H R 5 - 1G 5 - 1G R 5 0. 3 0. 3 1. 2 1. 2 1. 2 1. 2 65 65 95 95 95 95 90 90 135 135 135 135 Footnotes 1. Life value is to approximately 50% of initial light output. Values shown apply to use on AC unless otherwise shown. Life on DC is approximately 60% of AC values when DC current is equal to RMS AC value. When equal DC and RMS AC voltages and equal resistances are utilized, life will be approximately the same. 2. For DC operation of high brightness lamps use a minimum of 150 circuit volts. Maximum initial breakdown voltage 95 VAC, 135 VDC in light. 3. Tinned leads. 4. High brightness. 5. Formed tip. 6. Dark effect reduced. 7. Lamp drops through a O.310" cylinder of .500" minimum length. 147 Central Avenue Hackensack, NJ 07601 Phone: (201) 489-8989 Fax: (201) 489-6911 18703 Dix Toledo Road Brownstown, MI 48193 E-mail:sales@chml.com * Web Site: www.chml.com Saret Zone Franca, Edifico B Alajuela Costa Rica Chicago Miniature Lighting, LLC reserves the right to make specification revisions that enhance the design and/or performance of the product Neon Indicator Lamps |
Price & Availability of G9B |