Part Number Hot Search : 
AX232 4004B AM023 SI4435DY C4000 924BD FAN5405 2SAR572D
Product Description
Full Text Search
 

To Download G728 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
G.728
DSP-BASED SPEECH COMPRESSION CODER
nalog Devices' G.728 full-duplex speech compression coder, running on a highperformance 33 MIPS Digital Signal Processor (DSP), compresses the speech or any other audio signal component of multimedia software or other audio. This speech coder chipset includes software code which conforms to the ITU H.320 standards family. In addition, acoustic echo cancellation is a standard feature. The speech coder chipset features a 16 kbps bit rate using low-delay code-excited linear prediction (LDCELP). The coder uses an analysis-by-synthesis approach to codebook search. LD-CELP uses backward adaptation of predictors and gain to reduce the algorithmic delay to 0.625 msec. The coder includes independent gain control with 256 steps, independent audio mode muting, multi-stage loopback modes for testing and a seamless acoustic echo cancellation interface. The G.728 chipset includes an ADSST-G728-xxxx, 33-MIPS Digital Signal Processor. The G.728 software code requires 20 MIPS, 8 KWords PM RAM and 12 KWords DM RAM of the DSP. A demonstration featuring the G.728 compression algorithm with or without acoustic echo cancellation is available to run on an Analog Devices EZ-LITE development board.
ANALOG DEVICES WORLDWIDE HEADQUARTERS One Technology Way P.O. Box 9106 Norwood, MA 02062-9106 USA tel: 617 461 3060 fax: 617 461 4360 email: systems.solutions@analog.com
A
HIGHLIGHTS
* * * * * * *
16 kbps Bit Rate Discontinuous Transmission And Noise Fill During Non-Speech Intervals Optimizer Represented In Speech Encodes Speech Using Low-Delay CodeExcited Linear Prediction (LD-CELP) Frame Size: 30 msec Delay Time: 7.5 msec Minimum Buffer Size: 2.5 msec
The frame size is 30 msec and there is an additional look-ahead of 7.5 msec, resulting in a total algorithmic delay of 37.5 msec. The speech coder may be used in Digital Circuit Multipliclation Equipment (DCME) systems. In such systems, the digital speech interpolation (DSI) sections removes silent intervals from speech. The adaptivedfferential pulse-code modulation (ADPCM) component compresses 64 kbit/sec speech to 32 kbit/sec, effectively representing each sample using 4 bits, compared to companded PCM which uses 8 bits per sample. The G.728 speech coder has an effective minimal buffer size of 2.5 msec, which can be increased to accommodate any size without affecting the core algorithm.
This chipset is available with and without Acoustic Echo Cancellation and can be ordered under part numbers ADSST-G728-xxxx. License agreements must be signed before delivery of the chipset.
SOFTWARE & SYSTEMS TECHNOLOGY DIVISION a


▲Up To Search▲   

 
Price & Availability of G728

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X