Part Number Hot Search : 
SFX9130 S0706 R2221 MC33063 BZX84C39 74AC573 FM25040C MCZ33
Product Description
Full Text Search
 

To Download FM205-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Chip Silicon Rectifier
FM201-L THRU FM207-L
Glass passivated type
Formosa MS
SMA-L
0.205(5.2) 0.189(4.8) 0.012(0.3) Typ.
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy M olding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current.
0.110(2.8) 0.094(2.4)
0.181(4.6) 0.165(4.2)
0.075(1.9) 0.067(1.7)
0.040(1.0) Typ.
0.040 (1.0) Typ.
Mechanical data
Case : Molded plastic, JEDEC DO-214AC Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.0015 ounce, 0.05 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Forward rectified current Forward surge current See Fig.2 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C CONDITIONS Symbol IO IFSM MIN. TYP. MAX. 2.0 50 5.0 125 Rq JA CJ TSTG -55 53 30 +150
o
UNIT A A uA uA C/w pF
o
Reverse current Thermal resistance Diode junction capacitance Storage temperature
VR = VRRM TA = 125o C Junction to ambient f=1MHz and applied 4vDC reverse voltage
IR
C
SYMBOLS
MARKING CODE A21 A22 A23 A24 A25 A26 A27
V RRM
*1
V RMS
*2
VR
*3
VF
*4
Operating temperature (o C )
(V) FM201 FM202 FM203 FM204 FM205 FM206 FM207 50 100 200 400 600 800 1000
(V) 35 70 140 280 420 560 700
(V) 50 100 200 400 600 800 1000
(V)
1.1
-55 to +150
*1 Repetitive peak reverse voltage *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage
RATING AND CHARACTERISTIC CURVES (FM201-L THRU FM207-L)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
2.4 2.0 1.6 1.2 0.8 0.4 0 0 20 40 60 80 100 120 140 160 180 200
Single Phase Half Wave 60Hz Resistive Or Inductive Load
100
INSTANTANEOUS FORWARD CURRENT,(A)
10
1
Tj=25 C Pulse Width 300us 1% Duty Cycle
AMBIENT TEMPERATURE,( C)
.1
FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
.01 .6
50
.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLT AGE,(V)
40
30
Tj=25 C
8.3ms Single Half Sine Wave
20
JEDEC method
10
FIG.3 - TYPICAL REVERSE CHARACTERISTICS 100
0 1 10 50 100
NUMBER OF CYCLES AT 60Hz
10
REVERSE LEAKAGE CURRENT, (mA)
Tj=100 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
175 150 125 100 75 50 25
.1
Tj=25 C
.01 0
20
40
60
80
100 120 140
0 .01 .05 .1 .5 1 5 10 50 100
PERCENTAGE RATED PEAK REVERSE VOL TAGE
JUNCTION CAPACITANCE,(pF)
1.0
REVERSE VOLTAGE,(V)


▲Up To Search▲   

 
Price & Availability of FM205-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X