Part Number Hot Search : 
A5800 E130A 2SC33 RM21B 12812 2SK3019 56M01 HVR312
Product Description
Full Text Search
 

To Download EP8203-HL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14 Pin DIP and SMD 5 Tap Low-Profile TTL Compatible Active Delay Lines
Compatible with standard auto-insertable equipment and can be used in either infrared or vapor phase process.
Delays are 5% or 2 nS Tap Total
5, 10, 15, 20 6, 12, 18, 24 7, 14, 21, 28 8, 16, 24, 32 9, 18, 27, 36 10, 20, 30, 40 12, 24, 36, 48 15, 30, 45, 60 20, 40, 60, 80 25, 50, 75, 100 30, 60, 90, 120 35, 70, 105, 140 Whichever is greater. 25 30 35 40 45 50 60 75 100 125 150 175
DIP Part Number
EP8200-HL EP8213-HL EP8214-HL EP8215-HL EP8216-HL EP8201-HL EP8211-HL EP8217-HL EP8202-HL EP8219-HL EP8203-HL EP8220-HL
SMD Part Number
EPA073HL-25 EPA073HL-30 EPA073HL-35 EPA073HL-40 EPA073HL-45 EPA073HL-50 EPA073HL-60 EPA073HL-75 EPA073HL-100 EPA073HL-125 EPA073HL-150 EPA073HL-175
Delays are 5% or 2 nS Tap Total
40, 80, 120, 160 45, 90, 135, 180 50, 100, 150, 200 60, 120, 180, 240 70, 140, 210, 280 80, 160, 240, 320 84, 168, 252, 336 88, 176, 264, 352 90, 180, 270, 360 84, 188, 282, 376 100, 200, 300, 400 200 225 250 300 350 400 420 440 450 470 500
DIP Part Number
EP8204-HL EP8221-HL EP8205-HL EP8206-HL EP8207-HL EP8208-HL EP8218-HL EP8222-HL EP8209-HL EP8223-HL EP8210-HL
SMD Part Number
EPA073HL-200 EPA073HL-225 EPA073HL-250 EPA073HL-300 EPA073HL-350 EPA073HL-400 EPA073HL-420 EPA073HL-440 EPA073HL-450 EPA073HL-470 EPA073HL-500
Delay times referenced from input to leading edges at 25C, 5.0V, with no load.
DC Electrical Characteristics Parameter Test Conditions
VOH VOL VIK IIH IIL IOS High-Level Output Voltage Low-Level Output Voltage Input Clamp Voltage High-Level Input Current Low-Level Input Current Short Circuit Output Current
Schematic Min Max Unit
0.5 -1.2 50 1.0 -2 -100 V V V A mA mA mA
ICCH High-Level Supply Current ICCL Low-Level Supply Current TRO Output Rise Time NH NL Fanout High-Level Output Fanout Low-Level Output
VCC = min. V IL = max. I OH = max 2.7 VCC = min. VIH = min. I OL= max VCC = min. II = IIK VCC = max. VIN = 2.7V VCC = max. VIN = 5.25V VCC = max. VIN = 0.5V VCC = max. VOUT = 0. -40 (One output at a time) VCC = max. VIN = OPEN VCC = max. VIN = 0 Td 500 nS (0.75 to 2.4 Volts) Td > 500 nS VCC = max. VOH = 2.7V VCC = max. VOL = 0.5V
14
VCC
12
4
10
6
8
OUTPUT
INPUT 1
75 mA 75 mA 4 nS 5 nS 20 TTL LOAD 10 TTL LOAD
7 GROUND
Recommended Operating Conditions
VCC VIH VIL IIK IOH IOL PW* d* TA Supply Voltage High-Level Input Voltage Low-Level Input Voltage Input Clamp Current High-Level Output Current Low-Level Output Current Pulse Width of Total Delay Duty Cycle Operating Free-Air Temperature
Input Pulse Test Conditions @ 25 C Min
4.75 2.0
Unit
3.2 110 2.0 1.0 100 5.0 Volts % nS MHz KHz Volts
Max
5.25 0.8 -18 -1.0 20
Unit
V V V mA mA mA % % C
EIN PW TRI PRR VCC
Pulse Input Voltage Pulse Width % of Total Delay Pulse Rise Time (0.75 - 2.4 Volts) Pulse Repetition Rate @ Td 200 nS Pulse Repetition Rate @ Td > 200 nS Supply Voltage
40 0 40 +70
*These two values are inter-dependent.
SMD Package
PCA EPA073HL-25 Date Code .300 .200
.200
DIP Package
White Dot Pin#1
.200 PCA EP8201-HL Date Code .300 .280 Max.
.400 Max.
.280 Max.
Suggested Solder Pad Layout
.055 .410
.100
.300
.03
.780 Max. .200 Max. .020 Typ. .020 Min. .010 Typ.
.780 Max. .165 Max. .02
DSD82XXHL & DSA073HL
.01 Typ.
.100
Rev. A 2/5/96
.050
.300
.125 .01
.365 Max.
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = 1/32 .XX = .030 .XXX = .010
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791


▲Up To Search▲   

 
Price & Availability of EP8203-HL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X