Part Number Hot Search : 
SMRG0 63000 MAX5480 KBL02G IRFU320B MAD24003 P1840SB1 S5498
Product Description
Full Text Search
 

To Download CD1005-S0180R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features

Applications

NT
Lead free as standard RoHS compliant* Leadless High speed
Cellular phones PDAs Desktop PCs and notebooks Digital cameras MP3 players
*R
oH
S
CO
M
Switching Chip Diode Series - 0603 / 1005
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers small-signal high-speed Switching Diodes for switching digital signal applications, in compact chip package 0603 and 1005 size format, which offer PCB real estate savings and are considerably smaller than competitive parts. The Switching Diodes offer a forward current of 100 mA or 150 mA, a reverse voltage of 80 V or 75 V and also have a low leakage reverse current option. The diodes are lead-free with Cu/Ni/Au plated terminations and are compatible with lead-free manufacturing processes, conforming to many industry and government regulations on lead-free components. Bourns(R) Chip Diodes conform to JEDEC standards, easy to handle on standard pick and place equipment and their flat configuration makes roll away much more difficult. Electrical Characteristics (@ TA = 25 C Unless Otherwise Noted)
Parameter Forward Voltage (Max.) Capacitance Between Terminals (Max.) Reverse Recovery Time (Max.) Reverse Current (Max.)
Symbol VF CT trr IR
CDxxxx-S0180 1.00 (If = 100 mA)
CDxxxx-S01575
CDxxxx-S0180R
Unit V pF nS A
1.00 1.00 (If = 50 mA) (If = 100 mA) 4 (f = 100 MHz, Vr = 1 V DC) 4 (Vr = 6V, If = 10 mA, RL = 50 ) 0.1 2.5 0.05 (Vr = 80 V) (Vr = 75 V) (Vr = 75 V)
Absolute Ratings (@ TA = 25 C Unless Otherwise Noted)
Parameter Repetitive Peak Reverse Voltage Reverse Voltage Average Forward Current Forward Current, Surge Peak Power Dissipation - CD0603 Power Dissipation - CD1005 Storage Temperature Junction Temperature
Symbol VRRM VR Io Isurge PD TSTG TJ
CDxxxx-S0180 90 80 100 1* 150 300
CDxxxx-S01575 100 75 150 4** 150 300 -40 to +125 -40 to +125
CDxxxx-S0180R 90 80 100 1* 150 300
Unit V V mA A mW C C
* Condition: 8.3 ms single half sine-wave superimposed on rate load (JEDEC method). ** Condition: 1.0 s single half sine-wave superimposed on rate load (JEDEC method).
How To Order
CD 0603 - S 01 80 R
Common Code Chip Diode Package * 0603 * 1005 Model S = High Speed Switching Average Forward Current (Io) Code 01 = 100 mA 015 = 150 mA (Code x 1000 mA = Average Forward Current) Reverse Voltage (VR) Code 80 = 80 V 75 = 75 V Reverse Current Suffix R = Low Leakage IR (CDxxxx-S0180R)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Switching Chip Diode Series - 0603 / 1005
Product Dimensions
A
Recommended Pad Layout
A
B B
C
D
Dimension A (Max.)
C
B (Min.)
F
C (Min.)
0603 1.70 (0.067) 0.80 (0.031) 0.60 (0.024)
MM (INCHES)
1005 2.10 (0.082) 1.20 (0.047) 1.20 (0.047)
DIMENSIONS: E
Dimension A B C D E F
0603 1.60 - 1.80 (0.063 - 0.071) 0.80 - 1.00 (0.031 - 0.039) 0.25 Typ. (0.010) 0.70 - 0.85 (0.027 - 0.033) 0.35 Typ. (0.014) 0.30 Typ. (0.012)
MM (INCHES)
1005 2.40 - 2.60 (0.095 - 0.102) 1.10 - 1.30 (0.043 - 0.051) 0.35 Typ. (0.014) 0.70 - 0.90 (0.027 - 0.035) 0.35 Typ. (0.014) 0.30 Typ. (0.012)
Physical Specifications Case ....................................0603(1608) / 1005(2512) Molded plastic Terminals ......................Solder plated, solderable per MIL-STD-750, Method 2026 Polarity ....................................................Indicated by cathode band Mounting Position ........................................................................Any
Typical Part Marking CDxxxx-S0180 ................................................................................S1 CDxxxx-S01575 ..............................................................................S3 CDxxxx-S0180R ..............................................................................S2
DIMENSIONS:
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Switching Chip Diode Series - 0603 / 1005
Rating and Characteristic Curves: CDxxxx-S0180 Forward Characteristics
1000
Reverse Characteristics
100
10 Forward Current (mAmps) 100 Reverse Current (nA)
1
125 C 85 C
10 0.1 25 C 25 C 125 C 85 C 1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -25 C 0 0 10 20 30 40 50 60 70 80
Reverse Voltage (Volts)
Forward Voltage (Volts)
Derating Curve
120 Mounting on glass epoxy PCBs 100
Capacitance Between Terminals
5.0 F = 100 MHz Ta = 25 C 4.0 Capacitance Between Terminals (pF)
80 I0 Current (%)
3.0
60
2.0
40
20
1.0
0 0 25 50 75 100 125 150
0.0 0 2 4 6 8 10 12 14
Ambient Temperature (C)
Reverse Voltage (Volts)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Switching Chip Diode Series - 0603 / 1005
Rating and Characteristic Curves: CDxxxx-S01575 Forward Characteristics
1000
Reverse Characteristics
100.0
10.0 Forward Current (mAmps) 100 Reverse Current (nA) 125 C
1.0
85 C
10
0.1 25 C 25 C 125 C 85 C 1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -25 C 0 0 10 20 30 40 50 60 70 80
Forward Voltage (Volts)
Reverse Voltage (Volts)
Derating Curve
120 Mounting on glass epoxy PCBs 100
Capacitance Between Terminals
5.0 F = 100 MHz Ta = 25 C 4.0 Capacitance Between Terminals (pF)
80 I0 Current (%)
3.0
60
2.0
40
20
1.0
0 0 25 50 75 100 125 150
0.0 0 2 4 6 8 10 12 14
Ambient Temperature (C)
Reverse Voltage (Volts)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Switching Chip Diode Series - 0603 / 1005
Rating and Characteristic Curves: CDxxxx-S0180R Forward Characteristics
1000
Reverse Characteristics
100.0
Forward Current (mAmps)
10.0 100 125 C Reverse Current (nA) 1.0 85 C
10
0.1 25 C 125 C 85 C 1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0 0 20 40 Reverse Voltage (Volts) 60 80 -25 C 25 C
Forward Voltage (Volts)
Derating Curve
120 Mounting on glass epoxy PCBs 100
Capacitance Between Terminals
5.0 F = 100 MHz Ta = 25 C 4.0 Capacitance Between Terminals (pF)
80 I0 Current (%)
3.0
60
2.0
40
20
1.0
0 0 25 50 75 100 125 150
0.0 0 2 4 6 8 10 12 14
Ambient Temperature (C)
Reverse Voltage (Volts)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Switching Chip Diode Series - 0603 / 1005
Packaging Information
The product will be dispensed in Tape and Reel format (see diagram below).
P 0 P 1 E Index Hole 120 F W B D2 D1 D T
d
P Trailer
A Device
C Leader W1 Start DIMENSIONS: MM (INCHES)
End
....... ....... ....... ....... ....... ....... ....... .......
10 pitches (min.) 10 pitches (min.)
Direction of Feed
Devices are packed in accordance with EIA standard RS-481-A and specifications shown here. 0603 1.00 0.10 (0.039 - 0.004) 1.85 0.10 (0.073 - 0.004) 1.00 0.10 (0.039 - 0.004) 1.55 0.05 (0.061 - 0.002) 178 (7.008) 60.0 MIN. (2.362) 13.0 0.20 (0.512 - 0.008) 1.75 0.10 (0.069 - 0.004) 3.50 0.05 (0.138 - 0.002) 4.00 0.10 (0.157 - 0.004) 4.00 0.10 (0.157 - 0.004) 2.00 0.05 (0.079 - 0.002) 0.20 0.05 (0.008 - 0.002) 8.00 0.20 (0.315 - 0.008) 13.5 MAX. (0.531) 4,000 1005 1.55 0.10 (0.061 - 0.004) 2.65 0.10 (0.104 - 0.004) 1.05 0.10 (0.041 - 0.004) 1.55 0.10 (0.061 - 0.004) 178 (7.008) 60.0 MIN. (2.362) 13.0 0.20 (0.512 - 0.008) 1.75 0.10 (0.069 - 0.004) 3.50 0.05 (0.138 - 0.002) 4.00 0.10 (0.157 - 0.004) 4.00 0.10 (0.157 - 0.004) 2.00 0.05 (0.079 - 0.002) 0.25 0.05 (0.010 - 0.002) 8.00 0.20 (0.315 - 0.008) 13.5 MAX. (0.531) 4,000
Item Carrier Width Carrier Length Carrier Depth Sprocket Hole Reel Outside Diameter Reel Inner Diameter Feed Hole Diameter Sprocket Hole Position Punch Hole Position Punch Hole Pitch Sprocket Hole Pitch Embossment Center Overall Tape Thickness Tape Width Reel Width Quantity per Reel
Symbol A B C d D D1 D2 E F P P0 P1 T W W1 --
REV. 04/05 COPYRIGHT(c) 2003, BOURNS, INC. LITHO IN U.S.A. 10/03 e/IPA0303
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of CD1005-S0180R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X