Part Number Hot Search : 
27C51 51264 NJM592D8 FC123 2SC828 MMBZ5235 STP413D BD944
Product Description
Full Text Search
 

To Download BU2515DF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BU2515DF
www..com
DESCRIPTION *With TO-3PFa package *High voltage;high speed *Built-in damper diode APPLICATIONS *For use in horizontal deflection circuits of PC monitors.
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM Ptot Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current (Pulse) Base Collector current (DC) Base current (Pulse) Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 800 7.5 9 20 5 7.5 45 150 -55~150 UNIT V V V A A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
www..com
BU2515DF
SYMBOL
TYP.
MAX
UNIT
V(BR)EBO VCEsat VBEsat ICES IEBO hFE-1 hFE-2 VF
Emitter-base breakdown voltage
IB=600mA ;IC=0 IC=4.5A ;IB=0.9A IC=4.5A ;IB=0.9A VCE=BVCES; VBE=0 Tj=125 VEB=6V; IC=0 IC=1.0A ; VCE=5V IC=4.5A ; VCE=5V IF=4.5A
7.5
13.5
V
Collector-emitter saturation voltage
5.0
V
Base-emitter saturation voltage
1.0 1.0 2.0 130
V
Collector cut-off current
mA
Emitter cut-off current
mA
DC current gain
13
DC current gain
5
8
10.2
Diode forward voltage
2.2
V
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
www..com
BU2515DF
Fig.2 Outline dimensions (unindicated tolerance:0.30mm)
3


▲Up To Search▲   

 
Price & Availability of BU2515DF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X