Part Number Hot Search : 
LCFS1055 VN10K TZA3031U 16016 28F160 LCFS1053 AM79C901 EVKIT
Product Description
Full Text Search
 

To Download BL-XXX61-TR7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxx6G-TRB l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 3.45 0.45 3.90 3.90 1.95 w 7.70 178.0 12.5 70.00 5.25 12.50 0.85 1.70 Minimun inch 0.055 0.064 0.135 0.018 0.153 0.153 0.076 w 0.303 7.008 0.492 2.755 0.206 0.492 0.033 0.067 mm 1.60 1.85 3.55 0.55 4.10 4.10 2.05 0.30 8.30 180.0 13.50 72.00 5.35 13.50 0.95 1.80 Maximun inch 0.063 0.073 0.139 0.022 0.161 0.161 0.080 0.012 0.326 7.087 0.531 2.830 0.210 0.531 0.037 0.071
TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxx6A-TRB l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 3.45 0.65 3.90 3.90 1.95 w 7.70 178.0 12.50 70.00 5.25 12.50 0.85 1.70 Minimun inch 0.055 0.064 0.135 0.026 0.153 0.153 0.076 w 0.303 7.008 0.492 2.755 0.206 0.492 0.033 0.067 mm 1.60 1.85 3.55 0.75 4.10 4.10 2.05 0.30 8.30 180.0 13.50 72.00 5.35 13.50 0.95 1.80 Maximun inch 0.063 0.073 0.139 0.030 0.161 0.161 0.080 0.012 0.326 7.087 0.531 2.830 0.210 0.531 0.037 0.071
TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxx6D-TRB l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL Minimun mm
Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 3.45 0.94 3.90 3.90 1.95 w 7.70 178.0 12.50 70.00 5.25 12.50 0.98 1.78
Maximun inch
0.055 0.064 0.135 0.037 0.153 0.153 0.076 w 0.303 7.008 0.492 2.755 0.206 0.492 0.039 0.070
mm
1.60 1.85 3.55 1.14 4.10 4.10 2.05 0.30 8.30 180.0 13.50 72.00 5.35 13.50 1.18 1.98
inch
0.063 0.073 0.139 0.045 0.161 0.161 0.080 0.012 0.326 7.087 0.531 2.830 0.210 0.531 0.046 0.078
TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxx5A-TRB l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 3.45 1.20 3.90 3.90 1.95 w 7.70 178.0 12.50 70.00 5.25 12.50 1.32 2.16 Minimun inch 0.055 0.064 0.135 0.047 0.153 0.153 0.076 w 0.303 7.008 0.492 2.755 0.206 0.492 0.052 0.085 mm 1.60 1.85 3.55 1.40 4.10 4.10 2.05 0.30 8.30 180.0 13.50 72.00 5.35 13.50 1.52 2.36 Maximun inch 0.063 0.073 0.139 0.055 0.161 0.161 0.080 0.012 0.326 7.087 0.531 2.830 0.210 0.531 0.060 0.093
TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxx3-TRB l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 3.45 1.17 3.90 3.90 1.95 w 7.70 178.0 12.50 70.00 5.25 12.50 1.78 3.40 Minimun inch 0.055 0.064 0.135 0.046 0.153 0.153 0.076 w 0.303 7.008 0.492 2.755 0.206 0.492 0.070 0.134 mm 1.60 1.85 3.55 1.37 4.10 4.10 2.05 0.30 8.30 180.0 13.50 72.00 5.35 13.50 1.98 3.60 Maximun inch 0.063 0.073 0.139 0.054 0.161 0.161 0.080 0.012 0.326 7.087 0.531 2.830 0.210 0.531 0.078 0.142
TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxx3A-TRB l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 3.45 1.36 3.90 3.90 1.95 w 7.70 178.0 12.50 70.00 5.25 12.50 1.88 3.37 Minimun inch 0.055 0.064 0.135 0.054 0.153 0.153 0.076 w 0.303 7.008 0.492 2.755 0.206 0.492 0.074 0.133 mm 1.60 1.85 3.55 1.56 4.10 4.10 2.05 0.30 8.30 180.0 13.50 72.00 5.35 13.50 2.08 3.57 Maximun inch 0.063 0.073 0.139 0.061 0.161 0.161 0.080 0.012 0.326 7.087 0.531 2.830 0.210 0.531 0.082 0.141
TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxx4E-TRB l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 3.45 1.17 3.90 3.90 1.95 w 7.70 178.0 12.50 70.00 5.25 12.50 1.00 2.15 Minimun inch 0.055 0.064 0.135 0.046 0.153 0.153 0.076 w 0.303 7.008 0.492 2.755 0.206 0.492 0.039 0.085 mm 1.60 1.85 3.55 1.37 4.10 4.10 2.05 0.30 8.30 180.0 13.50 72.00 5.35 13.50 1.20 2.35 Maximun inch 0.063 0.073 0.139 0.054 0.161 0.161 0.080 0.012 0.326 7.087 0.531 2.830 0.210 0.531 0.047 0.093
TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxx4A-TRB l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.63 3.45 1.20 3.90 3.90 1.95 w 7.70 178.0 12.50 70.00 5.25 16.00 2.20 3.20 Minimun inch 0.055 0.064 0.135 0.045 0.153 0.153 0.076 w 0.303 7.008 0.492 2.755 0.206 0.629 0.087 0.126 mm 1.60 1.85 3.55 1.40 4.10 4.10 2.05 0.30 8.30 180.0 13.50 72.00 5.35 18.40 2.40 3.40 Maximun inch 0.063 0.073 0.139 0.055 0.161 0.161 0.080 0.012 0.326 7.087 0.531 2.830 0.210 0.724 0.094 0.134
TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxx4C-TRB l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 3.45 1.12 3.90 3.90 1.95 w 7.70 178.0 12.50 70.00 5.25 12.50 1.78 3.33 Minimun inch 0.055 0.064 0.135 0.044 0.153 0.153 0.076 w 0.303 7.008 0.492 2.755 0.206 0.492 0.070 0.131 mm 1.60 1.85 3.55 1.32 4.10 4.10 2.05 0.30 8.30 180.0 13.50 72.00 5.35 13.50 1.98 3.53 Maximun inch 0.063 0.073 0.139 0.052 0.161 0.161 0.080 0.012 0.326 7.087 0.531 2.830 0.210 0.531 0.078 0.139
TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxxxx6H-TRB l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 3.45 0.45 3.90 3.90 1.95 w 7.70 178.0 12.50 70.00 5.25 12.50 1.35 1.70 Minimum inch 0.055 0.064 0.135 0.018 0.153 0.153 0.076 w 0.303 7.008 0.492 2.755 0.206 0.492 0.053 0.067 mm 1.60 1.85 3.55 0.55 4.10 4.10 2.05 0.30 8.30 180.0 13.50 72.00 5.35 13.50 1.45 1.80 Maximum inch 0.063 0.073 0.139 0.054 0.161 0.161 0.080 0.012 0.326 7.087 0.531 2.830 0.210 0.531 0.115 0.136
TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxxxx3B-TRBA BL-Hxxxxxxx3F-TRBA BL-Hxxxxxxx3T-TRB l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 3.45 1.17 3.90 3.90 1.95 w 7.70 178.0 12.50 70.00 5.25 12.50 2.72 3.25 Minimum inch 0.055 0.064 0.135 0.046 0.153 0.153 0.076 w 0.303 7.008 0.492 2.755 0.206 0.492 0.107 0.128 mm 1.60 1.85 3.55 1.37 4.10 4.10 2.05 0.30 8.30 180.0 13.50 72.00 5.35 13.50 2.92 3.45 Maximum inch 0.063 0.073 0.139 0.054 0.161 0.161 0.080 0.012 0.326 7.087 0.531 2.830 0.210 0.531 0.115 0.136
TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxxxx4B-TRB l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 3.45 1.20 3.90 3.90 1.95 w 7.70 178.0 12.50 70.00 5.25 16.00 2.20 3.20 Minimum inch 0.055 0.064 0.135 0.047 0.153 0.153 0.076 w 0.303 7.008 0.492 2.755 0.206 0.629 0.087 0.126 mm 1.60 1.85 3.55 1.40 4.10 4.10 2.05 0.30 8.30 180.0 13.50 72.00 5.35 18.40 2.40 3.40 Maximum inch 0.063 0.073 0.139 0.055 0.161 0.161 0.080 0.012 0.326 7.087 0.531 2.830 0.210 0.724 0.094 0.134
TAPE AND REEL SURFACE MOUNT CHIP LED LAMPS
l DEVICE NUMBER: BL-Hxxxxxxx6T-TRB l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 3.45 0.60 3.90 3.90 1.95 w 7.70 178.0 12.50 70.00 5.25 12.50 1.63 1.65 Minimum inch 0.055 0.064 0.135 0.022 0.153 0.153 0.076 w 0.303 7.008 0.492 2.755 0.206 0.492 0.064 0.065 mm 1.60 1.85 3.55 0.80 4.10 4.10 2.05 0.30 8.30 180.0 13.50 72.00 5.35 13.50 1.83 1.85 Maximum inch 0.063 0.073 0.139 0.031 0.161 0.161 0.080 0.012 0.326 7.087 0.531 2.830 0.210 0.531 0.072 0.073
APE AND REEL AXIAL LED LAMPS WITH "GULL WING" LEAD
l DEVICE NUMBER: BL-XXX61-TR7 l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Carrier Tape Overall Thickness Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 K P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 5.45 3.10 w 3.90 3.90 1.95 w 12.00 178.0 12.50 20.00 9.00 16.00 2.20 3.90 Minimum inch 0.055 0.065 0.215 0.122 w 0.153 0.153 0.076 w 0.472 7.008 0.492 0.788 0.354 0.629 0.087 0.154 mm 1.55 1.85 5.55 3.30 2.40 4.10 4.10 2.05 0.30 12.30 180.0 13.50 21.50 9.30 18.40 2.40 4.10 Maximum inch 0.061 0.072 0.218 0.130 0.094 0.161 0.161 0.080 0.012 0.484 7.087 0.531 0.846 0.366 0.724 0.094 0.161
TAPE AND REEL AXIAL LED LAMPS WITH "YOKE" LEAD
l DEVICE NUMBER: BL-Xxx61-TR8 l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 5.45 3.02 3.90 3.90 1.95 w 12.00 178.0 12.50 20.00 9.00 16.00 2.29 7.62 Minimum inch 0.055 0.065 0.215 0.119 0.153 0.153 0.076 w 0.472 7.008 0.492 0.788 0.354 0.629 0.090 0.300 mm 1.55 1.85 5.55 3.22 4.10 4.10 2.05 0.30 12.30 180.0 13.50 21.50 9.30 18.40 2.49 7.82 Maximum inch 0.061 0.072 0.218 0.127 0.161 0.161 0.080 0.012 0.484 7.087 0.531 0.846 0.366 0.724 0.098 0.308
TAPE AND REEL AXIAL LED LAMPS WITH "Z" BENT LEAD
l DEVICE NUMBER: BL-Xxx61-TR9 l FEATURES: Y Compatible with automatic placement equipment Y Surface Mount assembly lamp Y High efficiency low power consumption Y Long life solid state reliability l TAPING AND PACKAGING SPECIFICATION
SPECIFICATION ITEM SYMBOL mm Tape Feed Hole Diameter (DIA) Feed Hole Location Centers Line Dimensions Length Direction Compartment Depth Compartment Pitch Sprocket Hole Diameter Centers Line Dimensions Length Direction Carrier Tape Thickness Carrier Tape Width Flange Diameter Hub Spindle Hole Hub Diameter Fixing Tape Width Flange Space Between Flanges Compartment Length Compartment Width D0 E F K0 P P0 P2 t W A C D2 W1 T A0 B0 1.40 1.65 5.45 3.00 3.90 3.90 1.95 w 12.00 178.0 12.50 20.00 9.00 16.00 1.87 6.30 Minimum inch 0.055 0.065 0.215 0.118 0.153 0.153 0.076 w 0.472 7.008 0.492 0.788 0.354 0.629 0.074 0.248 mm 1.55 1.85 5.55 3.20 4.10 4.10 2.05 0.30 12.30 180.0 13.50 21.50 9.30 18.40 2.07 6.50 Maximum inch 0.061 0.072 0.218 0.126 0.161 0.161 0.080 0.012 0.484 7.087 0.531 0.846 0.366 0.724 0.081 0.256


▲Up To Search▲   

 
Price & Availability of BL-XXX61-TR7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X