Part Number Hot Search : 
LC66516B AN7025 MBM29 2SC42 EL7513 GP1A91LC MC14079 82FKE36
Product Description
Full Text Search
 

To Download BAT54A-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
BAT54 THRU BAT54S
Features
* * Low Forward Voltage Surface Mount device Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1
MCC Catalog Number BAT54 BAT54A BAT54C BAT54S Device Marking 1 KL1 KL2 KL3 KL4 2 L4 L42 L43 L44 Type Single Dual Dual Dual Pin Configuration See page 3 Figure 1 Figure 2 Figure 3 Figure 4
200mWatt, 30Volt
Schottky Barrier Diode SOT-23
A D
C
B
Maximum Ratings
Continuos Reverse Voltage Forward ContinuousCurrent Non-Repetitive Peak Forward Current t<1s Total Power Dissipation @ TA = 25C Storage Temperature Range Operating Junction Temperature Range Soldering temperature during 10s VR IF IFSM PD Tstg Tj T 30V 200mA 0.6A 200mW -55C to 150C -55C to 125C 260C
G
F
E
H
J
K DIMENSIONS INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015 MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
Electrical Characteristics @ 25 C Unless Otherwise Specified
Characteristics Forward Voltage at IF = 0.1mA IF = 1mA IF = 10mA IF = 30mA IF = 100mA Reverse Current Symbol Max. 240mV 320mV 400mV 500mV 1000mV 2.0 uA Notes
VF
DIM A B C D E F G H J K
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
Suggested Solder Pad Layout VR = 25V
.035 .900 .031 .800
IR
Capacitance Reverse Recovery Time Thermal Resistance, Junction to Ambient
CJ trr RJA
10pF 5nS 500 C/W
Measured at 1.0MHz, VR=1.0V IF=IR=10mA; I(REC) = 1mA
.037 .950 .037 .950
.079 2.000
inches mm
Revision: 10
www.mccsemi.com
1 of 3
2008/11/19
BAT54 thru BAT54S
1
100
MCC
Micro Commercial Components
TA = 125C
TM
IF, INSTANTANEOUS FORWARD CURRENT (A)
0.1
10
TA = 75C
1
TA = 125C
0.01
TA = 75C
TA = 25C
TA = 25C TA = 0C
0.1
TA = 0C
0.001
TA = -40C
0.01
0.0001 0 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
12
f = 1.0MHz
0.001 0 5 10 15 20 25 30 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
PD, POWER DISSIPATION (mW)
0 5 10 15 20 25 30
10
CT, TOTAL CAPACITANCE (pF)
200
8
6
100
4
2
0
0 0 25 50 75 100 125
VR, REVERSE VOLTAGE (V) Fig. 3 Typical Capacitance vs. Reverse Voltage
TA, AMBIENT TEMPERATURE ( C) Fig. 4 Power Derating Curve
Pin Configuration - Top View
3
1
Figure 1
2
Figure 2 Figure 3 Figure 4
BAT54
BAT54A
BAT54C
BAT54S
www.mccsemi.com
Revision: 10
2 of 3
2008/11/19
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 10
3 of 3
2008/11/19
3


▲Up To Search▲   

 
Price & Availability of BAT54A-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X