Part Number Hot Search : 
TLGU1102 MJE1800 74HC4050 SC1005 ZSM560N8 0N30T HMC499 M61519FP
Product Description
Full Text Search
 

To Download A4983 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A4983 DMOS Microstepping Driver with Translator
Features and Benefits
Low RDS(ON) outputs Automatic current decay mode detection/selection Mixed and Slow current decay modes Synchronous rectification for low power dissipation Internal UVLO Crossover-current protection 3.3 and 5 V compatible logic supply Very thin profile QFN package Thermal shutdown circuitry
Description
The A4983 is a complete microstepping motor driver with built-in translator for easy operation. It is designed to operate bipolar stepper motors in full-, half-, quarter-, eighth, and sixteenth-step modes, with an output drive capacity of up to 35 V and 2 A. The A4983 includes a fixed off-time current regulator which has the ability to operate in Slow or Mixed decay modes. The translator is the key to the easy implementation of the A4983. Simply inputting one pulse on the STEP input drives the motor one microstep. There are no phase sequence tables, high frequency control lines, or complex interfaces to program. The A4983 interface is an ideal fit for applications where a complex microprocessor is unavailable or is overburdened. The chopping control in the A4983 automatically selects the current decay mode (Slow or Mixed). When a signal occurs at the STEP input pin, the A4983 determines if that step results in a higher or lower current in each of the motor phases. If the change is to a higher current, then the decay mode is set to Slow decay. If the change is to a lower current, then the current decay is set to Mixed (set initially to a fast decay for a period amounting to 31.25% of the fixed off-time, then to a
Continued on the next page...
Package: 28-pin QFN (suffix ET)
Approximate size
Typical Application Diagram
VDD
0.22 F VREG VDD Microcontroller or Controller Logic MS1 MS2 MS3 SLEEP STEP DIR RESET ENABLE REF ROSC VCP CP1
0.1 F CP2
0.1 F VBB
VBB VBB OUT1A OUT1B RS1
A4983
OUT2A OUT2B RS2
4983DS
A4983
DMOS Microstepping Driver with Translator
lockout (UVLO), and crossover-current protection. Special poweron sequencing is not required. The A4983 is supplied in a 5 mm x 5 mm x 0.90 nominal surface mount QFN package with exposed thermal pad (suffix ET). The package is lead (Pb) free (suffix -T), with 100% matte tin plated leadframe.
Description (continued) slow decay for the remainder of the off-time). This current decay control scheme results in reduced audible motor noise, increased step accuracy, and reduced power dissipation. Internal synchronous rectification control circuitry is provided to improve power dissipation during PWM operation. Internal circuit protection includes: thermal shutdown with hysteresis, undervoltage
Selection Guide
Part Number A4983SET-T A4983SETTR-T Pb-free Yes Yes Package 28-pin QFN with exposed thermal pad 28-pin QFN with exposed thermal pad 73 pieces per tube 1500 pieces per 7-in. reel Packing
Absolute Maximum Ratings
Characteristic Load Supply Voltage Output Current Logic Input Voltage Sense Voltage Reference Voltage Operating Ambient Temperature Maximum Junction Storage Temperature Symbol VBB IOUT VIN VSENSE VREF TA TJ(max) Tstg Range S Duty Cycle < 20% Notes Rating 35 2 2.5 -0.3 to 7 0.5 4 -20 to 85 150 -55 to 150 Units V A A V V V C C C
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
2
A4983
DMOS Microstepping Driver with Translator
Functional Block Diagram
0.22 F VREG ROSC CP1
0.1 F CP2
VDD
Current Regulator
OSC
Charge Pump VCP 0.1 F DMOS Full Bridge
REF DAC
VBB1
OUT1A OUT1B PWM Latch Blanking Mixed Decay Gate Drive Control Logic DMOS Full Bridge
STEP DIR RESET MS1 MS2 MS3 ENABLE SLEEP DAC Translator
SENSE1
VBB2
RS1
OUT2A OUT2B
PWM Latch Blanking Mixed Decay
SENSE2
RS2
VREF
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
3
A4983
DMOS Microstepping Driver with Translator
ELECTRICAL CHARACTERISTICS1 at TA = 25C, VBB = 35 V (unless otherwise noted)
Characteristics Output Drivers Load Supply Voltage Range Logic Supply Voltage Range Output On Resistance Body Diode Forward Voltage Symbol Test Conditions Operating During Sleep Mode Operating Source Driver, IOUT = -1.5 A Sink Driver, IOUT = 1.5 A Source Diode, IF = -1.5 A Sink Diode, IF = 1.5 A fPWM < 50 kHz Operating, outputs disabled Sleep Mode fPWM < 50 kHz Outputs off Sleep Mode Min. 8 0 3.0 - - - - - - - - - - VDDx0.7 VIN = VDDx0.7 - -20 -20 - - 150 0.7 20 23 0 -3 - - - 100 - - 2.35 0.05 Typ.2 - - - 0.350 0.300 - - - - - - - - - - <1.0 <1.0 100 100 300 1 30 30 - 0 - - - 475 165 15 2.7 0.10 Max. 35 35 5.5 0.450 0.370 1.2 1.2 4 2 10 8 5 10 - VDDx0.3 20 20 - - 500 1.3 40 37 4 3 15 5 5 800 - - 3 - Units V V V V V mA mA A mA mA A V V A A k k mV s s s V A % % % ns C C V V
VBB VDD RDSON VF IBB
Motor Supply Current
Logic Supply Current Control Logic Logic Input Voltage Logic Input Current Microstep Select 2 Microstep Select 3 Input Hysteresis Blank Time Fixed Off-Time Reference Input Voltage Range Reference Input Current Current Trip-Level Error3 Crossover Dead Time Protection Thermal Shutdown Temperature Thermal Shutdown Hysteresis UVLO Enable Threshold UVLO Hysteresis
IDD
VIN(1) VIN(0) IIN(1) IIN(0) RMS2 RMS3 VHYS(IN) tBLANK tOFF VREF IREF
errI
VIN = VDDx0.3
OSC > 3 V ROSC = 25 k
VREF = 2 V, %ITripMAX = 38.27% VREF = 2 V, %ITripMAX = 70.71% VREF = 2 V, %ITripMAX = 100.00%
tDT TJ TJHYS UVLO UVHYS VDD rising
1Negative current is defined as coming out of (sourcing from) the specified device pin. 2Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions. Performance may vary for
3err
individual units, within the specified maximum and minimum limits. I = (ITrip - IProg ) IProg , where IProg = %ITripMAX ITripMAX.
x
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
4
A4983
DMOS Microstepping Driver with Translator
THERMAL CHARACTERISTICS may require derating at maximum conditions
Characteristic Package Thermal Resistance Symbol RJA Test Conditions* Package ET; 4-layer PCB, based on JEDEC standard Value Units 32 C/W
*In still air. Additional thermal information available on Allegro Web site.
Maximum Power Dissipation, PD(max)
5.5 5.0 4.5 4.0
Power Dissipation, PD (W)
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0
(R
J
A
=
32
C
/W
)
20
40
60
80 100 120 Temperature (C)
140
160
180
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
5
A4983
DMOS Microstepping Driver with Translator
tA
tB
STEP
tC MS1, MS2, MS3, RESET, or DIR tD
Time Duration STEP minimum, HIGH pulse width STEP minimum, LOW pulse width Setup time, input change to STEP Hold time, input change to STEP Figure 1. Logic Interface Timing Diagram
Symbol tA tB tC tD
Typ. 1 1 200 200
Unit s s ns ns
Table 1. Microstep Resolution Truth Table
MS1 L H L H H MS2 L L H H H MS3 L L L L H Microstep Resolution Full Step Half Step Quarter Step Eighth Step Sixteenth Step Excitation Mode 2 Phase 1-2 Phase W1-2 Phase 2W1-2 Phase 4W1-2 Phase
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
6
A4983
DMOS Microstepping Driver with Translator
Functional Description
Device Operation. The A4983 is a complete microstepping Step Input (STEP). A low-to-high transition on the STEP
motor driver with a built-in translator for easy operation with minimal control lines. It is designed to operate bipolar stepper motors in full-, half-, quarter-, and sixteenth-step modes. The currents in each of the two output full-bridges and all of the N-channel DMOS FETs are regulated with fixed off-time PWM (pulse width modulated) control circuitry. At each step, the current for each full-bridge is set by the value of its external current-sense resistor (RS1 and RS2), a reference voltage (VREF), and the output voltage of its DAC (which in turn is controlled by the output of the translator). At power-on or reset, the translator sets the DACs and the phase current polarity to the initial Home state (shown in figures 2 through 6), and the current regulator to Mixed Decay Mode for both phases. When a step command signal occurs on the STEP input, the translator automatically sequences the DACs to the next level and current polarity. (See table 2 for the current-level sequence.) The microstep resolution is set by the combined effect of inputs MS1, MS2, and MS3, as shown in table 1. When stepping, if the new output levels of the DACs are lower than their previous output levels, then the decay mode for the active full-bridge is set to Mixed. If the new output levels of the DACs are higher than or equal to their previous levels, then the decay mode for the active full-bridge is set to Slow. This automatic current decay selection improves microstepping performance by reducing the distortion of the current waveform that results from the back EMF of the motor. If the logic circuits are pulled up to VDD, it is good practice to use a high value pull-up resistor in order to limit current to the logic inputs, should an overvoltage event occur. Logic inputs include: MSx, SLEEP, DIR, ENABLE, RESET, and STEP. input sequences the translator and advances the motor one increment. The translator controls the input to the DACs and the direction of current flow in each winding. The size of the increment is determined by the combined state of inputs MS1, MS2, and MS3.
Microstep Select (MS1, MS2, and MS3). Selects the microstepping format, as shown in table 1. MS2 and MS3 have a 100 k pull-down resistance. Any changes made to these inputs do not take effect until the next STEP rising edge.
If the MSx pins are pulled up to VDD, it is good practice to use a high value pull-up resistor in order to limit current to these pins, should an overvoltage event occur.
Direction Input (DIR). This determines the direction of
rotation of the motor. When low, the direction will be clockwise and when high, counterclockwise. Changes to this input do not take effect until the next STEP rising edge.
Internal PWM Current Control. Each full-bridge is
controlled by a fixed off-time PWM current control circuit that limits the load current to a desired value, ITRIP . Initially, a diagonal pair of source and sink FET outputs are enabled and current flows through the motor winding and the current sense resistor, RSx. When the voltage across RSx equals the DAC output voltage, the current sense comparator resets the PWM latch. The latch then turns off either the source FETs (when in Slow Decay Mode) or the sink and source FETs (when in Mixed Decay Mode). The maximum value of current limiting is set by the selection of RSx and the voltage at the VREF pin. The transconductance function is approximated by the maximum value of current limiting, ITripMAX (A), which is set by ITripMAX = VREF / ( 8
x RS)
where RS is the resistance of the sense resistor () and VREF is the input voltage on the REF pin (V). The DAC output reduces the VREF output to the current sense comparator in precise steps, such that Itrip = (%ITripMAX / 100)
RESET Input (RESET). The RESET input sets the translator to a predefined Home state (shown in figures 2 through 6), and turns off all of the FET outputs. All STEP inputs are ignored until the RESET input is set to high.
x ITripMAX
(See table 2 for %ITripMAX at each step.)
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
7
A4983
DMOS Microstepping Driver with Translator
It is critical that the maximum rating (0.5 V) on the SENSE1 and SENSE2 pins is not exceeded.
Fixed Off-Time. The internal PWM current control circuitry uses a one-shot circuit to control the duration of time that the DMOS FETs remain off. The one shot off-time, tOFF, is determined by the selection of an external resistor connected from the ROSC timing pin to ground. If the ROSC pin is tied to an external voltage > 3 V, then tOFF defaults to 30 s. The ROSC pin can be safely connected to the VDD pin for this purpose. The value of tOFF (s) is approximately
tOFF ROSC 825
Shutdown. In the event of a fault, overtemperature (excess TJ) or an undervoltage (on VCP), the FET outputs of the A4983 are disabled until the fault condition is removed. At power-on, the UVLO (undervoltage lockout) circuit disables the FET outputs and resets the translator to the Home state. Sleep Mode (SLEEP). To minimize power consumption when
the motor is not in use, this input disables much of the internal circuitry including the output FETs, current regulator, and charge pump. A logic low on the SLEEP pin puts the A4983 into Sleep mode. A logic high allows normal operation, as well as start-up (at which time the A4983 drives the motor to the Home microstep position). When emerging from Sleep mode, in order to allow the charge pump to stabilize, provide a delay of 1 ms before issuing a Step command. If the SLEEP pin is pulled up to VDD, it is good practice to use a high value pull-up resistor in order to limit current to the pin, should an overvoltage event occur.
Blanking. This function blanks the output of the current sense
comparators when the outputs are switched by the internal current control circuitry. The comparator outputs are blanked to prevent false overcurrent detection due to reverse recovery currents of the clamp diodes, and switching transients related to the capacitance of the load. The blank time, tBLANK (s), is approximately tBLANK 1 s
Charge Pump (CP1 and CP2). The charge pump is used to
generate a gate supply greater than that of VBB for driving the source-side FET gates. A 0.1 F ceramic capacitor, should be connected between CP1 and CP2. In addition, a 0.1 F ceramic capacitor is required between VCP and VBB, to act as a reservoir for operating the high-side FET gates.
Mixed Decay Operation. The bridge can operate in Mixed Decay mode, depending on the step sequence, as shown in figures 3 through 6. As the trip point is reached, the A4983 initially goes into a fast decay mode for 31.25% of the off-time. tOFF. After that, it switches to Slow Decay mode for the remainder of tOFF. A timing dagram for this feature appears on the next page.
Synchronous Rectification. When a PWM-off cycle is triggered by an internal fixed-off-time cycle, load current recirculates according to the decay mode selected by the control logic. This synchronous rectification feature turns on the appropriate FETs during current decay, and effectively shorts out the body diodes with the low FET RDS(ON). This reduces power dissipation Enable Input (ENABLE). This input turns on or off all of the significantly, and can eliminate the need for external Schottky FET outputs. When set to a logic high, the outputs are disabled. When set to a logic low, the internal control enables the outputs as diodes in many applications. Synchronous rectification turns off when the load current approaches zero (0 A), preventing reversal required. The translator inputs STEP, DIR, MS1, MS2, and MS3, as well as the internal sequencing logic, all remain active, indepen- of the load current. A timing dagram for this feature appears on dent of the ENABLE input state. the next page. VREG (VREG). This internally-generated voltage is used
to operate the sink-side FET outputs. The VREG pin must be decoupled with a 0.22 F ceramic capacitor to ground. VREG is internally monitored. In the case of a fault condition, the FET outputs of the A4983 are disabled.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
8
A4983
DMOS Microstepping Driver with Translator
Current Decay Modes Timing Chart
VPHASE
+ IOUT See Enlargement A 0
-
Enlargement A
toff IPEAK tFD tSD
Slow Decay
IOUT
Mixed Decay
Fa
st
De
ca
y
t
Symbol toff IPEAK tSD tFD IOUT Device fixed off-time Maximum output current Slow decay interval Fast decay interval Device output current
Characteristic
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
9
A4983
DMOS Microstepping Driver with Translator
Application Layout
Layout The printed circuit board should use a heavy groundplane. For optimum electrical and thermal performance, the A4983 must be soldered directly onto the board. On the underside of the A4983 package is an exposed pad, which provides a path for enhanced thermal dissipation. The thermal pad should be soldered directly to an exposed surface on the PCB. Thermal vias are used to transfer heat to other layers of the PCB. Thermal vias should not have any thermal relief and should be connected to internal layers, if available, to maximize the dissipation area. Grounding In order to minimize the effects of ground bounce and offset issues, it is important to have a low impedance singlepoint ground, known as a star ground, located very close to the device. By making the connection between the exposed thermal pad and the groundplane directly under the A4983, that area becomes an ideal location for a star ground point.
A low impedance ground will prevent ground bounce during high current operation and ensure that the supply voltage remains stable at the input terminal. The recommended PCB layout shown in the diagram below, illustrates how to create a star ground under the device, to serve both as low impedance ground point and thermal path.
A4983
Solder Trace (2 oz.) Signal (1 oz.) Ground (1 oz.) Thermal (2 oz.)
PCB Thermal Vias
RS1 C7
OUT2A SENSE2 OUT1A SENSE1 VBB2
RS2 C9
VBB1 NC
VBB C2
1
OUT2B ENABLE GND CP1 CP2 VCP NC RESET SLEEP ROSC VREG MS1 MS2 MS3
OUT1B
A4983
PAD
NC DIR GND REF STEP VDD
C3 C4
R3 R2 VDD C1 C8
C6
R6 R1
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
10
A4983
DMOS Microstepping Driver with Translator
STEP
100.00 70.71
STEP
100.00 70.71
Slow
Slow Mixed
Slow Mixed
Home Microstep Position
Home Microstep Position
-70.71 -100.00 100.00 70.71
Home Microstep Position
-70.71 -100.00 100.00 70.71
Slow Slow Mixed Mixed
Slow Mixed
Slow
Phase 2 IOUT2A Direction = H (%)
0.00
Slow
-70.71
Phase 2 IOUT2B Direction = H (%)
0.00
-70.71 -100.00
-100.00
Figure 2. Decay Mode for Full-Step Increments
STEP
100.00 92.39 70.71
Figure 3. Decay Modes for Half-Step Increments
-38.27 -70.71 -92.39 -100.00 100.00 92.39 70.71 38.27
Phase 2 IOUT2B Direction = H (%)
Slow Mixed Slow Mixed Slow Mixed
0.00
-38.27 -70.71 -92.39 -100.00
Figure 4. Decay Modes for Quarter-Step Increments
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
Home Microstep Position
Phase 1 IOUT1A Direction = H (%)
38.27
Slow
0.00
Mixed
Slow
Mixed
Slow
Home Microstep Position
Phase 1 IOUT1A Direction = H (%)
Slow
0.00
Phase 1 IOUT1A Direction = H (%)
Mixed
0.00
11
A4983
DMOS Microstepping Driver with Translator
STEP
100.00 92.39 83.15 70.71 55.56
-38.27 -55.56 -70.71 -83.15 -92.39 -100.00 100.00 92.39 83.15 70.71 55.56
Phase 2 IOUT2B Direction = H (%)
38.27 19.51 0.00 -19.51 -38.27 -55.56 -70.71 -83.15 -92.39 -100.00
Mixed
Slow
Home Microstep Position
Phase 1 IOUT1A Direction = H (%)
38.27 19.51 0.00 -19.51
Slow
Mixed
Slow
Mixed
Mixed
Slow
Figure 5. Decay Modes for Eighth-Step Increments
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
12
A4983
DMOS Microstepping Driver with Translator
STEP
100.00 95.69 88.19 83.15 77.30 70.71 63.44 55.56 47.14 38.27 29.03 19.51
Phase 1 IOUT1A Direction = H (%)
9.8 0.00 -9.8 -19.51 -29.03 -38.27 -47.14 -55.56 -63.44 -70.71 -77.30 -83.15 -88.19 -95.69 -100.00 100.00 95.69 88.19 83.15 77.30 70.71 63.44 55.56 47.14 38.27 29.03 19.51
Slow
Mixed
Slow
Mixed
Phase 2 IOUT2B Direction = H (%)
9.8 0.00 -9.8 -19.51 -29.03 -38.27 -47.14 -55.56 -63.44 -70.71 -77.30 -83.15 -88.19 -95.69 -100.00
Slow Mixed Slow Mixed Slow
Figure 6. Decay Modes for Sixteenth-Step Increments
Home Microstep Position
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
13
A4983
DMOS Microstepping Driver with Translator
Table 2. Step Sequencing Settings
Home microstep position at Step Angle 45; DIR = H
Full Step #
Half Step # 1
1/4 Step # 1
1/8 Step # 1 2
1/16 Step # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Phase 1 Current
[% ItripMax]
Phase 2 Current
[% ItripMax]
(%) 100.00 99.52 98.08 95.69 92.39 88.19 83.15 77.30 70.71 63.44 55.56 47.14 38.27 29.03 19.51 9.80 0.00 -9.80 -19.51 -29.03 -38.27 -47.14 -55.56 -63.44 -70.71 -77.30 -83.15 -88.19 -92.39 -95.69 -98.08 -99.52
(%) 0.00 9.80 19.51 29.03 38.27 47.14 55.56 63.44 70.71 77.30 83.15 88.19 92.39 95.69 98.08 99.52 100.00 99.52 98.08 95.69 92.39 88.19 83.15 77.30 70.71 63.44 55.56 47.14 38.27 29.03 19.51 9.80
Step Angle () 0.0 5.6 11.3 16.9 22.5 28.1 33.8 39.4 45.0 50.6 56.3 61.9 67.5 73.1 78.8 84.4 90.0 95.6 101.3 106.9 112.5 118.1 123.8 129.4 135.0 140.6 146.3 151.9 157.5 163.1 168.8 174.4
Full Step #
Half Step # 5
1/4 Step # 9
1/8 Step # 17 18
1/16 Step # 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
Phase 1 Current
[% ItripMax]
Phase 2 Current
[% ItripMax]
Step Angle
()
(%)
-100.00 -99.52 -98.08 -95.69 -92.39 -88.19 -83.15 -77.30 -70.71 -63.44 -55.56 -47.14 -38.27 -29.03 -19.51 -9.80 0.00 9.80 19.51 29.03 38.27 47.14 55.56 63.44 70.71 77.30 83.15 88.19 92.39 95.69 98.08 99.52
(%) 0.00 -9.80 -19.51 -29.03 -38.27 -47.14 -55.56 -63.44 -70.71 -77.30 -83.15 -88.19 -92.39 -95.69 -98.08 -99.52 -100.00 -99.52 -98.08 -95.69 -92.39 -88.19 -83.15 -77.30 -70.71 -63.44 -55.56 -47.14 -38.27 -29.03 -19.51 -9.80
180.0 185.6 191.3 196.9 202.5 208.1 213.8 219.4 225.0 230.6 236.3 241.9 247.5 253.1 258.8 264.4 270.0 275.6 281.3 286.9 292.5 298.1 303.8 309.4 315.0 320.6 326.3 331.9 337.5 343.1 348.8 354.4
2
3 4
10
19 20
1
2
3
5 6
3
6
11
21 22
4
7 8
12
23 24
3
5
9 10
7
13
25 26
6
11 12
14
27 28
2
4
7
13 14
4
8
15
29 30
8
15 16
16
31 32
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
14
A4983
DMOS Microstepping Driver with Translator
Pin-out Diagram
27 SENSE2 23 SENSE1 26 OUT2A 24 OUT1A 28 VBB2 22 VBB1 21 OUT1B 20 NC 19 DIR PAD 18 GND 17 REF 16 STEP 15 VDD MS2 10 RESET 12 ROSC 13 SLEEP 14 MS3 11 8 9
OUT2B ENABLE GND CP1 CP2 VCP NC
1 2 3 4 5 6 7
Terminal List Table
Name CP1 CP2 VCP VREG MS1 MS2 MS3 RESET ROSC SLEEP VDD STEP REF GND DIR OUT1B VBB1 SENSE1 OUT1A OUT2A SENSE2 VBB2 OUT2B ENABLE NC PAD Number 4 5 6 8 9 10 11 12 13 14 15 16 17 3, 18 19 21 22 23 24 26 27 28 1 2 7, 20, 25 - Description Charge pump capacitor terminal Charge pump capacitor terminal Reservoir capacitor terminal Regulator decoupling terminal Logic input Logic input Logic input Logic input Timing set Logic input Logic supply Logic input Gm reference voltage input Ground* Logic input DMOS Full Bridge 1 Output B Load supply Sense resistor terminal for Bridge 1 DMOS Full Bridge 1 Output A DMOS Full Bridge 2 Output A Sense resistor terminal for Bridge 2 Load supply DMOS Full Bridge 2 Output B Logic input No connection Exposed pad for enhanced thermal dissipation*
*The GND pins must be tied together externally by connecting to the PAD ground plane under the device.
VREG
MS1
25 NC
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
15
A4983
DMOS Microstepping Driver with Translator
ET Package, 28-Pin QFN with Exposed Thermal Pad
5.15 .203 4.85 .191 All dimensions reference, not for tooling use (reference JEDEC MO-220VHHD except contact length and exposed pad length and width) Dimensions in millimeters U.S. Customary dimensions (in.) in brackets, for reference only Dimensions exclusive of mold flash, gate burrs, and dambar protrusions Exact case and lead configuration at supplier discretion within limits shown A Terminal #1 mark area B Exposed thermal pad (terminal #1 identifier appearance at supplier discretion) C Reference land pattern layout (reference IPC7351 QFN50P500X500X100-29V3M) except heel extended; adjust as necessary to meet application process requirements and PCB layout tolerances; when mounting on a multilayer PCB, thermal vias at the exposed thermal pad land can improve thermal dissipation (reference EIA/JEDEC Standard JESD51-5) 28 1 2
A B
A 5.15 .203 4.85 .191
28X 0.08 [.003] C 28X 0.30 .012 0.18 .007 0.10 [.004] M C A B 0.05 [.002] M C 0.50 .020
SEATING PLANE 1.00 .039 0.80 .031 0.20 .008 REF 0.05 .002 0.00 .000
C
0.30 .012 NOM 28 4X0.20 .008 MIN
24X0.20 .008 MIN 0.50 .020 NOM 4X0.20 .008 MIN
1 2 3.15 .124 NOM 4.96 .195 NOM
0.56 .022 REF R0.25 REF .010 2 1 28 B
C
3.15 .124 NOM 5.0 .197 NOM
1.09 .043 REF
3.15 .124 NOM 4.96 .195 NOM
3.15 .124 NOM 5.0 .197 NOM
The products described here are manufactured under one or more U.S. patents or U.S. patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro's products are not to be used in life support devices or systems, if a failure of an Allegro product can reasonably be expected to cause the failure of that life support device or system, or to affect the safety or effectiveness of that device or system.The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringement of patents or other rights of third parties which may result from its use. Copyright (c)2007, Allegro MicroSystems, Inc. For the latest version of this document, visit our website: www.allegromicro.com
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
16


▲Up To Search▲   

 
Price & Availability of A4983

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X