Part Number Hot Search : 
OM7634NM 22101 30120 KTB1151 NCE20N50 CO66505 NCP1652A W102J2
Product Description
Full Text Search
 

To Download 930-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ID2016 v3.00
OSMT TM Interconnect System Surface Mount Coaxial Connectors
M/A-COM's OSMT Interconnect System is designed to meet the growing demand for surface mount RF connector technology. The OSMT occupies less printed circuit board (PCB) real estate than conventional through hole coaxial connectors. An innovative microstrip mounting pattern and plug receptacle design ensure reliable grounding and PCB retention characteristics. The OSMT Interconnect System also allows closer PCB pitch/spacing, standing a mere 4.2mm (fully mated height) off the board. A new higher cable retention plug receptacle has been added to the OSMT product family. This new design addresses applications where force is applied to the mated connector interface as a result of cable flexure between boards or around other PCB components. These enhancements and features have been built into the OSMT design to provide the performance of much larger industry standard connectors. The OSMT Interconnect System consistently achieves broad band electrical performance through 6 GHz with a maximum VSWR of 1.20:1 at 2 GHz and 1.40:1 at 6 GHz. This broad band performance establishes a reliable interface that can be utilized for future system upgrades without concerns for performance degradation. The OSMT plug receptacle is designed for high volume assembly using surface mount technology and is available in tape and reel packaging for automated pick and place board assembly. The mating cable jack is available terminated to a specially designed coax cable as either a pigtail, jumper or standard interseries connector assembly to meet your needs.
360 CABLE ROTATION
Specially designed engage/disengage tooling is available to ensure proper alignment of the OSMT interface during assembly. The new higher retention plug receptacle can be hand engaged as a result of a unique lead-in chamfer design which also aligns the contacts prior to mating to ensure mechanical integrity. Interface durability is rated at 100 mating cycles. M/A-COM's OSMT Interconnect System is ideal for surface mount applications in telecommunications, GPS, consumer and automotive electronics. The OSMT provides versatile RF solutions for next generation interconnect needs. Please call your local Sales or Distribution office for additional information and qualification samples today.
High Retention Design
SLOTTED CABLE ENTRY
4.2 (.165) MAX MATED PROFILE OSMT RIGHT ANGLE JACK
4.2 (.165) MAX MATED PROFILE OSMT RIGHT ANGLE JACK
5.3 (.208) MIN CLEARANCE FOR DISENGAGEMENT
OSMT PLUG
6.2 (.245) MIN CLEARANCE FOR DISENGAGEMENT
OSMT PLUG
Part Number
2367- 0000- 54
Part Number
2367- 5006- 54
Decimal inch equivalents are shown in parentheses for general information only. Specifications Subject to Change Without Notice.
M/A-COM, Inc.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
1
Asia/Pacific: Tel. +85 2 2375 0618 Fax +85 2 2375 0350
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
OSMT
Requirement General
Materials OSMT Plug OSMT Cable Jack
Specifications
Detail
Housing: Contacts: Outer Contact: Inner Contact: Dielectric:
Polyphenylene Sulfide Copper alloy Beryllium Copper Beryllium Copper Polypropylene, GF
Finish
Plug and cable jack - Contacts: Gold plate over nickel plate
Electrical
Frequency Nominal Impedance Voltage Rating VSWR (Mated Connectors Only) Insulation Resistance Dielectric Withstanding Voltage Contact Resistance (Connectors Only) Center Contact Outer Contact Insertion Loss (Connectors Only) dc - 6 GHz 50 ohms 250 Volts (VRMS Maximum) @ Sea Level 1.20:1 Maximum @ 2 GHz 1.40:1 Maximum @ 6 GHz 1000 Megohms Minimum 500 Volts (VRMS Minimum) @ Sea Level 15 milliohms Maximum 10 milliohms Maximum .15dB Max. @ 6 GHz
Mechanical
Connector Durability Tape/Reel Packaging (Plug) Force to Engage Force to Disengage 100 mating cycles 12mm per EIA-481 4.0 lbs. Max. (2.5 lbs. typ.) 4.5 lbs. Max. (3.0 lbs. typ.)
Environmental
Temperature Rating (Mated Pair) Resistance to Solder Heat PVC Flexible Cable: FEP Flexible Cable: -40C (-40F) to +105C (221F) -40C (-40F) to +125C (257F)
Infrared, convection and vapor phase solderable (plug only). Maximum reflow time/temperature not to exceed 260C for 3 minutes.
Cable Specifications1
Materials Jacket: Shield: Dielectric: Center Conductor: Minimum Bend Radius Insertion Loss (PVC and FEP Cable Only) PVC Flexible Cable (105C) Polyvinyl Chloride Silver Plated Copper Wire, 38 AWG, 90% Min. Coverage PFA or FEP Silver Plated Copper Clad Steel, 30 AWG 9.5mm (.375 inch) 0.4 dB/ft., 1.3d B/m @ 500 MHz 0.6 dB/ft., 2.0 dB/m @ 1 GHz 0.9 dB/ft., 3.0 dB/m @ 2 GHz .26 Ohms per foot average. FEP Flexible Cable (200C) Flourinated Ethylene Propylene Silver Plated Copper Wire, 38 AWG, 90% Min. Coverage PFA or FEP Silver Plated Copper Clad Steel, 30 AWG 9.5mm (.375 inch) 1.3 dB/ft., 4.3 dB/m @ 4 GHz 1.7 dB/ft., 5.6 dB/m @ 6 GHz
.73 mm (.028) DIA. .254 mm (.010) DIA. REF CENTER CONDUCTOR
1.9 mm (.075) DIA.
OUTER JACKET
DIELECTRIC
SHIELD (BRAID)
Center Conductor Resistance (PVC and FEP Cable Only)
1. M/A-COM has design control and all data contained herein is subject to change without notice.
Decimal inch equivalents are shown in parentheses for general information only.
Specifications Subject to Change Without Notice.
2
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
M/A-COM, Inc.
Asia/Pacific: Tel. +85 2 2375 0618 Fax +85 2 2375 0350
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
OSMT
Surface Mount Coaxial Connectors
Straight SMT PCB Mount Plug Receptacles
Multi-directional cable entry, 360 rotation. Recommended for use in passive cable applications or with supplementary cable tie-downs.
Part Number 2367-0000-54 2367-5001-54
Packaging Bulk 178mm (7.0 inches) Dia. Taping 330mm (13.3 inches) Dia. Taping
Quantity customer specified 800 pcs/reel 3000 pcs/reel
2367-5002-54
GROUND TERMINAL (3 PLCS)
4.5 (.177) 4.0 (.157) CENTER CONTACT (PIN)
2.1 (.081) 1.24 (0.049)
4.0 (.157) REF.
1. Requires part number 2598-5342-54 Engagement/Disengagement Tool.
4.5 (.177) 5.0 (.197) 1.0 (.039) 4 PLACES CENTER CONTACT TERMINAL OUTER CONTACT 0.5 (.020) 4 PLACES 0.4 (0.15)
4.5 (.177) REF.
0.6 (.024)
3.0 (.118)
P/O CENTER CONTACT REF.
Slotted single direction cable entry. Recommended for use in applications where bending forces may be applied to the cable.
Part Number 2367-5006-54
Packaging Bulk 178mm (7.0 inches) Dia. Taping 330mm (13.3 inches) Dia. Taping
Quantity customer specified 600 pcs/reel
GROUND TERMINAL (3 PLCS) 4.5 (.177) 4.0 (.157)
CENTER CONTACT (PIN) 3.0mm (.118)
4.0 (.157) REF. 1.24 (0.049)
2367-5015-54
2367-5016-54
2500 pcs/reel
4.5 5.0 (.177) (.197)
4.5 (.177) REF.
1. Requires part number 2598-5401-54 Disengagement Tool. Engagement requires no tooling.
CENTER CONTACT TERMINAL 0.76 (.030)
1.0 (.039) 4 PLCS 0.4 (.015) OUTER CONTACT
0.6 (.025)
5 0.5 (.020) 0) 4 PLCS CES
3.0 (.118)
P/O CENTER CONTACT REF.
Decimal inch equivalents are shown in parentheses for general information only.
Specifications Subject to Change Without Notice.
M/A-COM, Inc.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
3
Asia/Pacific: Tel. +85 2 2375 0618 Fax +85 2 2375 0350
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
OSMT
Surface Mount Coaxial Connectors
Right Angle Jack to Jack Cable Assembly 180 Offset
2.8 (.110) DIA REF (2 PLACES)
Part Number1 PVC Flexible FEP Flexible Cable (105C) Cable (200C)
9950-3100-23 9950-3200-23 9950-3305-23 9952-3100-23 9952-3200-23 9952-3305-23
Cable Length 3 mm (Inches)
100 200 305 (4) (8) (12)
3.1 (.122) REF.
OSMT JACK2 (2 PLACES)
CABLE LENGTH1 CENTERLINE TO CENTERLINE
1. Consult factory for non-standard cable lengths. 2. Connector centerlines align 180 30 as shown. 3. Cable length tolerance: 50-2000mm: (2mm +1% of cable length)
Inter-Series Cable Assemblies
Part Number1 PVC Flexible FEP Flexible Cable (105C) Cable (200C)
9950-4100-XX 9950-4200-XX 9950-4305-XX 9952-4100-XX 9952-4200-XX 9952-4305-XX
CONNECTOR (SEE TABLE BELOW)
Cable Length 2 mm (Inches)
100 200 305 (4) (8) (12)
OSMT JACK
CABLE LENGTH3 CABLE LENGTH2 CENTERLINE TO CENTERLINE CENTERLINE
1. To order, replace XX in part number with appropriate digits from table indicating connector choice. 2. Connectors are randomly aligned. 3. Consult factory for non-standard cable lengths. Cable length tolerance: 50-2000mm: (2mm +1% of cable length)
Description -XX 1 SMA Straight Plug (Male) Crimp to OSMT Right Angle Jack 01 SMA Straight Jack (Female) Crimp to OSMT Right Angle Jack 02 SMA Bulkhead Feedthrough Jack (Female) Crimp to OSMT Right Angle Jack 03 SMA Flange Mount Jack (Female) Crimp to OSMT Right Angle Jack 04 SMB Straight Jack (Male) Clamp to OSMT Right Angle Jack 05 SMB Straight Jack (Male) Crimp to OSMT Right Angle Jack 06 SMB Straight Plug (Female) Clamp to OSMT Right Angle Jack 07 SMB Straight Plug (Female) Crimp to OSMT Right Angle Jack 08 SMB Bulkhead Feedthrough Jack (Male) Clamp to OSMT Right Angle Jack 09 SMB Bulkhead Feedthrough Jack (Male) Crimp to OSMT Right Angle Jack 10
Description -XX 1 SMC Straight Plug (Female) Clamp to OSMT Right Angle Jack 11 SMC Straight Plug (Female) Crimp to OSMT Right Angle Jack 12 SMC Bulkhead Feedthrough Jack (Male) Clamp to OSMT Right Angle Jack 13 SMC Bulkhead Feedthrough Jack (Male) Crimp to OSMT Right Angle Jack 14 OSX Straight Plug (Male) Crimp to OSMT Right Angle Jack 15 OSX Right Angle Plug (Male) Crimp to OSMT Right Angle Jack 16 BNC Straight Plug (Male) Crimp to OSMT Right Angle Jack 17 TNC Straight Plug (Male) Crimp to OSMT Right Angle Jack 18 TNC Bulkhead Feedthrough Jack (Female) Crimp to OSMT Right Angle Jack 19
Finish: SMA. Passivated stainless steel; SMB and SMC, gold plate; OSX, TNC and BNC; nickel plate. Connectors listed above are standard M/A-COM products and have not been impedance matched to the OSMT cable.
Decimal inch equivalents are shown in parentheses for general information only.
Specifications Subject to Change Without Notice.
M/A-COM, Inc.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
4
Asia/Pacific: Tel. +85 2 2375 0618 Fax +85 2 2375 0350
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
OSMT
0.5 (.020) VIA 3 PLCS
Surface Mount Coaxial Connectors
Recommended Mounting Pattern for Microstrip Line
5.3 (.207) 1.2 (.047) 0.6 (.024) 1.2 (.047) 1.2 (.047 ) 1.6 (.064) (SEE NOTE 2)
2.9 (.113) (SEE NOTE 2)
Notes: 1. Printed wiring board material: glass epoxy FR-4 or similar, relative permit tivity: 4.8, 1 oz. copper clad both sides. 2. These dimensions valid for 1.6 (.062) board thickness. 3. Decimal inch equivalent (to the nearest 0.001 inch) are shown in parentheses for general information only. 4. Mounting pattern is utilized for both plug receptacles.
9.0 (.354)
7.0 (.274) 6.0 (.236)
3.0 (.118)
1 OZ (.0014) COPPER 0.5 (.019 ) 3.3 (.128 ) 1.2 (.047 ) 3.3 (.128 ) AREA FREE OF SOLDER MASK
Right Angle Jack to Jack Cable Assembly
CABLE LENGTH1 CENTERLINE TO CENTERLINE
Part Number PVC Flexible FEP Flexible Cable (105C) Cable (200C) 9950-1100-23
2.8 (.110) DIA REF (2 PLACES)
Cable Length1 mm (Inches) 100 200 305 (4) (8) (12)
3.1 (.122) REF.
9952-1100-23 9952-1200-23 9952-1305-23
9950-1200-23 9950-1305-23
OSMT JACK2 (2 PLACES)
1. Consult factory for non-standard cable lengths. Cable length tolerance: 50-2000mm: (2mm +1% of cable length) 2. Connector centerlines align 30 as shown for lengths of 165mm (6.5 in.) or less. Cable assemblies over 165mm (6.5 in.) have randomly aligned connectors.
Decimal inch equivalents are shown in parentheses for general information only.
Specifications Subject to Change Without Notice.
5
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
M/A-COM, Inc.
Asia/Pacific: Tel. +85 2 2375 0618 Fax +85 2 2375 0350
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
OSMT
OSMT JACK
Connectors and Tools
Right Angle Jack Cable Pigtail
Part Number PVC Flexible FEP Flexible Cable (105C) Cable (200C)
9950-2100-23 9950-2200-23 9950-2305-23 9952-2100-23 9952-2200-23 9952-2305-23
Cable Length1 mm (Inches)
100 200 305 (4) (8) (12)
CABLE LENGTH1
Note: To avoid damaging the cable, minimize time at temperature while soldering and/or heat shrinking connector to the cable.
1. Consult factory for non-standard cable lengths. Cable length tolerance: 50-2000mm: (2mm +1% of cable length)
SMA Straight Plug (Male) to OSMT Right Angle Jack
Recommended for Customer System Verification
SMA PLUG
Part Number PVC Flexible Cable 9950-4200-01
Cable Length1 200mm (8 in.)
OSMT JACK
CABLE LENGTH1 CENTERLINE TO REFERENCE PLANE
Finish: SMA, Passivated stainless steel body and gold plated center contact.
Engagement/Disengagement Tool
6.4 (.250)
Part Number
2598-5342-54
See Application Notes for instructions. For use with 2637-0000-54
101.6 (4.00)
Disengagement Tool
Part Number 2598-5401-54
See Application Notes for instructions. For use with 2637-5006-54
9.5 (.375) REF 6.4 (.250)
Decimal inch equivalents are shown in parentheses for general information only.
Specifications Subject to Change Without Notice.
M/A-COM, Inc.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
6
Asia/Pacific: Tel. +85 2 2375 0618 Fax +85 2 2375 0350
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
OSMT
OSM (SMA) JACK
Adapters
OSMT Plug to SMA Jack Adapter
OSMT Plug to SMA Plug Adapter
5.5 (.218) ACROSS FLATS SSMT PLUG OSM (SMA) PLUG
13.7 (.538) REF. SSMT PLUG
10.5 (.413) REF.
Part Number
2382-2240-00
Part Number
2381-2241-00
OSMT Jack to SMA Jack Adapter
OSMT Jack to SMA Plug
5.5 (.218) ACROSS FLATS OSM (SMA) JACK SSMT JACK
16.2 (.639) REF. OSM (SMA) PLUG SSMT JACK
12.9 (.508) REF.
Part Number
2380-2240-00
Part Number
2382-2241-00
Decimal inch equivalents are shown in parentheses for general information only.
Specifications Subject to Change Without Notice.
7
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
M/A-COM, Inc.
Asia/Pacific: Tel. +85 2 2375 0618 Fax +85 2 2375 0350
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
OSMT
Packaging
Application Notes
s s s s
Bulk Packed or Packaged in Plastic Carrier Tape on a Reel Available on 178mm/800 pc or 300mm/3000 pc Plastic Reel Sealed Plastic Carrier Tape in Accordance with EIA-481-1 Conductive Anti-static Tape Material To Prevent Static Charge Entry to Electronic Assembly or Equipment Recommended Storage Temperature of Plastic Carrier Tape: 40C (140F), 50% Relative Humidity Max.
CENTER CONTACT TERMINAL REF. 1.50 DIA. .059 4.00 (.157) 8.00 .157
s
2.00 .157
1.75 .157
0.40 MAX .016
12.0 .472
5.50 .157
7.39 .290 REF
COVER TAPE REF. (.01 MAX. THK.)
SMT PLUG 2367-0000-54
EMBOSSED CARRIER TAPE REF.
3.00 MAX .118 REF.
Figure 1 OSMT Surface Mount Plug Receptacle Tape Package Detail Dimensions and Orientation
Automatic Placement
The OSMT surface mount plug receptacle is compatible with automatic placement equipment utilizing pneumatic (vacuum) part pick-up. Vacuum nozzle configuration can vary. Typical configurations follow:
2.0 .080 DIA. 2.0 DIA. .080 4.0 .158 4.5 .177 4.0 .158 DIA. 2.0 .080 DIA.
1.0 REF I.D. .039 4.0 DIA. .158 1.8 OR 2.5 O.D. .070 .098
SMT PLUG REF
External Pickup
Internal Pickup
Figure 2 Typical Pneumatic Nozzle Nozzle vacuum should be 15-30 inch Hg. Component placement pressure should not exceed 400g. Internal pick-up recommended for use with plug receptacle 2367-5006-54
Decimal inch equivalents are shown in parentheses for general information only.
Specifications Subject to Change Without Notice.
M/A-COM, Inc.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
8
Asia/Pacific: Tel. +85 2 2375 0618 Fax +85 2 2375 0350
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
OSMT
Application Notes
Automatic Placement cont'd.
Alignment/centering grippers should contact sides of plug above contact leads as shown below:
Figure 3 Typical Alignment/Centering Grippers Alignment/centering gripper pressure should not exceed 400g.
Soldering
OSMT plug receptacles are designed for reflow soldering processes, however excellent results can still be achieved using manual soldering. Flow (wave) soldering is not appropriate for this device. The type of solder paste selected for reflow soldering is generally a function of many factors relative to the overall system (PWA*) design. Most applications will use common electronic grade solders such as: 63/37, 60/40 or 62/36/2 with mild rosin/resin fluxes. Metal content of the paste for screen and/or stencil applications is generally 85-90% by weight, slightly lower for nozzel dispensing applications. When screening or stenciling, solder paste thickness of .15mm (.006 inch) to .25mm (.010 inch) is recommended. OSMT plug receptacles can be reflow soldered using infrared (IR), convection or vapor phase (VP) heating equipment. It is recommended that peak reflow temperature be approximately 10-30C (20-55F) above solder liquidus temperature. Typical reflow temperature profiles are shown below:
TEMP C 250 200 150 100 50
REFLOW 20 - 40 SEC AT 235C TYP. 240 - 250C MAX
PREHEAT SOLDER FLUX MELT/ACTIVATION PASTE SOLDER SPHERE MELT BEGINS CURE 60 - 90 SEC AT 100 - 200C 30-60 SEC 50-100C
AMBIENT OR FORCED COOL DOWN
Figure 4 Typical Infrared and Convection Heating/Soldering Profile
* Printed Wiring Assembly
Decimal inch equivalents are shown in parentheses for general information only.
Specifications Subject to Change Without Notice.
9
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
M/A-COM, Inc.
Asia/Pacific: Tel. +85 2 2375 0618 Fax +85 2 2375 0350
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
OSMT
Application Notes
Soldering cont'd.
TEMP C 250 200 150 100 50
REFLOW 20 - 90 SEC AT 215C
10 - 30 MIN AT 80 - 130C
PREHEAT 30 - 180 SEC AT 110 - 150C
AMBIENT OR FORCED COOL DOWN
Figure 5
Typical Vapor Phase Heating/Soldering Profile
Post-Solder Cleaning
A 15-40 watt max. fine point tip soldering iron is recommended for manual soldering. Soldering iron tip temperature should not exceed 350-370C. Lengthy application of heat and/or direct contact of the iron tip with the plastic housing should be avoided. The flux core solder (i.e.; 63/37 RMA, 62/36/2 RMA) is recommended. The center contact pad reflows easiest because of relatively low thermal mass, therefore, the center contact lead should be soldered first to minimize connector "skating". OSMT plug receptacles can withstand most electronics grade cleaning agents including: high temperature water/aqueous cleaners, ethanol, methanol, MEK, acetone, 1,1,1-tricloroethane, trichlordethylene, perchloroethylene, chlorofloro-carbon (CFC) solvents, isopropanol, dichlorofluoroethane, and blends. The OSMT cable jacket can also withstand mild exposure to the above listed cleaning agents.
Decimal inch equivalents are shown in parentheses for general information only.
Specifications Subject to Change Without Notice.
M/A-COM, Inc.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
10
Asia/Pacific: Tel. +85 2 2375 0618 Fax +85 2 2375 0350
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
OSMT
Application Notes
Engagement/Disengagement Tool
Part Number 2598-5342-54
SLIDE HORIZONTAL TO ENGAGE TOOL LIFT VERTICAL TO DISENGAGE CONNECTOR PRESS VERTICAL TO ENGAGE CONNECTOR
Note: Use Engagement/Disengagement Tool during mating to assure proper plug to jack alignment.
Figure 6
Use of Engagement/Disengagement Tool
Disengagement Tool
Part Number 2598-5401-54
OSMT PCB MOUNT PLUG RECEPTACLE SLOT
SLOT ON OSMT PCB MOUNT PLUG RECEPTACLE
CABLE ATTACHMENT AREA ON OSMT RIGHT ANGLE JACK CABLE ASSEMBLY
Instructions: 1. Slide slot in disengagement tool onto cable attachment area of OSMT cable assembly as shown. 2. Pull disengagement tool in a vertical direction until OSMT right angle jack releases from the OSMT plug receptacle. Note: After manual engagement, insure the right angle cable jack is fully bottomed by applying light pressure to the top surface.
Figure 7
Use of Disengagement Tool
Decimal inch equivalents are shown in parentheses for general information only.
Specifications Subject to Change Without Notice.
11
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
M/A-COM, Inc.
Asia/Pacific: Tel. +85 2 2375 0618 Fax +85 2 2375 0350
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
Sales Offices / Representatives
AMERICAS
Atlanta Tel: 800.366.2266 Austin Tel: 800.366.2266 Baltimore Tel: 800.366.2266 Boston Tel: 800.366.2266 Cedar Rapids Seltec Sales Tel: 800.366.2266 Chicago Tel: 800.366.2266 Dallas Tel: 800.366.2266 Dayton Tel: 800.366.2266 Denver Tel: 800.366.2266 Fort Wayne Tel: 800.366.2266 Kansas City Tel: 800.366.2266 Los Angeles Tel: 800.366.2266 New York, Metro ERA Tel: 800.366.2266 Orange County Tel: 800.366.2266 Philadelphia Tel: 800.366.2266 Phoenix Tel: 800.366.2266 Raleigh/Durham Tel: 800.366.2266 San Diego Tel: 800.366.2266 San Jose Tel: 800.366.2266 Seattle Tel: 800.366.2266 St. Louis Tel: 800.366.2266 Florida Precision Marketing Tel: 800.366.2266 Argentina Reycom Electronica SRL Tel: 54.1.300.2013 Brazil Hi-Tech Commercial Tel: 55.11.882.4000 Canada Tel: 800.366.2266 Mexico Mexitek, S.A. Tel: 52.5.575.9929
EUROPE/MIDDLE EAST/AFRICA
Belgium Microwave & RF Consultants Tel: 32.2.230.5705 Denmark BFI IBEXSA Denmark A/S Tel: 45.46.75.3131 Finland Tel: 358.95123.4237 France Tel: 33.1.3465.3737 Germany Tel: 49.89.462.3410
Tel: 44.1344.869.595 Fax: 44.1344.300.020
Italy (Milan) Tel: 39.2.6696368 (Rome) Tel: 39.6.4191955 Netherlands Hi-Tech Electronic Components Tel: 31.3465.66024 Poland Micro Active Components SC Tel: 48.22.659.6174 South Africa D.S. Electronics Tel: 27.o11.805.1878 Spain Amitron-Arrow S.A. Tel: 34.1.3043040 Sweden Tel: 468.580.83385 Switzerland Walter Electronic AG Tel: 41.71.969.4343 Turkey Elektro Tel: 90.216.4181270 United Kingdom Tel: 44.1344.869 595
Greece Peter Caritato & Associates Tel: 30.1.9020115 Hungary TKI Tel: 36.1.251.0888 India Radelcom Tel: 91.80.558.5432 Israel Tel: 972.3.7518421
ASIA/PACIFIC
Australia MAA Pty. Ltd. Tel: 61.47.516199
Tel: 85.2.2375.0618 Fax: 85.2.2375.0350
Hong Kong Gentech Industries Ltd. Tel: 852.2521.4567 Japan (Tokyo) Tel: 81.3.3263.8761 (Osaka) Tel: 81.6.423.4351 Korea Hanaro Corporation Tel: 82.2.516.1144 New Zealand Comp & Inst., NZ Ltd. Tel: 64.3.366.9900 Singapore/Malaysia/Thailand Excel-Max Communications Tel: 65.243.3266 Taiwan Evergo Corporation Tel: 886.2.715.0283
China Wellink Communications Ltd. Tel: 852.2884.4128 Gentech Industries Ltd. Tel: 852. 2521.4567
Many M/A-COM products are available through distribution. For a complete, worldwide list of M/A-COM distributors by return fax, call our FaxFacts system from your fax machine at 508.442.4222 and request document 4.
(c)1997 M/A-COM, Inc.


▲Up To Search▲   

 
Price & Availability of 930-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X