Part Number Hot Search : 
R2A20117 TR283R GL157 2N527A Z0844004 2SC4634 12007 TC4009UB
Product Description
Full Text Search
 

To Download 500-200-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SpiderDuoTM
Compact Remote-KVM with Local Access
AffordAbLe KVM-oVer-IP PLuS LocAL AcceSS for dIStrIbuted SerVer MAnAgeMent
The SecureLinx(R) SpiderDuoTM is the newest in the popular Spider family of remote KVM solutions. SpiderDuo provides secure, remote KVM (keyboard, video and mouse) over-IP capabilities as well as transparent local access. The Duo is ideal for those who need local access, as well as the flexibility of KVM-over-IP in a single integrated solution. Its palm-sized, "zero-U" design is perfect for space-constrained applications. What's more, Duo requires no additional software and allows full BIOS level control of the host system. SpiderDuo makes administration a breeze. Using integrated Virtual Media, users can transfer files, perform upgrades, install patches, redirect local drives and perform full system upgrades by ISO file. Coupled with the optional single port PCU (power control unit), authorized users can also initiate system reboots over the network. SpiderDuo allows complete local, plus remote management of the host machine anytime, from virtually anywhere. It provides reliable, secure access to servers located in data centers, kiosks, regional offices, campuses, ATMs, Point-of-sale (POS), training centers, or test and development labs. + reduce costs and decrease downtime by remotely managing Pcs and servers, down to the bIoS level, while still allowing transparent local access + transfer files, install patches, perform upgrades remotely with Virtual Media + remotely manage power with the optional power control unit + easy configuration and installation with color coded connectors--local and remote management are up and running in minutes + VIP AccessTM enabled--Securely access Spiderduo behind firewalls without a VPn, additional software, or the need to change existing firewall settings
SecureLinx
(R)
Think it. Connect it. Control it.
SecureLinx
(R)
SpiderDuoTM
feAtureS
+ Security * Hardware based encryption of keyboard, mouse and video data * IP Source Address Filtering * Remote Authentication: LDAP, RADIUS, Active Directory * User/Group management with permissions control * Configurable port numbers (HTTP, HTTPS,Telnet, SSH) * Selective disable of Telnet/SSH + Access * Local access and up to 8 simultaneous remote users + target Server requirements * Supports Multiple Operating Systems: Windows 2000/2003/2008/XP/Vista, Unix, Linux, or MAC OSX 10 * Keyboard/mouse: 1 USB, 1 PS/2 keyboard, and 1 PS/2 mouse connector * Video Interface: HD15 VGA video output (up to 1600x1200@60Hz) + client System requirements * Internet Explorer 6.0+, Netscape 5.0+, Firefox 3.0+, Safari 2.0+ * PIII Processor equivalent or better (recommended) * Sun Java 2 Runtime Environment * Telnet/SSH client for command line (CLI) access + Interfaces * Network: 10/100Base-T Ethernet Port with activity indicators (RJ45) * Serial: RS-232, up to 115,200 bps for serial device pass-through, unit configuration or PCU controller * USB * Local KVM connector * Computer input connector + cables * Includes local KVM and computer input USB or USB and PS/2, 21.6" VGA cables + environmental * Operating: 00 to 450 C (320 to 1150 F) * Storage: -200 to 700 C (-40 to 1580 F) * Humidity: 0 to 95% RH (non-condensing) * Heat Dissipation: 4-8 Watts (14-28 BTU/hr) + Power requirements * Input: 5 VDC @ 1.6A max. + certifications * UL/CUL (CSA-22.2 No. 60950-1-03 / UL-60950-1) * CE - IEC 60950-1 * C-Tick * FCC Part 15, Equipment Class A * VCCI V-3/2006.04 Class A * AS/NZS CISPR 22: 2006 Class A * EN55022:1998 +A1:2000 +A2:2003 Class A * EN61000-3-2: 2000 +A2: 2005 Class A * EN61000-3-3: 1995 +A1: 2001 * EN55024: 1998 +A1:2001 +A2:2003 * RoHS Compliant (lead free) + Warranty * 2-year limited warranty + form factor * Dimensions: (H x W x D) 13.2 x 5.8 x 3.6 cm (5.2 x 2.3 x 1.4 in) * Weight: USB: 269g (9.50 oz), PS/2: 278g (9.80 oz)
orderIng InforMAtIon
+ Part number SLSLP400USB-01 SLSLP400PS2-01 + description - 1 Port Local plus Remote KVM-over-IP with USB Connectors; 21.6" VGA cables - 1 Port Local + Remote KVM-over-IP with PS/2 and USB Connectors; 21.6" VGA cables + description - Single port power control unit, 100-240VAC, 50/60Hz, 10A (Includes IEC320/C13 to NEMA inlet and IEC320/C14 to IEC320/C13 outlet power cables) - Extended length cable (computer input) USB connector; 59" VGA cable - Extended length cable (computer input) PS/2 and USB connectors; 59" VGA cable - Replacement DC Power Supply with International Adapters (100-240VAC, 50-60 Hz; 5 VDC @ 2A)
+ Accessories PCU100-01
remotely manage power with the optional power control unit.
500-199-R 500-200-R 520-104-R
CORPORATE HEADQUARTERS
15353 Barranca Parkway | Irvine | CA 92618 | USA | t: 800.422.7055 | f: 949.450.7232 | sales@lantronix.com | www.lantronix.com
(c)2009, Lantronix, Inc. Lantronix is a registered trademark, and DeviceInstaller, Evolution OS and Com Port Redirector are trademarks of Lantronix, Inc. All other trademarks are the property of their respective owners. Specifications subject to change without notice. All rights reserved. 920-008 08/09


▲Up To Search▲   

 
Price & Availability of 500-200-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X