Part Number Hot Search : 
ADUM1 74LS245N 74LS245N C206M E170A SSR10C40 SA75A SK12F
Product Description
Full Text Search
 

To Download 2N4403-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
2N4403
Features
* * Through Hole Package Capable of 600mWatts of Power Dissipation Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL rating 1 Marking:Type number Lead Free Finish/Rohs Compliant ("P"Suffix designates Compliant. See ordering information)
PNP General Purpose Amplifier
TO-92
A E
*
Electrical Characteristics @ 25C Unless Otherwise Specified
Symbol Parameter Collector-Emitter Breakdown Voltage* (I C=-1.0mAdc, IB=0) Collector-Base Breakdown Voltage (I C=-10Adc, IE=0) Emitter-Base Breakdown Voltage (I E=-10Adc, IC=0) Base Cutoff Current (VCE=-30Vdc, VBE=-3.0Vdc) Collector Cutoff Current (VCE=-30Vdc, VBE=-3.0Vdc) DC Current Gain* (I C=-0.1mAdc, VCE=-1.0Vdc) (I C=-1.0mAdc, VCE=-1.0Vdc) (I C=-10mAdc, VCE=-1.0Vdc) (I C=-150mAdc, VCE=-2.0Vdc) (I C=-500mAdc, VCE=-2.0Vdc) Collector-Emitter Saturation Voltage (I C=-150mAdc, IB=-15mAdc) (I C=-500mAdc, IB=-50mAdc) Base-Emitter Saturation Voltage (I C=-150mAdc, IB=-15mAdc) (I C=-500mAdc, IB=-50mAdc) Current Gain-Bandwidth Product (I C=-20mAdc, VCE=-10Vdc, f=100MHz) Output Capacitance (VCB=-10Vdc, IE=0, f=140kHz) Input Capacitance (VEB=-0.5Vdc, IC=0, f=140kHz) Delay Time (VCC=-3.0Vdc, VBE=-2.0Vdc Rise Time IC=-150mAdc, IB1=-15mAdc) Storage Time (VCC=-3.0Vdc, IC=-150mAdc Fall Time IB1=IB2=-15mAdc) 300s, Duty Cycle 2.0% Min -40 -40 -5.0 -0.1 -0.1 Max Units Vdc Vdc Vdc Adc Adc
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX
B
ON CHARACTERISTICS
hFE 30 60 100 100 20
C
300
VCE(sat)
-0.4 -0.75 -0.75 -0.95 -1.30
Vdc
D
VBE(sat)
Vdc C B E
SMALL-SIGNAL CHARACTERISTICS
fT Ccb Ceb 200 8.5 30.0 15 20 225 30 MHz pF pF ns ns ns ns
DIM A B C D E G INCHES MIN .170 .170 .550 .010 .130 .096
G
DIMENSIONS MM MIN 4.33 4.30 13.97 0.36 3.30 2.44
SWITCHING CHARACTERISTICS
td tr ts tf *Pulse Width
MAX .190 .190 .590 .020 .160 .104
MAX 4.83 4.83 14.97 0.56 3.96 2.64
NOTE
www.mccsemi.com
Revision: 7
1 of 4
2010/08/18
2N4403
MCC
Micro Commercial Components
DC Current Gain vs Collector Current 300 VCE = 10V 250 200 1.2 1.0 0.8 VBE(ON) - (V) 150 100 50 0.6 0.4 T = 100C A 0.2 0 0.1 Base-Emitter ON Voltage vs Collector Current VCE = 5.0V
TM
hFE
TA = 25C
0.1
1 IC (mA)
10
100
1.0 IC - (mA)
10
100
Pulsed Base Saturation Volatge vs Collector Current -1.5 IC/IB = 10 -1.3 -1.1 VBE(SAT) - (V) -0.9 VCE(SAT) - (V) -.1 -.5
Pulsed Collector Saturation Voltage vs Collector Current IC/IB = 10
-0.7 -.05 -0.5 0 -1.0 -.02 -1.0
-10
-100 IC - (mA)
-1000
-10 IC - (mA)
-100
-1000
Collector Reverse Current vs Reverse Bias Voltage 100 0 TA = 25C 100 ICES - (A) 10 pF
Input and Output Capacitances vs Reverse Bias Voltage 20 TA = 25C 16 CIBO
12
8 4 1.0 0 -10 -20 -30 VCE - (V) -40 -50 -60 0 -0.1
COBO
-1.0 Volts - (V)
-10
www.mccsemi.com
Revision: 7
2 of 4
2010/08/18
2N4403
MCC
TM
Micro Commercial Components
Maximum Power Dissipation vs Ambient Temperature 800 1000
Turn On and Turn Off Times vs Collector Current
600 TO-92 PD(MAX) - (mW) 400 T - (ns) 100
toff
ton 10 200 SOT-23 0 0 50 100 TA - (C) Contours of Constant Gain Bandwidth Product (fT) 1000 -10 -8 100 VCE - (V) -4 -1.0 -.8 -.4 0 -0.1 1.0 -1.0 -10 IC - (mA) *25MHz increments from 50 to 200MHz -100 10 td 100 IC - (mA) 1000 T - (ns) ts tf tr IB1 = IB2 = IC/10 150 200 1.0 10 IB1 = IB2 = IC/10 VCC(OFF) = 15V 100 IC - (mA) Switching Times vs Collector Current 1000
10
www.mccsemi.com
Revision: 7
3 of 4
2010/08/18
MCC
Device
TM
Micro Commercial Components
Ordering Information
Packing Ammo Packing;2Kpcs/AmmoBox Bulk;1Kpcs/Bag (Part Number)-AP (Part Number)-BP
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the expresse written approval of Micro Commercial Components Corporation.
www.mccsemi.com
Revision: 7
4 of 4
2010/08/18


▲Up To Search▲   

 
Price & Availability of 2N4403-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X