Part Number Hot Search : 
19371251 74F652SC CHV37H36 UZ132 LS3010 1N4006G 02112 MGA87563
Product Description
Full Text Search
 

To Download 1630C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1600C & 1630C
Quad Data-bus Isolators
SELECTION GUIDE
Order Code
1600C 1630C
Type
Function
Turns Ratio
Max. Pulse Width s
Typ. Primary Inductance mH
3 1
Typ. Inerwinding Capacitance pF
60 34
Quad isolator Quad isolator
5V to 5V logic isolation 5V to 15V logic isolation
1:1 1:3
5 2.6
ABSOLUTE MAXIMUM RATINGS
FEATURES
RoHS compliant Logic translation Bi-Directional Invert / non-invert TTL-CMOS conversion Toroidal construction Low profile 500Vrms isolation Backward compatible with Sn/Pb soldering systems
Operating free air temperature range Storage temperature range Isolation voltage (flash tested for 1 second) Insulation resistance at 500VDC
0C to 70C -40C to 125C 500Vrms >10G
SOLDERING INFORMATION2
Peak wave solder temperature, 1.5mm from case Pin finish
1 The maximum pulse width limit to be applied to the repetition curve. 2 For further information, please visit www.murata-ps.com/rohs All specifications typical at TA=25C.
300C for 10 seconds Matte tin
OPERATIONAL CONFIGURATIONS Non-Inverted +VE Going Pulse Non-Inverted -VE Going Pulse
+5V 1 2 0V Quad-Bus Isolator 16 15 0V Quad-Bus Isolator 1 2 16 15 +5V
DESCRIPTION
The 1600 series are quad isolation transformer packs for use in digital circuits. They are particularly suited to isolating microprocessor bus connections and performing logic level translation. Being completely passive, power savings are offered over opto-coupled or emitter follower solutions.
Inverted +VE Going Pulse
+5V 1 2 0V Quad-Bus Isolator 16 15 +5V
Inverted -VE Going Pulse
1 2
16 15 0V Quad-Bus Isolator
For full details go to www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_1600C_B03 Page 1 of 2
1600C & 1630C
Quad Data-bus Isolators
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
22.50 (0.886)
PIN CONNECTIONS
16 15 14 13 12 11 10
6.86 (0.270)
9 N 1
1600C
XYYWW
N 1
N 1 2 3 4 5
N 1 6 7
5.80 (0.228)
1
8
4.50 (0.177)
0.640.15 (0.0250.00008) 2.54 (0.10) 17.78 (0.7)
0.500.05 (0.020.002)
All dimensions in mm (inches) 0.25 (0.001) unless otherwise stated. Package weight: 1.7g Typ. Package quantity: 20
0.250.05 (0.0010.002) 8.65 (0.34)
USA: Canada: UK:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: japan@murata-ps.com Kyoto, Tel: 81-75-955-7269, email: japan@murata-ps.com Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2009 Murata Power Solutions, Inc.
France: Japan: China:
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_1600C_B03 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 1630C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X