Part Number Hot Search : 
DPH140T BFXXXX IRKL105 472M03 GAAMLA MS6308U MS133 5962F
Product Description
Full Text Search
 

To Download 100C1003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F E AT U R E S D C - 1 25 0 MHz 30 Watts CW Non-Reflective SMA, BNC or TNC Connectors
MODEL NO. 100C10 03
SP 2 T Re la y
SP2T
.08 .08 J1
1.336 .75 J2
CONNECTORSMA FEMALE OR BNC FEMALE OR TNC FEMALE (3 PLACES) J1 1.50 .03 J2
1.336
*
+ PART IDENTIFICATION J3 GND .093 DIA THRU 4 HOLES 1.50 .03
+
*
50 1/4 WATT 50 1/4 WATT
GND
*
.75 .03 .22 TYP SOLDER TERMINAL (2 PLACES) .xx = .02 .xxx = .010 J3
ISO (dB)
I.L. (dB)
VSWR
T YP IC A L P E R F OR MA NCE
at 25 C
GUARANTEED PERFORM A NCE
Parameter
Operating Frequency DC Voltage Insertion Loss
Min Typ Max Units
DC
0.1 0.25 0.7 85 70 55 1.07/1 1.15/1 1.25/1 50 1250 0.2 0.35 1.0 MHz dB dB dB dB dB dB
Conditions
See Table DC - 150 MHz 150 - 400 MHz 400 - 1250 MHz DC - 150 MHz 150 - 400 MHz 400 - 1250 MHz DC - 150 MHz 150 - 400 MHz 400 - 1250 MHz
1.6
1.2
120
1.5
1.0
100
1.4
0.8
80
ISO I. LOSS
Isolation
1.3
0.6
60
75 60 45
Thru
VSWR
1.2 0.4 40 VSWR
1.15/1 1.2/1 1.5/1 5 +30 +71
1.1
0.2
20
1.0
0
0 1 4 10 40 100 400 1000 3000
Impedance Switching Speed RF Power Operate Operating Temperature -54
+25
OHMS mSEC W CW C TA
FREQUENCY (MHz)
PART NO. EXAMPLE 100C1003 - TNC - 26 Basic Specify Coil Voltage Part Number (See Table) Specify Conn. Type (SMA, BNC, TNC)
CONTROL VOLTAGE TABLE
Voltage
6 12 18 26
Current - Typical
195 mA 96 mA 63 mA 51 mA
DA I C O In d u s t r i e s


▲Up To Search▲   

 
Price & Availability of 100C1003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X