Part Number Hot Search : 
MPC56 LBRD2 FAN5029 BC857 P4N60 91F467BA P4N60 SFCV7440
Product Description
Full Text Search
 

To Download VD05XXXS-2W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 15:38
SHENZHEN SUNYUAN TECHNOLOGY CO., LTD.
VDxxxxxxS-2W DUAL DC-DC CONVERTER
www..com
HIGH POWER DENSITY 10Pin SIP PACKAGE STYLE DUAL OUTPUT VOLTAGE INDUSTRIAL STANDARD PIN-OUT NO HEAT SINK REQUIRED 1K VAC ISOLATION REULATED OUTPUT VOLTAGE PCB MOUNTING
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS:
(All specifications tested typically @ 25C, humidity<75%, nominal input and rated output unless otherwise noted.)
OUTPUT SPECIFICATIONS
Items: Output accuracy Output power Line regulation Load regulation Ripple and noise Temperature drift Minimum load Switching frequency
Short circuit protection
80K HZ
Testing condition At full load and nominal Vin
Min
Typ
Max
2%
0.2W
2W 0.5 0.5% 20mVp-p 0.02 %/C 10%
Input voltage from low to full load From 20% to full load
20MHz bandwidth
60s
INPUT SPECIFICATIONS
Items: Input voltage range Testing condition 5 VDC nominal input 12VDC nominal input 24VDC nominal input Min Typ 4.5-5.5 10.8-13.2 21.6-26.4 Max
COMMON SPECIFICATIONS
Items
Copyright @ Shenzhen SunYuan Technology Co., Ltd. Edition-SZSY-07-01
Min
Typ.
Printed in P.R.C January 2007
Max
Page 1 of 3
15:38
SHENZHEN SUNYUAN TECHNOLOGY CO., LTD.
VDxxxxxxS-2W DUAL DC-DC CONVERTER
range
-40C -55C +85C +125C
Operating temperature www..com
Storage temperature range Humidity Cooling Isolation voltage (VDC) Isolation resistance (ohms) Isolation capacitance (pF) Efficiency (%) Case material Potting material Packing material Dimension (mm / inch) Weight (g) MTBF (Hrs) See Product List Input to Output
<75% Free Air Convection 1,000 109 60 60 Non-conductive black plastic Epoxy Resin UL94-V0 Tube 27.40*8.80*11.00 (1.08*0.34*0.43) 10 >1,000,000 78
PRODUCT LIST
Input Voltage (VDC) Part Number
Range al Nomin Max. Current (mA) Voltage (VDC)
Output
Efficiency (%, Typ.) 63 66 66 68 69 68 75 72 76 63 66 66 68
Package
VD050303S-2W VD050505S-2W VD051212S-2W VD120505S-2W VD121212S-2W VD120909S-2W VD240505S-2W VD240909S-2W VD241212S-2W VD050303S-2W VD050505S-2W VD051212S-2W VD120505S-2W
4.5-5.5 4.5-5.5 4.5-5.5 10.8-13.2 10.8-13.2 10.8-13.2 21.6-26.4 21.6-26.4 21.6-26.4 4.5-5.5 . 4.5-5.5 4.5-5.5 10.8-13.2
5 5 5 12 12 12 24 24 24 5 5 5 12
7.25 7.25 7.25 16.0 16.0 16.0 30.0 30.0 30.0 7.25 7.25 7.25 16.0
303/303 200/200 84/84 200/200 84/84 111/111 200/200 111/111 84/84 200/200 200/200 84/84 200/200
3.3/3.3 5/5 12/12 5/5 12/12 09/09 12/12 9/9 5/5 3.3/3.3 5/5 12/12 5/5
SIP SIP SIP SIP SIP SIP SIP SIP SIP SIP SIP SIP SIP
NOMENCLATURE
TEMPERATURE DERATING GRAPH
Copyright @ Shenzhen SunYuan Technology Co., Ltd.
Edition-SZSY-07-01
Printed in P.R.C January 2007
Page 2 of 3
15:38
SHENZHEN SUNYUAN TECHNOLOGY CO., LTD.
VDxxxxxxS-2W DUAL DC-DC CONVERTER
Output Power%
www..com
120 100 80 60 40 20 0 -40 0 40 71 85 120
Safe Operating Area
Operating Temp (Celsius)
OUTLINE DIMENSION
PINS DESCRIPTION
SIP Pin
1 2 4 6 8 10
Connection
Vin GND 0V1 +VO1 0V2 +VO2 Input Input OUTput OUTput OUTput OUTput
SHENZHEN SUNYUAN TECHNOLOGY CO., LTD. Duoli Industrial Zone, Meihua Rd. Futian District, Shenzhen, China E-mail:sales02@szsunyuan.com Tel:+86-755-83100080 Fax:+86-755-83116652
Copyright @ Shenzhen SunYuan Technology Co., Ltd.
Edition-SZSY-07-01
Printed in P.R.C January 2007
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of VD05XXXS-2W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X