Part Number Hot Search : 
CS843 35N60CFD R3060 MPC5668E M62356E NCP5050 1N4936RL 5X824J8R
Product Description
Full Text Search
 

To Download TKJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Filter; MIL-C-38999, Series I, II, III, IV
hese miniature circular filter connectors are designed to combine the functions of a standard electrical connector and a feed-thru filter into one compact package. They are designed to meet the applicable portions of military specification MIL-C-38999 Series I, II, III and IV. These connectors feature arrangements that will accommodate up to 128 contacts. Applications:
TKJL/TKJ/TKJA/TKJB
T
* Avionics * Communication * Computer * Telemetry Systems
For more information: www.ittcannon.com/cat023
Product Features
* Series I - TKJL. * Series II - TKJ. * Series III - TKJA. * Series IV - TKJB.
Contact Termination Number of Circuits Operating Temperature Polarization Shell Style
* Total EMI protection. * Small packaging. * Multiple capacitance values.
* Multiple terminations. * High quality performance. * MIL-SPEC intermatability.
Performance Specifications: See next page for additional data
Crimp Piggyback; PC Tail; Solder Cup; Wrap Post Up to 128 -55C to 125C (-67F to 257F) Key/Keyway 0 - Receptacle, Wall Mount (Front Panel) 2 - Receptacle, Box Mount (Front Panel) 3 - Receptacle, Wall Mount (Back Panel) 5 - Receptacle, Box Mount (Back Panel) 7 - Receptacle, Jam Nut Mount
Filter
Materials and Finishes
Description Shell/Jam Nut (Finish "B") Shell/Jam Nut (Finish "N") Insulator Contact Grommet and Seal Grounding Spring Material Aluminum Alloy Aluminum Alloy High Grade Plastic/Epoxy Copper Alloy Silicone Base Elastomer Beryllium Copper Finish/Treatment Olive Drab Chromate over Nickel Nickel -- Gold over Nickel -- Gold
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
Dimensions are shown in mm (inch) Dimensions subject to change
H-11
Version 05.01.03
www.ittcannon.com
Filter; MIL-C-38999, Series I, II, III, IV
TKJL/TKJ/TKJA/TKJB Filter Performance
TKJL/TKJ/TKJA/TKJB
TKJL/TKJ/TKJA/TKJB Electrical Data
Contact Size Current Rating Filter Type Insulation Resistance, electrification time 2minutes, 25C (77F), 100 V dc Operating Voltage
Available Filter Frequency Capacitance at 1 KHz, 0.1 V ac rms, 25C (77F) DWV (sea level) 500 A max. charge/discharge Filter Designation Filter Performance Frequency MHz 0.1 1 2 10 100 500-1000
22, 20, 16 5A (Size #22); 7.5 A (Size #20); 15 A (Size #16) Pi () 5,000 M min. 200 V dc or 120 V ac rms, 400 Hz
Low 45000 pF 32000 pF 300 V dc (Size #22) 500 V dc (Sizes #20, #16) L Attenuation dB min. 2 10 16 40 60 65 Middle 12000 pF 8000 pF 500 V dc M Attenuation dB min. -- 2 7 18 55 60 Standard 5000 pF 3300 pF 500 V dc T Attenuation dB min. -- -- 2 8 45 55 High 1300 pF 850 pF 500 V dc H Attenuation dB min. -- -- -- 2 30 50
Filter
Attenuation per MIL-STD-220 at 25C (77F) with no applied voltage or current. Contact Cannon for higher or mixed attenuation values and higher voltage ratings.
Contact Combinations/Options
To meet specific circuit and application requirements, TKJL/TKJ/TKJA/TKJB connectors can be specified with any combination of different filters plus unfiltered/feed-thru and grounding contacts. Combination layouts cannot be ordered with standard nomenclature; contact your local Cannon representative for specific part numbers.
Dimensions are shown in mm (inch) Dimensions subject to change
H-12
Version 05.01.03
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of TKJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X