Part Number Hot Search : 
D90N0 MB258 BZX556V2 GC4022M5 RL257 5556PBT3 CY7C1315 R5S72612
Product Description
Full Text Search
 

To Download PM8610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
PM8610 SBS
SBI Bus Serializer / STS-12 Time Slot Interchange
FEATURES
* Monolithic integrated circuit that implements conversion between byteserial 19.44Mhz SBI bus or 77.76MHz SBI336 bus and redundant 777.6Mbps bit-serial 8B/10B-base SBI336S bus. * SBI converter and TDM time slot interchange. * Quad byte wide 19.44MHz SBI bus to 777.6MHz serial SBI336S converter. * Byte wide 77.76MHz SBI336 bus to 777.6MHz serial SBI336S converter. * Quad byte wide 19.44MHz TelecomBus to serial 777.6MHz TelecomBus converter. * Byte wide 77.76MHz TelecomBus to serial 777.6MHz TelecomBus converter. * Quad byte wide 19.44 MHz SBI bus to byte wide 77.76 MHz SBI bus bridge. * Quad byte wide 19.44 MHz TelecomBus to byte wide 77.76 MHz TelecomBus bridge. * DS0, NxDS0, T1, E1, VT1.5, VT2, DS3 and E3 granular quad SBI to serial SBI336S time slot interchange. * DS0, NxDS0, T1, E1, VT1.5, VT2, DS3 and E3 granular SBI336 to serial SBI336S time slot interchange. * VT1.5, VT2, STS-1 quad 19.44MHz TelecomBus to serial TelecomBus switch. Requires J1 byte alignment. * VT1.5, VT2, STS-1 77.76MHz TelecomBus to serial TelecomBus switch. Requires J1 byte alignment. * With the Narrowband Switch Element, PM8620 NSE-20G, the SBS can be used to implement a switch fabric scaleable to 20Gb/s. * With the Narrowband Switch Element, PM8621 NSE-8G, the SBS can be used to implement a switch fabric scaleable to 8Gb/s. * Integrates two independent DS0 granularity Time Slot Interchange Switches (full duplex). * Nominal latency through the SBS in DS0 mode is 125S. Channel Associated Signaling (CAS) latency through the SBS in DS0 mode is two T1 multiframes (6 ms) or two E1 multiframes (4 ms). * In TelecomBus mode or SBI mode without DS0 level switching nominal latency through the SBS is <16S. * The Time Slot Interchange Switch permits any receive or incoming byte from an input tributary to be mapped to any outgoing or transmit byte, respectively, on the associated output tributary. * Supports working and protect serial SBI336 or TelecomBus links to support a redundant switch fabric architecture. * Encodes and decodes byte wide SBI bus and SBI336 bus control signals for all SBI supported link types and clock modes for transport over the serial SBI336S interface. * Encodes data from the Incoming SBI bus or TelecomBus stream to working and protect 777.6Mbps LVDS serial links with 8B/10B-based encoding. * Decodes data from working and protect 777.6MHz LVDS serial links with 8B/10B-based encoding to the Outgoing SBI bus or TelecomBus stream. * In SBI mode, switches Channel Associated Signaling bits, CAS, with all DS0 data. * Uses 8B/10B-based line coding protocol on the serial links to provide transition density guarantee and DC balance and to offer a greater control character vocabulary than the standard 8B/10B protocol. * Provides optional PRBS generation for each LVDS serial data link for off-line link verification. PRBS can be processed with minimum STS-1 granularity. * Provides hardware and software control to coordinate the connection mapping of the local device, peer SBS devices and companion NSE switch devices.
BLOCK DIAGRAM
Telecom/SBI Bus Input User Message Telecom/SBI Bus Connect Memory Control Incoming Memory Switch Unit and CAS Processing 1/2 WORKING PRBS processing and InBand Link Controller 1/2 PROTECT PRBS processing and InBand Link Controller TRANSMIT WORKING Encoder/Serializer and LVDS Interface TRANSMIT PROTECT Encoder/Serializer and LVDS Interface Transmit Working LVDS Transmit Protect LVDS
1/2 WORKING Outgoing Memory Switch Unit and CAS Processing PRBS processing and InBand Link Controller 1/2 PROTECT PRBS processing and InBand Link Controller
RECEIVE WORKING Decoder, Data recovery and LVDS Interface RECEIVE PROTECT Decoder, Data recovery and LVDS Interface Receive Protect LVDS Telecom/SBI Bus Receive Working LVDS
Telecom/SBI Bus Connect Memory Control
Output User Message
Microprocessor Interface
JTAG
PMC-2000169 (P4)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE
(c) Copyright PMC-Sierra, Inc. 2001
Preliminary PM8610 SBS
SBI Bus Serializer / STS-12 Time Slot Interchange
* Can communicate with PMC's NSE switch devices over an in-band communications channel in the LVDS links. This channel includes mechanisms for central switch fabric control and configuration. * Derives all internal timing from a single 77.76 MHz system clock and a system frame pulse. * Supports two sets of switch settings and a controlled method of changing settings on STS-12 frame boundaries. * Channelized OC-12/OC-48 Any Service Any Port Switches. * Voice Gateways. * Serial backplane board interconnect and Shelf-to-Shelf cabled serials interconnect.
TYPICAL APPLICATIONS
CHANNELIZED OC-48/4xOC-12 ASAP
OC-48 SERDES PM5315 SPECTRA 2488 TelecomBus
PHYSICAL CHARACTERISTICS
* Supports an IEEE P1149.1 JTAG test port. * Provides 16-bit microprocessor bus interface for configuration, control and status monitoring. * 1.8 V / 3.3 V 0.18m CMOS technology. * 352 ball 27 mm x 27 mm UBGA. * -40C to +85C Industrial temperature Operation.
SBI Bus
PM8316 TEMUX-84
PM8316 TEMUX-84
PM8316 TEMUX-84
PM8316 TEMUX-84
PM8611 SBSLITE
PM8611 SBSLITE
PM8611 SBSLITE
PM8611 SBSLITE
Working
PM8620 NSE-20G
PM8620 NSE-20G
Protect
APPLICATIONS
* T1/E1 SONET/SDH Cross-connects and Add-Drop Multiplexers. * OC-48 Multiservice Access Multiplexers.
SBI Bus
PM8611 SBSLITE
PM8611 SBSLITE
PM8610 SBS
PM8610 SBS
PM7388 FREEDM-336
PM7388 FREEDM-336
PM7341 S/UNI IMA-84
PM73122 AAL1gator-32
Any-PHY
NxOC-48 ADM WITH CHESS CHIP SET
TelecomBus OC-48 SERDES PM5315 SPECTRA 2488
* * *
TelecomBus PM5310 TBS PM5372 TSE Working PM5310 TBS
OC-48 SERDES
PM5315 SPECTRA 2488
PM5310 TBS
PM5372 TSE Protect
PM5310 TBS
SBI Bus T1/E1/J1
* * *
TelecomBus
PM8620 NSE-20G PM8610 SBS Working PM861 SBS
TelecomBus
PM4318 PM4318 PM4318 OCTLIU PM4318 OCTLIU OCTLIU OCTLIU
PM5366 TEMAP-84
PM5363 TUPP+622
PM8620 NSE-20G Protect
Head Office: PMC-Sierra, Inc. 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: 604.415.6000 Fax: 604.415.6200
To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator
All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com
PMC-2000169 (P4) (c) Copyright PMC-Sierra, Inc. 2001. All rights reserved. SBS, SBSLITE, SPECTRA, TEMUX, FREEDM, AAL1gator, Any-PHY and PMC-Sierra are trademarks of PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE


▲Up To Search▲   

 
Price & Availability of PM8610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X