Part Number Hot Search : 
UF5401G DL4751A 00BZXC MIW1114 PG4007 1014A AD261 MPS2222A
Product Description
Full Text Search
 

To Download M34S32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
M34S32
PRELIMINARY DATA - DATA BRIEFING
32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
s
TWO WIRE I2C SERIAL INTERFACE, SUPPORTS 400kHz PROTOCOL COMPATIBLE WITH I2C EXTENDED ADDRESSING 1 MILLION ERASE/WRITE CYCLES 40 YEARS DATA RETENTION SINGLE SUPPLY VOLTAGE HARDWARE WRITE CONTROL USER-DEFINED READ-ONLY BLOCK 32 BYTES OTP PAGE BYTE and PAGE WRITE (up to 32 BYTES) BYTE, RANDOM and SEQUENTIAL READ MODES SELF TIMED PROGRAMING CYCLE AUTOMATIC ADDRESS INCREMENTING ENHANCED ESD and LATCH-UP PERFORMANCES
Figure 1. Delivery Forms
s
s s s s s s s s
8
8
1
1
PSDIP8 (BN) 0.25 mm Frame S08 (MN) 150 mil Width
s s s
Figure 2. Logic Diagram
DESCRIPTION The M34S32 is a 32K bit electrically erasable programmable memory (EEPROM), organized as 4096 x 8 bits. Table 1. Signal Names
SDA SCL WC WCR VCC VSS Serial Data Address Input/Output Serial Clock Write Control Write Control of Control Register Supply Voltage Ground
VCC
SCL WC WCR M34S32
SDA
VSS
AI02468
June 1998
This is a Preliminary Data. Details are subject to change without notice.
1/2
M34S32
Figure 3. DIP Pin Connections ROM area. Once written, the OTP page cannot be modified by further write instructions. The ROM block resides inside the 32 Kbit EEPROM area. The size of the ROM block is defined (by the user) with the help of the Control Register. The OTP page is accessed with the Device Select Byte 1010001x, the EEPROM and ROM blocks are accessed with the Device Select Byte 1010000x. The control register is accessed with the Device Select Byte 1010100x.
M34S32 NC NC WCR VSS 1 2 3 4 8 7 6 5
AI02448
VCC WC SCL SDA
Figure 4. SO Pin Connections
ORDERING INFORMATION SCHEME Devices are shipped from the factory with the memory content set at all "1"s (FFh). For a list of available options, refer to the current Memory Shortform Catalogue. For further information on any aspect of this device, please contact the ST Sales Office nearest to you. In general, the fields of the product number are made up as follows:
Example: M34 S 32 - W MN 1 T
M34S32 NC NC WCR VSS 1 2 3 4 8 7 6 5
AI02449
VCC WC SCL SDA
Capacity 32 32 Kbit (4K x 8)
Operating Voltage blank 4.5 V to 5.5 V W 2.5 V to 5.5 V
DESCRIPTION (cont'd) The memory is compatible with the I2C extended addressing standard, two wire serial interface which uses a bi-directional data bus and serial clock. The memory carries a built-in 4 bit, unique device identification code (1010) corresponding to the I2C bus definition. The memory behaves as slave devices in the I2C protocol with all memory operations synchronized by the serial clock. Read and write operations are initiated by a START condition generated by the bus master. The START condition is followed by the Device Select Byte. This is a stream of 4 bits (the identification code 1010), then 3 bits of memory block access input, plus one read/write bit. The byte is finally terminated by an acknowledge bit. The M34S32 contains three memory blocks: the OTP page, the EEPROM block and the ROM block. The OTP (One Time Programmable) page is a page of 32 bytes, written once by the user. The OTP page is not located within the 32 Kbits EEP-
Package BN MN PSDIP8 (0.25 mm frame) SO8 (150 mils width)
Temperature Range 1 6 5 0 C to +70 C (See note 1) -40 C to +85 C -20 C to +85 C
Option T Tape & Reel Packing
Note: 1. Temperature range on request only.
2/2


▲Up To Search▲   

 
Price & Availability of M34S32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X