Part Number Hot Search : 
1SMB17CA RU1H80P AX232 CBM5D20 1502B B1524 HMT325 00222
Product Description
Full Text Search
 

To Download IL-G-C2-SC-10000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2-Phase Hybrid Stepping Motor Driver
HIGH TORQUE, SILENT ROTATION
SERVEX FSD2B2P12-01 DC24V
Features
www..com
1. Ultra-compact driver measuring a mere 2.2 x 2.9 x 1.7 inches. 2. Bi-polar fixed-current driver. 3. Micro-stepping feature may be used to be selected from any one of 1/1 (full-step), 1/2 (micro-step), and 1/4 (micro-step)settings. 4. Through the use of 3-bit external signals, electric current settings may be specified to any one of a range of 8 different settings from 0.41-2A/phase power. 5. Input commands may be selected from either of direction-of-rotation separate serial
Applicable motors
KH42HM2-951, 961 KH42JM2-951, 961 KH42KM2-951, 961 KH56JM2-851, 951, 961 KH56KM2-851, 951, 961 KH56QM2-851, 951, 961 KH39EM2-851 KH39FM2-851 KH39GM2-851
Dimensions
73(2.88) 660.5(2.60.02) 1.65MAX(42MAX) 103(0.390.11)
0 0 300 +20 (11.8 +0.78 )
0.13dia.(o3.2dia.)
500.5(1.9700.02)
UL3266,AWG22
57(2.25)
103(0.390.11)
FSD2B2P12
0 0 300 +20 (11.8 +0.78 )
UL3266,AWG22
Power supply specifications
Motor Power supply voltage(VM) : 10.8V~33.0V
Connector specifications
FSD2U2P12-01 side User side Applicable Housing IL-G-9S-S3C2 IL-G-6S-S3C2 Applicable terminal(real) IL-G-C2-SC-10000 IL-G-C2-SC-10000 Maker Model CN3 IL-G-9P-S3T2-E IL-G-6P-S3T2-E CN2 Maker J.A.E J.A.E
100ms or less 10.8V 0V
1s or less
Motor output current; About 2A max.(different dependeing on the drive parameters of the motor being used)
Required operating environment conditions
In operation Ambient temperature (C) Ambient humidity(%) 0~+50 35~85 At rest -20~60 35~85 Non condensation Comments
24
9
1
4
1
Functions, Setting and Connections
www..com Name Connector Name Pin No. Signal
1 2 3 4 CN3 7 6 5 8 9 VM P.GND CW CCW Motor current (A) C0 C1 C2 H.OFF S.GND Motor power supply GND CW directional drive pulse and serial pulse signal input CCW directional drive pulse and direction-of-rotation signal input 0.41 H H H 0.64 L H H 0.86 H L H 1.09 L L H 1.32 H H L 1.55 L H L 1.77 H L L 2.00 L L L Function Motor power supply(to be connected to 12-30V power supply) CN2 Connector Name Pin No. Signal Name 1 2 3 4 A A B B Motor current(A) Motor current(A) Motor current(B) Motor current(B) Function
H. off (used to cut power to motor) Signal ground
FSD2B2P12
1
CN3 9
CN2 Power supply input display LED
Switch No. 1 2
Switch Name SEL SAVE Step angle settings Divisions MSO MS1
Function Pulse input method settings Selection of automatic motor power save feature 1/2 ON ON 1/1 OFF ON
Switch position and operation OFF CW / CCW save 1/4 ON OFF ON Serial Pulse / DIR signal do not save 1/2 OFF OFF
3 4
Input circuit
CW, CCW, C0, C1, C2, H. OFF
Input signal specifications
Item High level input voltage Signal Vih(V) Vil(V) Tr(s) Tf(s) Twl(s) Td(s) Specification MIN 3.5 0.0 - - 18 10 MAX 5.3 0.8 25 15 - -
Vcc : +5V 4.7K 4.7K CN3 VCESAT 0.5Vmax User-side circuit 2200pF FSD2B2P12-01 input curcuit 4.7K HCMOS Logic
Low level input voltage Rise time Fall time Input pulse range Direction of rotation change timing
Note)Specified the voltage waveform between the user circuit ground and the FSD2B2P12-01 terminal
Tw Tr Tf Vih Vil
User side Applicable Housing IL-G-9S-S3C2 IL-G-4S-S3C2 Applicable terminal(real) IL-G-C2-SC-10000 IL-G-C2-SC-10000
Connector specifications
FSD2B2P12-01 side Maker Model CN3 CN2 IL-G-9P-S3T2-E IL-G-4P-S3T2-E Maker J.A.E J.A.E
CW (CCW) Td CCW (CW)
Vih Vil
25


▲Up To Search▲   

 
Price & Availability of IL-G-C2-SC-10000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X