Part Number Hot Search : 
FDV303 SI4876DY A43L8316 MAX20 18629137 EC4558P 74LV1G08 SMJ24A
Product Description
Full Text Search
 

To Download HY27LF081G2M-TCP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Document Title
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory Revision History
Revision No.
0.0 1) Initial Draft. 1) Correct Fig.10 Sequential out cycle after read 2) Add the text to Fig.1, Table.1, Table.2 - text : IO15 - IO8 (x16 only) 3) Delete `3.2 Page program NOTE 1. - Note : if possible it is better to remove this constrain 4) Change the text ( page 10,13, 45) - 2.2 Address Input : 28 Addresses -> 27 Addresses - 3.7 Reset : Fig.29 -> Fig.30 - 5.1 Automatic page read after power up : Fig.30 -> Fig.29 5) Add 5.3 Addressing for program operation & Fig.34 1) Change TSOP, WSOP, FBGA package dimension & figures. - Change TSOP, WSOP, FBGA package mechanical data - Change FBGA thickness (1.2 -> 1.0 mm) 2) Correct TSOP, WSOP Pin configurations. - 38th NC pin has been changed Lockpre(figure 3,4) 3) Edit figure 15,19 & table 4 4) Add Bad Block Management 5) Change Device Identifier 3rd Byte - 3rd Byte ID is changed. (reserved -> don't care) - 3rd Byte ID table is deleted. 1) Add Errata
tCLS Specification Relaxed value 0 5 tCLH 10 15 tWP 25 40 tALS 0 5 tALH 10 15 tDS 20 25 tWC 50 60 tR 25 27
History
Draft Date
Aug. 2004
Remark
Preliminary
0.1
Sep. 2004
Preliminary
0.2
Oct. 2004
Preliminary
0.3
0.4
2) LOCKPRE is changed to PRE. - Texts, Table, Figures are changed. 3) Add Note.4 (table.14) 4) Block Lock Mechanism is deleted. - Texts, Table, figures are deleted. 5) Add Application Note(Power-On/Off Sequence & Auto Sleep mode.) - Texts & Figures are added. 6) Edit the figures. (#10~25) 1) Change AC characteristics(tREH) before: 20ns -> after: 30ns 2) Edit Note.1 (page. 21) 3) Edit the Application note 1,2 4) Edit The Address cycle map (x8, x16)
Nov.29 2004
Preliminary
Jan.19 2005
Preliminary
Rev 0.7 / Apr. 2005
1
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Revision History
Revision No. History
1) Correct AC characteristics(tREH) before: 30ns-> after: 20ns 2) Add Errata Case 0.5 Specification Read(all) Relaxed value Except for ID Read ID Read 1) Change AC characteristics tDH Before 0.6 After 2) Add tADL parameter - tADL=100ns 3) Correct table.9 1) Correct AC Timing Characteristics Table - Errata value is eddited. - tADL(max) is changed to tADL(min). 2) Change Errata - tREA is deleted from the errata Case Before After Except for ID Read ID Read 0.7 Read (all) tRC 50 60 60 tRP 20 25 25 tREH 20 30 30 Apr. 06. 2005 Preliminary 10 15 Mar. 09. 2005 Preliminary tRC 50 50 60 tRP 20 20 25 tREH 20 20 30 tREA 30 30 30 Jan. 25. 2005 Preliminary
- Continued -
Draft Date
Remark
3) Edit pin Description table 4) Delete Multiple Die & Stacked Devices Access - Texts & tables are deleted. 5) Edit Data Protection texts 6) Add Read ID table 7) Add tOH parameter - tOH=15ns(min.) 8) Add Marking Information 9) Correct application note.2 - tCS(2us) is changed to 100ns.
Rev 0.7 / Apr. 2005
2
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash FEATURES SUMMARY
HIGH DENSITY NAND FLASH MEMORIES - Cost effective solutions for mass storage applications NAND INTERFACE - x8 or x16 bus width. - Multiplexed Address/ Data - Pinout compatibility for all densities FAST BLOCK ERASE - Block erase time: 2ms (Typ.) STATUS REGISTER ELECTRONIC SIGNATURE - Manufacturer Code SUPPLY VOLTAGE - 3.3V device: VCC = 2.7 to 3.6V - Device Code : HY27UFXX1G2M CHIP ENABLE DON'T CARE OPTION - Simple interface with microcontroller AUTOMATIC PAGE 0 READ AT POWER-UP OPTION - Boot from NAND support - Automatic Memory Download SERIAL NUMBER OPTION HARDWARE DATA PROTECTION - Program/Erase locked during Power transitions DATA INTEGRITY - 100,000 Program/Erase cycles - 10 years Data Retention PACKAGE - HY27(U/S)F(08/16)1G2M-T(P) : 48-Pin TSOP1 (12 x 20 x 1.2 mm) - HY27(U/S)F(08/16)1G2M-T (Lead) - HY27(U/S)F(08/16)1G2M-TP (Lead Free) - HY27(U/S)F(08/16)1G2M-V(P) : 48-Pin WSOP1 (12 x 17 x 0.7 mm) - HY27(U/S)F(08/16)1G2M-V (Lead) - HY27(U/S)F(08/16)1G2M-VP (Lead Free) - HY27(U/S)F(08/16)1G2M-F(P) : 63-Ball FBGA (9.5 x 12 x 1.0 mm) - HY27(U/S)F(08/16)1G2M-F (Lead) - HY27(U/S)F(08/16)1G2M-FP (Lead Free)
- 1.8V device: VCC = 1.7 to 1.95V : HY27SFXX1G2M Memory Cell Array = (2K+ 64) Bytes x 64 Pages x 1,024 Blocks = (1K+32) Words x 64 pages x 1,024 Blocks PAGE SIZE - x8 device : (2K + 64 spare) Bytes : HY27(U/S)F081G2M - x16 device: (1K + 32 spare) Words : HY27(U/S)F161G2M
BLOCK SIZE - x8 device: (128K + 4K spare) Bytes - x16 device: (64K + 2K spare) Words PAGE READ / PROGRAM - Random access: 27us(1) (max.) - Sequential access: 60ns(1) (min.) - Page program time: 300us (typ.) COPY BACK PROGRAM MODE - Fast page copy without external buffering
CACHE PROGRAM MODE - Internal Cache Register to improve the program throughput NOTE: 1. These parameters are applied to the errata.
Rev 0.7 / Apr. 2005
3
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash 1. SUMMARY DESCRIPTION
The HYNIX HY27(U/S)F(08/16)1G2M series is a 128Mx8bit with spare 4Mx8 bit capacity. The device is offered in 1.8V Vcc Power Supply and in 3.3V Vcc Power Supply. Its NAND cell provides the most cost-effective solution for the solid state mass storage market. The memory is divided into blocks that can be erased independently so it is possible to preserve valid data while old data is erased. The device contains 1024 blocks, composed by 64 pages consisting in two NAND structures of 32 series connected Flash cells. A program operation allows to write the 2112-byte page in typical 300us and an erase operation can be performed in typical 2ms on a 128K-byte(X8 device) block. Data in the page mode can be read out at 60ns(1) cycle time per word. The I/O pins serve as the ports for address and data input/output as well as command input. This interface allows a reduced pin count and easy migration towards different densities, without any rearrangement of footprint. Commands, Data and Addresses are synchronously introduced using CE#, WE#, ALE and CLE input pin. The on-chip Program/Erase Controller automates all program and erase functions including pulse repetition, where required, and internal verification and margining of data. The modifying can be locked using the WP# input pin. The output pin RB# (open drain buffer) signals the status of the device during each operation. In a system with multiple memories the RB# pins can be connected all together to provide a global status signal. Even the write-intensive systems can take advantage of the HY27(U/S)F(08/16)1G2M extended reliability of 100K program/erase cycles by providing ECC (Error Correcting Code) with real time mapping-out algorithm. Optionally the chip could be offered with the CE# don't care function. This option allows the direct download of the code from the NAND Flash memory device by a microcontroller, since the CE# transitions do not stop the read operation. The copy back function allows the optimization of defective blocks management: when a page program operation fails the data can be directly programmed in another page inside the same array section without the time consuming serial data insertion phase. The cache program feature allows the data insertion in the cache register while the data register is copied into the flash array. This pipelined program operation improves the program throughput when long files are written inside the memory. A cache read feature is also implemented. This feature allows to dramatically improve the read throughput when consecutive pages have to be streamed out. This device includes also extra features like OTP/Unique ID area, Automatic Read at Power Up, Read ID2 extension. The HYNIX HY27(U/S)F(08/16)1G2M series is available in 48 - TSOP1 12 x 20 mm , 48 - WSOP1 12 x 17 mm, FBGA 9.5 x 12 mm.
1.1 Product List
PART NUMBER HY27SF081G2M HY27SF161G2M HY27UF081G2M HY27UF161G2M ORIZATION x8 x16 x8 x16 VCC RANGE 1.70 - 1.95 Volt 63FBGA / 48TSOP1 / 48WSOP1 2.7V - 3.6 Volt PACKAGE
NOTE: 1. This parameters is applied to the errata.
Rev 0.7 / Apr. 2005
4
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure1: Logic Diagram
IO15 - IO8 IO7 - IO0 CLE ALE CE# RE# WE# WP# RB# Vcc Vss NC PRE
Data Input / Outputs (x16 only) Data Input / Outputs Command latch enable Address latch enable Chip Enable Read Enable Write Enable Write Protect Ready / Busy Power Supply Ground No Connection Power-On Read Enable
Table 1: Signal Names
Rev 0.7 / Apr. 2005
5
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 2. 48TSOP1 Contactions, x8 and x16 Device
Figure 3. 48WSOP1 Contactions, x8 and x16 Device
Rev 0.7 / Apr. 2005
6
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 4. 63FBGA Contactions, x8 Device (Top view through package)
Figure 5. 63FBGA Contactions, x16 Device (Top view through package)
Rev 0.7 / Apr. 2005
7
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
1.2 PIN DESCRIPTION
Pin Name IO0-IO7 IO8-IO15(1) Description DATA INPUTS/OUTPUTS The IO pins allow to input command, address and data and to output data during read / program operations. The inputs are latched on the rising edge of Write Enable (WE#). The I/O buffer float to High-Z when the device is deselected or the outputs are disabled. COMMAND LATCH ENABLE This input activates the latching of the IO inputs inside the Command Register on the Rising edge of Write Enable (WE#). ADDRESS LATCH ENABLE This input activates the latching of the IO inputs inside the Address Register on the Rising edge of Write Enable (WE#). CHIP ENABLE This input controls the selection of the device. When the device is busy CE# low does not deselect the memory. WRITE ENABLE This input acts as clock to latch Command, Address and Data. The IO inputs are latched on the rise edge of WE#. READ ENABLE The RE# input is the serial data-out control, and when active drives the data onto the I/O bus. Data is valid tREA after the falling edge of RE# which also increments the internal column address counter by one. WRITE PROTECT The WP# pin, when Low, provides an Hardware protection against undesired modify (program / erase) operations. READY BUSY The Ready/Busy output is an Open Drain pin that signals the state of the memory. SUPPLY VOLTAGE The VCC supplies the power for all the operations (Read, Write, Erase). GROUND NOT CONNECTED To Enable Power On Auto Read. When PRE is a logic high, Power on Auto Read mode is enabled, and PRE when PRE is a logic low, Power Auto Read mode is disabled. Power On Auto Read mode is available only on 3.3V device. Not using POWER-ON AUTO-READ, connect it Vss or leave it N.C.
CLE
ALE
CE#
WE#
RE#
WP# RB# VCC VSS NC
Table 2: Pin Description
NOTE: 1. For x16 version only 2. A 0.1uF capacitor should be connected between the VCC Supply Voltage pin and the VSS Ground pin to decouple the current surges from the power supply. The PCB track widths must be sufficient to carry the currents required during program and erase operations.
Rev 0.7 / Apr. 2005
8
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
IO0 1st Cycle 2nd Cycle 3rd Cycle 4th Cycle A0 A8 A12 A20
IO1 A1 A9 A13 A21
IO2 A2 A10 A14 A22
IO3 A3 A11 A15 A23
IO4 A4 0 A16 A24
IO5 A5 0 A17 A25
IO6 A6 0 A18 A26
IO7 A7 0 A19 A27
Table 3: Address Cycle Map(x8)
IO0 1st Cycle 2nd Cycle 3rd Cycle 4th Cycle A0 A8 A11 A19
IO1 A1 A9 A12 A20
IO2 A2 A10 A13 A21
IO3 A3 0 A14 A22
IO4 A4 0 A15 A23
IO5 A5 0 A16 A24
IO6 A6 0 A17 A25
IO7 A7 0 A18 A26
Table 4: Address Cycle Map(x16)
FUNCTION READ 1 READ FOR COPY-BACK READ ID RESET PAGE PROGRAM (start) COPY BACK PGM (start) CACHE PROGRAM BLOCK ERASE READ STATUS REGISTER RANDOM DATA INPUT RANDOM DATA OUTPUT CACHE READ START CACHE READ EXIT
1st CYCLE 00h 00h 90h FFh 80h 85h 80h 60h 70h 85h 05h 00h 34h
2nd CYCLE 30h 35h 10h 10h 15h D0h E0h 31h -
3rd CYCLE -
Acceptable command during busy
Yes
Yes
Table 5: Command Set
Rev 0.7 / Apr. 2005
9
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
CLE H L H L L L L X X X X
ALE L H L H L L L X X X X
CE# L L L L L L
(1)
WE# Rising Rising Rising Rising Rising H H X X X X
RE# H H H H H Falling H X X X X
WP# X X H H H X X H H L 0V/Vcc Read Mode Write Mode Data Input
MODE Command Input Address Input(4 cycles) Command Input Address Input(4 cycles)
Sequential Read and Data Output During Read (Busy) During Program (Busy) During Erase (Busy) Write Protect Stand By
L X X X H
Table 6: Mode Selection
NOTE: 1. With the CE# don't care option CE# high during latency time does not stop the read operation
Rev 0.7 / Apr. 2005
10
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash 2. BUS OPERATION
There are six standard bus operations that control the device. These are Command Input, Address Input, Data Input, Data Output, Write Protect, and Standby. Typically glitches less than 5 ns on Chip Enable, Write Enable and Read Enable are ignored by the memory and do not affect bus operations.
2.1 Command Input.
Command Input bus operation is used to give a command to the memory device. Command are accepted with Chip Enable low, Command Latch Enable High, Address Latch Enable low and Read Enable High and latched on the rising edge of Write Enable. Moreover for commands that starts a modifying operation (write/erase) the Write Protect pin must be high. See figure 7 and table 13 for details of the timings requirements. Command codes are always applied on IO7:0, disregarding the bus configuration (X8/X16).
2.2 Address Input.
Address Input bus operation allows the insertion of the memory address. To insert the 27 addresses(x8 device) needed to access the 1Gbit 4 clock cycles are needed. Addresses are accepted with Chip Enable low, Address Latch Enable High, Command Latch Enable low and Read Enable high and latched on the rising edge of Write Enable. Moreover for commands that starts a modify operation (write/erase) the Write Protect pin must be high. See figure 8 and table 13 for details of the timings requirements. Addresses are always applied on IO7:0, disregarding the bus configuration (X8/X16).
2.3 Data Input.
Data Input bus operation allows to feed to the device the data to be programmed. The data insertion is serially and timed by the Write Enable cycles. Data are accepted only with Chip Enable low, Address Latch Enable low, Command Latch Enable low, Read Enable High, and Write Protect High and latched on the rising edge of Write Enable. See figure 9 and table 13 for details of the timings requirements.
2.4 Data Output.
Data Output bus operation allows to read data from the memory array and to check the status register content, the lock status and the ID data. Data can be serially shifted out toggling the Read Enable pin with Chip Enable low, Write Enable High, Address Latch Enable low, and Command Latch Enable low. See figures 10,12,13 and table 13 for details of the timings requirements.
2.5 Write Protect.
Hardware Write Protection is activated when the Write Protect pin is low. In this condition modify operation do not start and the content of the memory is not altered. Write Protect pin is not latched by Write Enable to ensure the protection even during the power up.
2.6 Standby.
In Standby mode the device is deselected, outputs are disabled and Power Consumption is reduced.
Rev 0.7 / Apr. 2005
11
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash 3. DEVICE OPERATION
3.1 Page Read.
Upon initial device power up, the device defaults to Read mode. This operation is also initiated by writing 00h and 30h to the command register along with four address cycles. In two consecutive read operations, the second one doesn't' need 00h command, which four address cycles and 30h command initiates that operation. Two types of operations are available : random read, serial page read. The random read mode is enabled when the page address is changed. The 2112 bytes (X8 device) or 1056 words (X16 device) of data within the selected page are transferred to the data registers in less than 27us(1)(tR). The system controller may detect the completion of this data transfer (tR) by analyzing the output of R/B pin. Once the data in a page is loaded into the data registers, they may be read out in 60ns(1) cycle time by sequentially pulsing RE#. The repetitive high to low transitions of the RE# clock make the device output the data starting from the selected column address up to the last column address. The device may output random data in a page instead of the consecutive sequential data by writing random data output command. The column address of next data, which is going to be out, may be changed to the address which follows random data output command. Random data output can be operated multiple times regardless of how many times it is done in a page.
3.2 Page Program.
The device is programmed basically by page, but it does allow multiple partial page programming of a word or consecutive bytes up to 2112 (X8 device) or words up to 1056 (X16 device), in a single page program cycle. The number of consecutive partial page programming operation within the same page without an intervening erase operation must not exceed 4 times for main array (X8 device:1time/512byte, X16 device:1time/256word) and 4 times for spare array (X8 device:1time/16byte ,X16 device:1time/8word). The addressing should be done in sequential order in a block 1. A page program cycle consists of a serial data loading period in which up to 2112bytes (X8 device) or 1056words (X16 device) of data may be loaded into the data register, followed by a non-volatile programming period where the loaded data is programmed into the appropriate cell. The serial data loading period begins by inputting the Serial Data Input command (80h), followed by the four cycle address inputs and then serial data. The words other than those to be programmed do not need to be loaded. The device supports random data input in a page. The column address of next data, which will be entered, may be changed to the address which follows random data input command (85h). Random data input may be operated multiple times regardless of how many times it is done in a page. The Page Program confirm command (10h) initiates the programming process. Writing 10h alone without previously entering the serial data will not initiate the programming process. The internal write state controller automatically executes the algorithms and timings necessary for program and verify, thereby freeing the system controller for other tasks. Once the program process starts, the Read Status Register command may be entered to read the status register. The system controller can detect the completion of a program cycle by monitoring the RB# output, or the Status bit (I/ O 6) of the Status Register. Only the Read Status command and Reset command are valid while programming is in progress. When the Page Program is complete, the Write Status Bit (I/O 0) may be checked. The internal write verify detects only errors for "1"s that are not successfully programmed to "0"s. The command register remains in Read Status command mode until another valid command is written to the command register. Figure 15 details the sequence. NOTE: 1. These parameters are applied to the errata.
Rev 0.7 / Apr. 2005
12
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
3.3 Block Erase.
The Erase operation is done on a block basis. Block address loading is accomplished in two cycles initiated by an Erase Setup command (60h). Only address A18 to A27 (X8) or A17 to A26 (X16) is valid while A12 to A17 (X8) or A11 to A16 (X16) is ignored. The Erase Confirm command (D0h) following the block address loading initiates the internal erasing process. This two-step sequence of setup followed by execution command ensures that memory contents are not accidentally erased due to external noise conditions. At the rising edge of WE# after the erase confirm command input, the internal write controller handles erase and erase-verify. Once the erase process starts, the Read Status Register command may be entered to read the status register. The system controller can detect the completion of an erase by monitoring the RB# output, or the Status bit (I/O 6) of the Status Register. Only the Read Status command and Reset command are valid while erasing is in progress. When the erase operation is completed, the Write Status Bit (I/O 0) may be checked. Figure 19 details the sequence.
3.4 Copy-Back Program.
The copy-back program is configured to quickly and efficiently rewrite data stored in one page without utilizing an external memory. Since the time-consuming cycles of serial access and re-loading cycles are removed, the system performance is improved. The benefit is especially obvious when a portion of a block is updated and the rest of the block also need to be copied to the newly assigned free block. The operation for performing a copy-back program is a sequential execution of page-read without serial access and copying-program with the address of destination page. A read operation with "35h" command and the address of the source page moves the whole 2112byte (X8 device) or 1056word (X16 device) data into the internal data buffer. As soon as the device returns to Ready state, Copy Back command (85h) with the address cycles of destination page may be written. The Program Confirm command (10h) is required to actually begin the programming operation. Data input cycle for modifying a portion or multiple distant portions of the source page is allowed as shown in Figure 17. "When there is a program-failure at Copy-Back operation, error is reported by pass/fail status. But, if Copy-Back operations are accumulated over time, bit error due to charge loss is not checked by external error detection/correction scheme. For this reason, two bit error correction is recommended for the use of Copy-Back operation." Figure 17 shows the command sequence for the copy-back operation.
3.5 Read Status Register.
The device contains a Status Register which may be read to find out whether read, program or erase operation is completed, and whether the program or erase operation is completed successfully. After writing 70h command to the command register, a read cycle outputs the content of the Status Register to the I/O pins on the falling edge of CE# or RE#, whichever occurs last. This two line control allows the system to poll the progress of each device in multiple memory connections even when RB# pins are common-wired. RE# or CE# does not need to be toggled for updated status. Refer to table 14 for specific Status Register definitions. The command register remains in Status Read mode until further commands are issued to it. Therefore, if the status register is read during a random read cycle, the read command (00h) should be given before starting read cycles. See figure 11 for details of the Read Status operation.
Rev 0.7 / Apr. 2005
13
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
3.6 Read ID.
The device contains a product identification mode, initiated by writing 90h to the command register, followed by an address input of 00h. Four read cycles sequentially output the manufacturer code (ADh), and the device code and 00h, 4th cycle ID, respectively. The command register remains in Read ID mode until further commands are issued to it. Figure 20 shows the operation sequence, while tables 16, 17 explain the byte meaning.
3.7 Reset.
The device offers a reset feature, executed by writing FFh to the command register. When the device is in Busy state during random read, program or erase mode, the reset operation will abort these operations. The contents of memory cells being altered are no longer valid, as the data will be partially programmed or erased. The command register is cleared to wait for the next command, and the Status Register is cleared to value E0h when WP# is high. If the device is already in reset state a new reset command will not be accepted by the command register. The RB# pin transitions to low for tRST after the Reset command is written. Refer to figure 25.
3.8 Cache Program.
Cache Program is an extension of Page Program, which is executed with 2112byte (X8 device) or 1056word (X16 device) data registers, and is available only within a block. Since the device has 1 page of cache memory, serial data input may be executed while data stored in data register are programmed into memory cell. After writing the first set of data up to 2112byte (X8 device) or 1056word (X16 device) into the selected cache registers, Cache Program command (15h) instead of actual Page Program (10h) is input to make cache registers free and to start internal program operation. To transfer data from cache registers to data registers, the device remains in Busy state for a short period of time (tCBSY) and has its cache registers ready for the next data-input while the internal programming gets started with the data loaded into data registers. Read Status command (70h) may be issued to find out when cache registers become ready by polling the Cache-Busy status bit (I/O 6). Pass/fail status of only the previous page is available upon the return to Ready state. When the next set of data is input with the Cache Program command, tCBSY is affected by the progress of pending internal programming. The programming of the cache registers is initiated only when the pending program cycle is finished and the data registers are available for the transfer of data from cache registers. The status bit (I/O5) for internal Ready/Busy may be polled to identify the completion of internal programming. If the system monitors the progress of programming only with RB#, the last page of the target programming sequence must be programmed with actual Page Program command (10h). If the Cache Program command (15h) is used instead, status bit (I/O5) must be polled to find out when the last programming is actually finished before starting other operations such as read. Pass/fail status is available in two steps. I/O 1 returns with the status of the previous page upon Ready or I/O6 status bit changing to "1", and later I/O 0 with the status of current page upon true Ready (returning from internal programming) or I/O 5 status bit changing to "1". I/O 1 may be read together when I/O 0 is checked. See figure 18 for more details. NOTE : Since programming the last page does not employ caching, the program time has to be that of Page Program. However, if the previous program cycle with the cache data has not finished, the actual program cycle of the last page is initiated only after completion of the previous cycle, which can be expressed as the following formula. tPROG= Program time for the last page+ Program time for the ( last -1 )th page (Program command cycle time + Last page data loading time)
Rev 0.7 / Apr. 2005
14
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
3.9 Cache Read
Cache read operation allows automatic download of consecutive pages, up to the whole device. Immediately after 1st latency end, while user can start reading out data, device internally starts reading following page. Start address of 1st page is at page start (A<10:0>=00h), after 1st latency time (tr) , automatic data download will be uninterrupted. In fact latency time is 25us, while download of a page require at least 100us for x8 device (50us for x16 device). Cache read operation command is like standard read, except for confirm code (30h for standard read, 31h for cache read) user can check operation status using : - RB# ( `0' means latency ongoing, download not possible, `1' means download of n page possible, even if device internally is active on n+1 page - Status register (SR<6> behave like RB#, SR<5> is `0' when device is internally reading and `1' when device is idle) To exit cache read operation a cache read exit command (34h) must be issued. this command can be given any time (both device idle and reading). If device is active (SR<5>=0) it will go idle within 5us, while if it is not active, device itself will go busy for a time shorter then tCBSY before becoming again idle and ready to accept any further commands. If user arrives reading last byte/word of the memory array, then has to stop by giving a cache read exit command. Random data output is not available in cache read. Cache read operation must be done only block by block if system needs to avoid reading also from invalid blocks.
Rev 0.7 / Apr. 2005
15
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash 4. OTHER FEATURES
4.1 Data Protection.
The device is designed to offer protection from any involuntary program/erase during power-transitions. An internal voltage detector disables all functions whenever Vcc is below about 1.1V(1.8V device), 2V(3.3V device). WP# pin provides hardware protection and is recommended to be kept at VIL during power-up and power-down. A recovery time of minimum 10us is required before internal circuit gets ready for any command sequences as shown in Figure 26. The two-step command sequence for program/erase provides additional software protection.
4.2 Ready/Busy.
The device has a Ready/Busy output that provides method of indicating the completion of a page program, erase, copy-back, cache program and random read completion. The RB# pin is normally high and goes to low when the device is busy (after a reset, read, program, erase operation). It returns to high when the internal controller has finished the operation. The pin is an open-drain driver thereby allowing two or more RB# outputs to be Or-tied. Because pull-up resistor value is related to tr(RB#) and current drain during busy (Ibusy), an appropriate value can be obtained with the following reference chart (Fig.27). Its value can be determined by the following guidance.
4.3 Power-On Auto-Read
The device is designed to offer automatic reading of the first page without command and address input sequence during power-on. An internal voltage detector enables auto-page read functions when Vcc reaches about 1.8V. PRE pin controls activation of auto- page read function. Auto-page read function is enabled only when PRE pin is logic high state. Serial access may be done after power-on without latency. Power-On Auto Read mode is available only on 3.3V device (HY27UF(08/16)1G2M).
Rev 0.7 / Apr. 2005
16
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Parameter Valid Block Number
Symbol NVB
Min 1004
Typ
Max 1024
Unit Blocks
Table 7: Valid Blocks Number
Symbol
Parameter Ambient Operating Temperature (Commercial Temperature Range)
Value 1.8V 0 to 70 -25 to 85 -40 to 85 -50 to 125 -65 to 150 -0.6 to 2.7 -0.6 to 2.7 3.3V 0 to 70 -25 to 85 -40 to 85 -50 to 125 -65 to 150 -0.6 to 4.6 -0.6 to 4.6
Unit V V
TA
Ambient Operating Temperature (Extended Temperature Range) Ambient Operating Temperature (Industrial Temperature Range)
TBIAS TSTG VIO(2) Vcc
Temperature Under Bias Storage Temperature Input or Output Voltage Supply Voltage
Table 8: Absolute maximum ratings
NOTE: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. 2. Minimum Voltage may undershoot to -2V during transition and for less than 20ns during transitions.
Rev 0.7 / Apr. 2005
17
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 6: Block Diagram
Rev 0.7 / Apr. 2005
18
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Parameter Sequential Read Program Erase Stand-by Current (TTL) Stand-by Current (CMOS) Input Leakage Current Output Leakage Current Input High Voltage Input Low Voltage Output High Voltage Level Output Low Voltage Level Output Low Current (RB#)
Symbol ICC1 ICC2 ICC3 ICC4 ICC5 ILI ILO VIH VIL VOH VOL IOL (RB#)
Test Conditions tRC=60ns(1), CE#=VIL, IOUT=0mA CE#=VIH, PRE=WP#=0V/Vcc CE#=Vcc-0.2, PRE=WP#=0V/Vcc VIN=0 to 3.6V VOUT=0 to 3.6V IOH=-100uA IOH=-400uA IOL=100uA IOL=2.1mA VOL=0.1V VOL=0.4V
1.8Volt Min Vcc-0.4 -0.3 Vcc-0.1 3 Typ 8 8 8 10 4 Max 15 15 15 1 50 10 10 Vcc+ 0.3 0.4 0.1 Min 2 -0.3 2.4 8
3.3Volt Typ 10 10 10 Max 20 20 20 1 10 10 50 10 10 Vcc+ 0.3 0.8 0.4 -
Unit mA mA mA mA uA uA uA V V V V V V mA mA
Operating Current
Table 9: DC and Operating Characteristics
Parameter Input Pulse Levels Input Rise and Fall Times Input and Output Timing Levels Output Load (1.7V - 1.95Volt & 2.7V - 3.6V) Output Load (3.0V - 3.6V)
Value 1.8Volt 0V to Vcc 5ns Vcc / 2 1 TTL GATE and CL=30pF 3.3Volt 0.4V to 2.4V 5ns 1.5V 1 TTL GATE and CL=50pF 1 TTL GATE and CL=100pF
Table 10: AC Conditions
NOTE: 1. These parameters are applied to the errata.
Rev 0.7 / Apr. 2005
19
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Item Input / Output Capacitance (1) Input Capacitance(1)
Symbol CI/O CIN
Test Condition
VIL=0V VIN=0V
Min
-
Max
10 10
Unit
pF pF
Table 11: Pin Capacitance (TA=25C, F=1.0MHz)
Note: 1. For the stacked devices version the Input Capacitance is and the I/O capacitance is
Parameter Program Time Dummy Busy Time for Cache Program Number of partial Program Cycles in the same page Block Erase Time Main Array Spare Array
Symbol
tPROG tCBSY NOP NOP tBERS
Min
-
Typ
300 3 2
Max
700 700 4 4 3
Unit
us us Cycles Cycles ms
Table 12: Program / Erase Characteristics
Rev 0.7 / Apr. 2005
20
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Parameter CLE Setup time CLE Hold time CE# setup time CE# hold time WE# pulse width ALE setup time ALE hold time Data setup time Data hold time Write Cycle time WE# High hold time ALE to Data Loading time Data Transfer from Cell to register ALE to RE# Delay (ID Read) CLE to RE# Delay Ready to RE# Low RE# Pulse Width WE# High to Busy Read Cycle Time RE# Access Time RE# High to Output High Z CE# High to Output High Z RE or CE High to Output hold RE# High Hold Time Output High Z to RE# low CE# Access Time WE# High to RE# low Device Resetting Time (Read / Program / Erase)
Symbol
tCLS tCLH tCS tCH tWP tALS tALH tDS tDH tWC tWH
tADL
1.8Volt
3.3Volt
Min
5(2) 15(2) 0 10 40(2) 5(2) 15(2) 25(2) 15 60(2) 20 100
Max
Min
5(2) 15(2) 0 10 40(2) 5(2) 15(2) 25(2) 15 60(2) 20 100
Max
Unit
ns ns ns ns ns ns ns ns ns ns ns ns
tR
tAR tCLR 10 10 20 25(2)
27(2) 10 10 20 25(2) 100 60(2) 30 30 20 15 30
(2)
27(2)
us ns ns ns ns
tRR tRP tWB tRC tREA tRHZ tCHZ tOH tREH tIR tCEA tWHR tRST
100 60(2) 30 30 20 15 30
(2)
ns ns ns ns ns ns ns ns
0 45 60 5/10/500(1)
0 45 60 5/10/500(1)
ns ns us
Table 13: AC Timing Characteristics
NOTE: 1. If Reset Command (FFh) is written at Ready state, the device goes into Busy for maximum 5us 2. These parameters are applied to the errata. 3. tADL is the time from the WE# rising edge of final address cycle to the WE# rising edge of first data cycle.
Rev 0.7 / Apr. 2005
21
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
IO 0 1 2 3 4 5 6 7
Pagae Program Pass / Fail NA NA NA NA Ready/Busy Ready/Busy Write Protect
Block Erase Pass / Fail NA NA NA NA Ready/Busy Ready/Busy Write Protect
Cache Program Pass / Fail (N) Pass / Fail (N-1) NA NA NA P/E/R Controller Bit Cache Register Free Write Protect
Read NA NA NA NA NA Ready/Busy Ready/Busy Write Protect
Cache Read
CODING Pass: `0' Fail: `1' Pass: `0' Fail: `1' (Only for Cache Program, else Don't care) -
P/E/R Controller Bit Ready/Busy
Active: `0' Idle: `1' Busy: `0' Ready': `1' Protected: `0' Not Protected: `1'
Table 14: Status Register Coding
DEVICE IDENTIFIER BYTE 1st 2nd 3rd 4th
DESCRIPTION Manufacturer Code Device Identifier Don't care Page Size, Block Size, Spare Size, Organization
Table 15: Device Identifier Coding
Rev 0.7 / Apr. 2005
22
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Description 1K 2K Reserved Reserved 8 16 Standard (50ns) Fast (30ns) 64K 128K 256K Reserved X8 X16
IO7
IO6
IO5-4
IO3
IO2
IO1-0 0 0 1 1 0 1 0 1
Page Size (Without Spare Area)
Spare Area Size (Byte / 512Byte) Serial Access Time
0 1 0 1 0 0 1 1 0 1 Reserved 0 1 0 1
Block Size (Without Spare Area)
Organization Not Used
Table 16: 4th Byte of Device Identifier Description
Part Number HY27UF081G2M HY27UF161G2M HY27SF081G2M HY27SF161G2M
Voltage 3.3V 3.3V 1.8V 1.8V
Bus Width x8 x16 x8 x16
Manufacture Code ADh ADh ADh ADh
Device Code F1h C1h A1h ADh
3rd Code Don't care Don't care Don't care Don't care
4th Code 15h 55h 15h 55h
Table 17: Read ID
Rev 0.7 / Apr. 2005
23
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 7: Command Latch Cycle
Figure 8: Address Latch Cycle
Rev 0.7 / Apr. 2005
24
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 9. Input Data Latch Cycle
Figure 10: Sequential Out Cycle after Read (CLE=L, WE#=H, ALE=L)
Rev 0.7 / Apr. 2005
25
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 11: Status Read Cycle
Figure 12: Read1 Operation (Read One Page)
Rev 0.7 / Apr. 2005
26
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 13: Read1 Operation intercepted by CE#
Rev 0.7 / Apr. 2005
27
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 14 : Random Data output
Rev 0.7 / Apr. 2005
28
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 15: Page Program Operation
Rev 0.7 / Apr. 2005
29
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 16 : Random Data In
Rev 0.7 / Apr. 2005 30
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 17 : Copy Back Program
Rev 0.7 / Apr. 2005
31
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 18 : Cache Program
Rev 0.7 / Apr. 2005 32
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 19: Block Erase Operation (Erase One Block)
Figure 20: Read ID Operation
Rev 0.7 / Apr. 2005
33
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 21: start address at page start :after 1st latency uninterrupted data flow
Figure 22: exit from cache read in 5ms when device internally is reading
Rev 0.7 / Apr. 2005 34
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
System Interface Using CE don't care To simplify system interface, CE may be deasserted during data loading or sequential data-reading as shown below. So, it is possible to connect NAND Flash to a microporcessor. The only function that was removed from standard NAND Flash to make CE don't care read operation was disabling of the automatic sequential read function.
Figure 23: Program Operation with CE don't-care.
Figure 24: Read Operation with CE don't-care.
Rev 0.7 / Apr. 2005 35
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 25: Automatic Read at Power On
Figure 26: Reset Operation
Rev 0.7 / Apr. 2005 36
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 27: Power On and Data Protection Timing
* See the Application Note.1
Rev 0.7 / Apr. 2005
37
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 28: Ready/Busy Pin electrical specifications
Rev 0.7 / Apr. 2005
38
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 29: page programming within a block
Rev 0.7 / Apr. 2005
39
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Bad Block Management
Devices with Bad Blocks have the same quality level and the same AC and DC characteristics as devices where all the blocks are valid. A Bad Block does not affect the performance of valid blocks because it is isolated from the bit line and common source line by a select transistor. The devices are supplied with all the locations inside valid blocks erased(FFh). The Bad Block Information is written prior to shipping. Any block where the 1st Byte in the spare area of the 1st or 2nd page(if the 1st page is Bad) does not contain FFh is a Bad Block. The Bad Block Information must be read before any erase is attempted as the Bad Block Information may be erased. For the system to be able to recognize the Bad Blocks based on the original information it is recommended to create a Bad Block table following the flowchart shown in Figure 29. The 1st block, which is placed on 00h block address is guaranteed to be a valid block.
Block Replacement
Over the lifetime of the device additional Bad Blocks may develop. In this case the block has to be replaced by copying the data to a valid block. These additional Bad Blocks can be identified as attempts to program or erase them will give errors in the Status Register. As the failure of a page program operation does not affect the data in other pages in the same block, the block can be replaced by re-programming the current data and copying the rest of the replaced block to an available valid block. The Copy Back Program command can be used to copy the data to a valid block. See the "Copy Back Program" section for more details. Refer to Table 18 for the recommended procedure to follow if an error occurs during an operation.
Operation Erase Program Read Recommended Procedure Block Replacement Block Replacement or ECC ECC
Table 18: Block Failure
Figure 30: Bad Block Management Flowchart
Rev 0.7 / Apr. 2005
40
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash 5. APPENDIX : Extra Features
5.1 Automatic Page0 Read after Power Up The timing diagram related to this operation is shown in Fig. 24 Due to this functionality the CPU can directly download the boot loader from the first page of the NAND flash, storing it inside the internal cache and starting the execution after the download completed. 5.2 Addressing for program operation Within a block, the pages must be programmed consecutively from LSB (least significant bit) page of the block to MSB (most significant bit) page of the block. Random address programming is prohibited. See Fig. 28.
Rev 0.7 / Apr. 2005
41
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 31. 48-pin TSOP1, 12 x 20mm, Package Outline
millimeters
Min Typ Max 1.200 0.050 0.980 0.170 0.100 0.150 1.030 0.250 0.200 0.050 11.910 19.900 18.300 12.000 20.000 18.400 0.500 0.500 0 0.680 5 12.120 20.100 18.500
Symbol A A1 A2 B C CP D E E1 e L alpha
Table 19: 48-TSOP1, 12 x 20mm, Package Mechanical Data
Rev 0.7 / Apr. 2005
42
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 32. 48-pin WSOP1, 12 x 17mm, Package Outline
Symbol A A1 A2 B C CP D E E1 e L alpha
millimeters
Min 0 0.540 0.130 0.065 11.910 16.900 15.300 0.450 0 12.000 17.000 15.400 0.500 0.750 8 Typ Max 0.700 0.080 0.620 0.230 0.175 0.050 12.120 17.100 15.500
Table 20: 48-WSOP1, 12 x 17mm, Package Mechanical Data
Rev 0.7 / Apr. 2005
43
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Figure 33. 63-ball FBGA - 9.5 x 12, 6 x 8 ball array 0.8mm pitch, Pakage Outline
NOTE: Drawing is not to scale.
Symbol A A1 A2 b D D1 D2 E E1 E2 e FD FD1 FE FE1 SD SE
Millimeters
Min 0.80 0.25 0.55 0.40 9.40 Typ 0.90 0.30 0.60 0.45 9.50 4.00 7.20 12.00 5.60 8.80 0.80 2.75 1.15 3.20 1.60 0.40 0.40 Max 1.00 0.35 0.65 0.50 9.60
11.90
12.10
Table 21: 63-ball FBGA - 9.5 x 12, 6 x 8 ball array 0.8mm pitch, Pakage Mechanical Data
Rev 0.7 / Apr. 2005 44
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash MARKING INFORMATION
P a ck a g M a rk in g E x a m p le
K
O
R
TSOP1 / W SO P
H
Y
2
7
x
F
x
x
1
G
2
M
x
x
x
x
Y
W
W
x
x
- h y n ix - KOR - H Y27xFxx1G 2M xxxx H Y : H Y N IX 2 7 : N A N D Fla sh x : P ow er S u pp ly F : C la ssifica tion x x : B it O rg an izatio n 1 G : D en sity 2: M ode M : V ersio n x : P a cka g e T ype x : P a cka g e M a teria l x : O p eratin g T em p erature x : B ad B lock
: H yn ix S ym b o l : O rig in C ou n try : P art N u m b er
: U (2 .7V ~ 3 .6 V ), L(2 .7V ), S(1.8V ) : S in gle Level C ell+ S in g le D ie+ Larg e B lock : 0 8(x8 ), 1 6(x1 6) : 1 G b it : 1 n C E & 1R /n B ; S equ en tia l R o w R ea d D isa b le : 1 st G en era tion : T (48-T S O P 1 ), V (4 8 -W S O P ) : B la n k(N o rm a l), P (L e ad F re e ) : C (0 ~ 7 0 ), E (-2 5 ~ 8 5 ) M (-3 0 ~ 8 5 ), I(-4 0 ~ 8 5 ) : B (In clu ded B a d B lo ck), S (1 ~ 5 B a d B lo ck), P (A ll G o o d B lo ck)
- Y : Y ear (ex: 5 = yea r 2 0 0 5, 0 6= yea r 2 0 06 ) - w w : W ork W eek (ex: 12 = w o rk w eek 1 2 ) - x x : P ro cess C o d e N o te - C a p ita l L e tte r - S m a ll L e tte r : Fixed Item : N o n -fixed Item
Rev 0.7 / Apr. 2005
45
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash MARKING INFORMATION
P a ck a g M a rk in g E x a m p le
K
O 2
R M
FBGA
H
Y
2
7
x
F
x
x
1
G
x
x
x
x
Y
W
W
x
x
- h yn ix - KOR - H Y27xFxx1G2M xxxx H Y : H Y N IX 2 7 : N A N D Flash x: Pow er Supply F : C lassification x x: B it O rganization 1 G : D ensity 2 : M ode M : V ersion x : Package Type x : Package M aterial x : O perating T em perature x : B ad B lock
: H ynix Sym bol : O rigin C ountry : Part N um ber
: U (2.7V ~ 3.6V), L(2.7V ), S(1.8V) : Single Level C ell+ Single D ie+ Large B lock : 08(x8), 16(x16) : 1G bit : 1nC E & 1R /nB ; Sequential R ow R ead D isable) : 1st G eneration : F(63 FB G A ) : B lank(N orm al), P(Lead Free) : C (0 ~ 70 ), E (-25 ~ 85 ) M (-30 ~ 85 ), I(-40 ~ 85 ) : B (Included B ad B lock), S (1~ 5 B ad B lock), P(A ll G ood B lock)
- Y : Y ear (ex: 5= year 2005, 06= year 2006) - w w : W ork W eek (ex: 12= w ork w eek 12) - x x : Process C ode N o te - C a p ita l L e tte r - S m a ll L e tte r : Fixed Item : N on-fixed Item
Rev 0.7 / Apr. 2005
46
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Application Note
1. Power-on/off Sequence After power is on, the device starts an internal circuit initialization when the power supply voltage reaches a specific level. The device shows its internal initialization status with the Ready/Busy signal if initialization is on progress. While the device is initializing, the device sets internal registeries to default value and generates internal biases to operate circuits. Typically the initializing time of 20us is required. Power-off or power failure before write/erase operation is complete will cause a loss of data. The WP# signal helps user to protect not only the data integrity but also device circuitry from being damaged at power-on/off by keeping WP# at VIL during power-on/off. For the device to operate stably, it is highly recommended to operate the device as shown Fig.33.
Figure 34: Power-on/off sequence
Rev 0.7 / Apr. 2005
47
Preliminary HY27UF(08/16)1G2M Series HY27SF(08/16)1G2M Series 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
2. Automatic sleep mode for low power consumption The device provides the automatic sleep function for low power consumption. The device enters the automatic sleep mode by keeping CE# at VIH level for 10us without any additional command input, and exits simply by lowering CE# to VIL level. Typically, consecutive operation is executable right after deactivating the automatic sleep mode, while tCS of 2us is required prior to following operation as shown in Fig.34.
Figure 35: tCS setting when deactivating the auto sleep mode
Rev 0.7 / Apr. 2005
48


▲Up To Search▲   

 
Price & Availability of HY27LF081G2M-TCP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X