Part Number Hot Search : 
EPA3192 MAX50 N2576G MV53640 PRODUC 87C51 856151 C2064
Product Description
Full Text Search
 

To Download HD6417750F167 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SH775x (SH-4) Series
SuperH(R) RISC Processor
Description
T
he SH775x (SH-4) series is a high-performance, well integrated, cost-effective, 2-issue superscalar RISC microprocessor for embedded applications. The SH775x series delivers best-in-class performance, on-chip integration and code size, with excellent low power consumption, support tools and chipsets from Hitachi and third party vendors, as well as a migration path to higher performance and lower power. This complete package makes the SH775x series the optimal choice for use in data processing, communications, industrial, transportation and high-end consumer applications.
SH-4 CPU
* Two-way superscalar RISC * 300 MIPs
Memory Management Unit
* Full Windows CE support * 1K/4K/64K/1MByte page sizes Unified TLB 64 entry Micro ITLB 4 entry
Integer Unit 32 bit
Floating Point Unit 64 bit
Cache
Instruction 8 KByte Data 16 KByte * WB/WT, selectable by page
Specialized Math Circuits
* 3D floating point acceleration hardware
Peripheral Functions
* DMA controller * Programmable power management * Interrupt controller * Timers * Real-time clock * Serial interface * User break controller
T
he SH775x series' 3D graphics capability (arithmetic accelerator) combines with the 100MHz, 64-bit external bus to deliver 800MB/s data throughput for workstation-class performance at an affordable price. Several operating systems and middleware applications run on the processors, with more in development.
Bus Unit
Glueless interface to SDRAM, EDO DRAM, fast page DRAM, SRAM, and ROM
PCI Bus Controller
33/66, 4ch DMAC
256-pin QFP
32/16/8 bit data bus
32 bit bus
Features
* General - Up to 200 MHz/360 MIPS - 16 x 32-bit general purpose registers * CPU - Code compatible with SH-3 series - 16 x 32-bit general purpose registers - 32 x 32-bit single-precision floating point registers or 16 x 64-bit double-precision floating point registers or 4 x 128-bit single-precision vector registers and register matrix - 16-bit fixed instruction length for high code density - 32 x 32 + 64 64 bits multiply-accumulate unit for special functions such as software modems - MMU Designed for Windows(R)CE 1KB, 4KB, 64KB, and 1MB page sizes, 64-entry, fully associative TLB for instructions and operands - 4 entry, fully associative TLB for instructions - 5 stage pipeline * Memory - On-chip cache, 8KB instruction and 16KB data
* Write back or write through, selectable by page * Low voltage cache to reduce power consumption
SH7751 Block Diagram
- Operation clock
* Choose from internal clock or external clock (with divider)
- Dedicated 4-channel PCI DMAC
* PCI to/from memory located on SuperH bus (Bus arbitration capability between DMAC on PCI bus and SuperH bus) * On-chip FIFO enables fast data transfer
- On-chip bus state controller allows direct connection to DRAM, SDRAM, SRAM, ROM, and Flash ROM
* 8, 16, 32, or 64-bit data bus support
* PCI Bus Controller - 32-bit PCI bus controller (Rev 2.1)
* 33/66MHz operation
- Host/Slave mode support
* Supports up to 4 channels @ 33MHz, 1 channel @ 66MHz
* Peripherals - DMA, 4 channels - Timers, 3 channels x 32-bits - Watchdog timer - Realtime clock - PCMCIA control logic - Serial communications interface, 1 channel (asynchronous/synchronous, with smart card interface) - Serial communication interface 1 channel (asynchronous, with 16 byte transmit and receive FIFOs) - PLL with x1/8, x1/6, x1/4, x1/2, x3/4, x1, x3/2, x2, x3, x6 external clock capability - Interrupt controller * General purpose I/O, 16 lines * Dynamic power control - Low power modes: sleep and standby - Peripheral turn off capability * User break controller for on-chip debugging
Support
SH7750 ASIC
Pager Cache I8KB D16KB UART 2ch I/O Port Bus Control PCMCIA FPU WDT 1ch ROM DRAM Battery Data Add. Bus Smart Card Reader RS232C RTC PLL OSC PMAC A/D Handwriting I/O Port PCMCIA Dr. LCD Contr. PCMCIA 1 Socket LCD Glass UART 2ch UART(IrDA) 1ch Keyboard AFE (Modem) PSTN
* Hardware: - Hitachi E10A emulator (HS7750KCM01H - PCMCIA Interface) (HS7750KCI01H - PCI Interface) - Hitachi D9000 development platform for SH7750 and Windows(R)CE * Software: - Hitachi: * C, C++ compiler, assembler, simulator/debugger - Third parties: * C, C++ compiler, assembler, simulator/debugger, Cygnus Support (gnu), Green Hills Software, Microsoft(R) VC++ for WindowsCE * Operating Systems: - WindowsCE, Hitachi OS, Wind River
CPU MMU Timer 3ch
Handheld PC Block Diagram SH-4 Comparison Table and Ordering Information
Architecture Cache (I+D) Instruction Registers Memory-Bus Peripherals PCI-interface I/O Voltage (V) Voltage (V) Freq. (MHz) MIPS (Dhrystone) Peak GFLOPS Typ. Power (mW) Sleep Power (mW) Standby Cur. (A) MIPS/W Package Part No. SH7750 SH7750V SH7751 SH7751V 32b/2-way 32b/2-way 32b/2-way 32b/2-way 8K + 16K 8K + 16K 8K + 16K 8K + 16K 16b 16b 16b 16b 32b * 16w 32b * 16w 32b * 16w 32b * 16w 64b 64b 32b 32b (All devices) MMU, DMAC, Timer, SCI, RTC, JTAG, Glueless Memory ----33/66MHz 33/66MHz 3.3 3.3 3.3 3.3 1.8 1.5 1.8 1.5 167/200 128 167 133 360 230 300 240 1.4 0.9 1.2 0.9 900 400 400 240 150 75 100 50 50 50 50 50 400 575 750 1000 208-QFP/ 208-QFP 256-QFP 256-QFP 256-BGA HD6417750F167/ HD6417750VF128 HD6417751F167 HD6417751VF133 HD6417750BP200
Middleware
* V.90 (up to 56 Kbps) Data/FAX software modem * Voice recognition * Voice compression * Handwriting recognition * JPEG video compression * Image compression for FAX: MH, MR, MMR
Complete SH-4 documentation is available at http://semiconductor.hitachi.com This document may be subject to change without notice.
Contacts
U.S. Headquarters
http://semiconductor.hitachi.com
Distributors
Avnet EMG . . . . . . . . . . . . . . . . . . . . . . .(800) 332-8638 Insight Electronics . . . . . . . . . . . . . . . . .(800) 677-7716 Marshall Industries . . . . . . . . . . . . . . . .(800) 522-0084 Reptron Electronics . . . . . . . . . . . . . . . .(800) 800-5441 Sterling Electronics . . . . . . . . . . . . . . . .(800) 745-5500
179 East Tasman Drive, San Jose, CA 95134 http://semiconductor.hitachi.com To order literature: (800) 285-1601 Fax: (303) 297-0447
Area Offices
Western 1740 Technology Drive Suite 500 San Jose, CA 95110 (408) 451-9570 Central wo Lincoln Centre Suite 1446 5420 LBJ Freeway Dallas, TX 75240 (972) 991-4510 Eastern 25 Mall Road Burlington, MA 01803 (781) 229-2150
Regional/District Sales Offices
Irvine 2030 Main Street Suite 450 Irvine, CA 92614 (714) 553-8500 San Diego 8885 Rio San Diego Drive Suite 310 San Diego, CA 92108 (619) 299-9944 Dearborn Fairlane Plaza North Suite 311 290 Town Center Drive Dearborn, MI 48126 (313) 271-4410 Itasca 500 Park Boulevard Suite 415 Itasca, IL 60143 (630) 773-4864 Austin 6907 Capitol of Texas Highway, Suite 210 Austin, TX 78731 (512) 418-9360 Raleigh 5511 Capitol Center Drive Suite 204 Raleigh, NC 27606 (919) 233-0800 Florham Park 325 Columbia Turnpike Suite 203 Florham Park, NJ 07932 (973) 514-2100 Fishkill 21 Old Main Street Suite 206 Fishkill, NY 12524 (914) 897-3000 Ottawa 320 March Road Suite 602 Kanata, Ontario, Canada K2K2E3 (613) 591-1990 Toronto 6740 Campobello Road Mississauga, Ontario Canada L5N 2L8 (905) 826-1363 Calgary 10655 Southport Road Southwest, Suite 460 Calgary, Alberta Canada T2W4Y1 (403) 278-1881
(c)1999 Hitachi Semiconductor (America) Inc. Printed in U.S.A.
SuperH and Cool Engine are registered trademarks of Hitachi, Ltd. Other trademarks are property of their respective holders.
599/Web/PF/KIB Order Number: PMH14SF001D2


▲Up To Search▲   

 
Price & Availability of HD6417750F167

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X