Part Number Hot Search : 
6KE7V5 5G23N SN74L MMBTA05 BY6312 4AC111 RFZ34 CAT24C03
Product Description
Full Text Search
 

To Download EP9430-800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14 Pin DIP Single Output TTL Compatible Active Delay Lines
TIME DELAYS (nS) 5% or 2 nS
5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 Whichever is greater.
PART NUMBER
EP9430-5 EP9430-6 EP9430-7 EP9430-8 EP9430-9 EP9430-10 EP9430-11 EP9430-12 EP9430-13 EP9430-14 EP9430-15 EP9430-16 EP9430-17 EP9430-18 EP9430-19 EP9430-20 EP9430-21 EP9430-22
TIME DELAYS (nS) 5% or 2 nS
23 24 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100
PART NUMBER
EP9430-23 EP9430-24 EP9430-25 EP9430-30 EP9430-35 EP9430-40 EP9430-45 EP9430-50 EP9430-55 EP9430-60 EP9430-65 EP9430-70 EP9430-75 EP9430-80 EP9430-85 EP9430-90 EP9430-95 EP9430-100
TIME DELAYS (nS) 5% or 2 nS
125 150 175 200 225 250 275 300 350 400 500 600 700 800 900 1000
PART NUMBER
EP9430-125 EP9430-150 EP9430-175 EP9430-200 EP9430-225 EP9430-250 EP9430-275 EP9430-300 EP9430-350 EP9430-400 EP9430-500 EP9430-600 EP9430-700 EP9430-800 EP9430-900 EP9430-1000
Delay Times referenced from input to leading edges at 25C, 5.0V, with no load.
DC Electrical Characteristics Parameter Test Conditions
VOH VOL VIK IIH IIL IOS ICCH ICCL TRO NH NL High-Level Output Voltage Low-Level Output Voltage Input Clamp Voltage High-Level Input Current
Schematic Min Max Unit
V 0.5 V -1.2 V 50 A 1.0 mA -2 mA -100 mA 75 mA 75 mA 4 nS 20 TTL LOAD 10 TTL LOAD
8 OUTPUT
VCC = min. VIL = max. I OH = max 2.7 VCC = min. VIH = min. I OL= max VCC = min. II = IIK VCC = max. VIN = 2.7V VCC = max. VIN = 5.25V Low-Level Input Current VCC = max. VIN = 0.5V Short Circuit Output Current VCC = max. VOUT = 0. -40 High-Level Supply Current VCC = max. VIN = OPEN Low-Level Supply Current VCC = max. VIN = 0 Output Rise Time Td 500 nS (0.75 to 2.4 Volts) Fanout High-Level Output VCC = max. VOH = 2.7V Fanout Low-Level Output VCC = max. VOL = 0.5V
14
VCC
INPUT 1
7 GROUND
Recommended Operating Conditions
VCC VIH VIL IIK IOH IOL PW* d* TA Supply Voltage High-Level Input Voltage Low-Level Input Voltage Input Clamp Current High-Level Output Current Low-Level Output Current Pulse Width of Total Delay Duty Cycle Operating Free-Air Temperature
Package Dimensions Min
4.75 2.0
Max
5.25 0.8 -18 -1.0 20
Unit
V V V mA mA mA % % C
White Dot Pin#1
PCA EP9430-5 Date Code
.280 Max.
40 0 40 +70
.780 Max. .250 Max. .020 .040 .150 Typ. .600 .365 Max. .010 Typ.
*These two values are inter-dependent.
Input Pulse Test Conditions @ 25 C
EIN PW TRI PRR VCC Pulse Input Voltage Pulse Width % of Total Delay Pulse Rise Time (0.75 - 2.4 Volts) Pulse Repetition Rate @ Td 200 nS Pulse Repetition Rate @ Td > 200 nS Supply Voltage 3.2 110 2.0 1.0 100 5.0
Unit
Volts % nS MHz KHz Volts
.020 Typ.
DSD9430 Rev. A 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = 1/32 .XX = .030 .XXX = .010
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791


▲Up To Search▲   

 
Price & Availability of EP9430-800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X