Part Number Hot Search : 
10A00 10MHZ F1100 SKY77404 SP805TCP A3010 698115KB UM810BP
Product Description
Full Text Search
 

To Download EKB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EKB
Vishay Roederstein
Aluminum Electrolytic Capacitors, Radial Style
FEATURES
* Polarized AI electrolytic capacitor * High C*U product * Very small dimensions * Long lifetime * Extended temperature range: 105C
APPLICATIONS
* General uses, industrial electronics, automotive electronics,
audio / video systems * Smoothing, filtering, coupling, decoupling, timing elements * Little space requirement * Portable and mobile units
MAIN SPECIFICATIONS
Nominal Case Size (D x L) Rated Capacitance Range Capacitance Tolerance Rated Voltage Range Category Temperature Range Endurance Test at UCT Lifetime at 105C and IR Lifetime at 85C and IR Lifetime at 40C and IR Sectional Specifications Detail Specifications [mm] [F] [%] [V] [C] [h] [h] [h] [h] 6.3 to 100 -55 to 105 1000 1500 6000 140000 5 x 11 to 18 x 11.5 2.2 to 22000 20 160 to 350 -40 to 105 400, 450 -25 to 105 2000 2500 10000 230000 10 x 12.5 to 18 x 40
IEC 384-4, CECC 30300, GP/ LL grade CECC 30301-037, similar to DIN 45 910 Part 124 without quality assessment
Climatic Category IEC 68 DIN 40040 Failure Rate [10-9 / h]
55 / 105 / 56 FMF
40 / 105 / 56 GMF 45
25 / 105 / 56 HMF
www.vishay.com 26
Document Number 25013 Revision 21-Feb-01
EKB
Vishay Roederstein
DIMENSIONS
Nominal Size D x L in [in millimeters] CR [F] 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 8 x 11.5 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 13 x 20 13 x 25 16 x 25 16 x 25 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 13 x 16 13 x 20 8 x 11.5 8 x 11.5 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 UR [V] 6.3 10 16 25 35 50 63 100 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 13 x 20 13 x 25 13 x 25 16 x 25 16 x 31.5 18 x 40 6.3 x 11 8 x 11.5 6.3 x 11 8 x 11.5 160 200 250 6.3 x 11 8 x 11.5 8 x 11.5 350 8 x 11.5 8 x 11.5 400 8 x 11.5 10 x 12.5 450 10 x 12.5 10 x 16 10 x 16 10 x 20 13 x 20 13 x 25 16 x 25 16 x 31.5
10 x 12.5 10 x 12.5 10 x 16 10 x 16 13 x 20 13 x 20 13 x 25 16 x 25 10 x 16 10 x 20 13 x 20 13 x 25 16 x 25
10 x 12.5 10 x 12.5
10 x 12.5 10 x 12.5 10 x 12.5 10 x 16 10 x 16 10 x 20 13 x 20 13 x 25 13 x 25 16 x 25 16 x 25 10 x 16 10 x 16 10 x 20 13 x 20 10 x 16 10 x 20 13 x 20 13 x 25 16 x 25 16 x 31.5
16 x 31.5 16 x 35.5
16 x 31.5 18 x 35.5
10 x 12.5 10 x 12.5 10 x 12.5 10 x 16 10 x 20 13 x 20 13 x 25 16 x 25 16 x 35.5 10 x 16 10 x 20 13 x 20 13 x 25 16 x 25 16 x 35.5
16 x 35.5 18 x 35.5
16 x 31.5 18 x 35.5 18 x 35.5
10 x 12.5 10 x 12.5 10 x 12.5 10 x 16 10 x 20 13 x 20 13 x 25 16 x 25 10 x 16 13 x 16 13 x 20 13 x 25 16 x 25
1000 8 x 11.5 1500 2200 3300 4700 6800 10 x 16 10 x 20 13 x 16 13 x 20 13 x 25
16 x 35.5 18 x 35.5
16 x 31.5 18 x 35.5
16 x 31.5 18 x 35.5
10000 16 x 25
16 x 35.5 18 x 35.5
15000 16 x 35.5 18 x 35.5 22000 18 x 40 10% Capacitance Tolerance on request
LEAKAGE CURRENT
Formula for the calculation of the maximum leakage current for acceptance tests IL: [Test conditions: UR' 20C, 2 minutes (UR100V) / 5 minutes (UR>100V)] IL2 [A] 0.01 * CR [F] * UR [V] IL5 [A] 0.02 * CR [F] * UR [V] or 3A +15 for UR 100V for UR > 100V whichever is greater
LOW TEMPERATURE BEHAVIOR
Impedance Ratio Z(T2) / Z(T1) at 120Hz T2 / T1 6.3 -25C / +20C -40C / +20C 5 10 10 4 8 16 3 6 25 2 4 RATED VOLTAGE 35 2 3 50~100 2 3 160 3 4 200~350 4 8 400 6 450 10 -
Document Number 25013 Revision 21-Feb-01
www.vishay.com 27
EKB
Vishay Roederstein
DIMENSIONS AND LEAD CONFIGURATION
5
Casing Insulation
OD 18
Long leads
EKB 00...
5 OD 18
Shortened leads (S = 2 / 2.5 / 3.5 / 5/ 7.5mm)
EKB 05...
4.5 0.5
10 OD = 18
Leads shortened and formed (S = 5 / 7.5mm)
EKB 06...
2 0.2 4.5 0.5
5 OD 8
Leads bent open, shortened (S = 5mm)
EKB 09...
4.5 0.5
5 OD 8
Leads bent open, shortened and formed (S = 5mm)
EKB 06...
Leads are solder-coated steel Safety vent for OD 8mm
2 max
DIMENSIONS [in millimeters]
NOMINAL SIZE DXL 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 13 x 16 13 x 20 13 x 25 16 x 25 16 x 31.5 18 x 35.5 16 x 40 18 x 35.5 18 x 40 MAXIMUM SIZE Dmax. X Lmax. 5.5 x 12.0 6.8 x 12.0 8.5 x 12.5 10.5 x 14.5 10.5 x 18.0 10.5 x 22.0 13.5 x 18.0 13.5 x 22.0 13.5 x 27.0 16.5 x 27.0 16.5 x 33.5 16.5 x 37.5 16.5 x 42.0 18.5 x 37.5 18.5 x 42.0 LEAD od 0.05 0.5 0.5 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 LEAD SPACING S 0.05 2.0 2.5 3.5 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5
www.vishay.com 28
Document Number 25013 Revision 21-Feb-01
EKB
Vishay Roederstein
TECHNICAL AND ORDERING INFORMATION
If not indicated otherwise the following test conditions apply to all electrical parameters: Ta = 20C, p = 80-120 kPa, RH = 45-75% CR UR tan RESR IR Rated Capacitance at 120Hz Rated Voltage Max. Dissipation Factor at 120Hz Max. Equivalent Series Resistance at 120Hz Rated Alternating Current at 120Hz and Upper Category Temperature Ordering example: EKB 100F / 35V, 20%, size: 6.3mm x 11mm Leads: Long Ordering code: EKB00BA310F00 Leads: Short Ordering code:
EKB 05...
Leads: Bent open, shortened Ordering code: EKB 09... Leads: Bent open, shortened and formed Ordering code: EKB 06...
ELECTRICAL CHARACTERISTICS, WEIGHT AND ORDERING CODE
CAPACITANCE 120Hz CR [F] RATED VOLTAGE UR [V] DIMENSIONS DxL [mm] DISSIPATION FACTOR 120Hz EQUIVALENT SERIES RESISTANCE 120Hz [] RATED CURRENT IR 120Hz, 85C [mA] WEIGHT ORDERING CODE [g]
680 1000 1500 2200 3300 4700 6800 10000 15000 22000
6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3 6.3
8 x 11.5 8 x 11.5 10 x 16 10 x 20 13 x 16 13 x 20 13 x 25 16 x 25 16 x 35.5 18 x 40
0.28 0.25 0.29 0.30 0.33 0.55 0.40 0.46 0.56 0.70
0.55 0.37 0.26 0.18 0.13 0.10 0.08 0.06 0.05 0.04
338 410 575 726 922 1149 1406 1732 2161 2586
1.1 1.1 2.0 2.5 3.0 3.8 4.5 7.0 11.0 16.0
EKB00PB368B00 EKB00PB410B00 EKB00DD415B00 EKB00DE422B00 EKB00GD433B00 EKB00GE447B00 EKB00GG468B00 EKB00JG510B00 EKB00JL515B00 EKB00KK522B00
150 220 330 470 680 1000 1500 2200 3300 4700 6800 10000 15000
10 10 10 10 10 10 10 10 10 10 10 10 10
5 x 11 5 x 11 6.3 x 11 6.3 x 11 10 x 12.5 10 x 12.5 10 x 16 10 x 20 13 x 20 13 x 25 16 x 25 16 x 35.5 18 x 35.5
0.24 0.24 0.24 0.24 0.24 0.24 0.25 0.26 0.29 0.31 0.36 0.42 0.52
2.12 1.45 1.00 0.68 0.47 0.32 0.22 0.16 0.12 0.09 0.07 0.06 0.05
129 156 220 262 433 525 604 759 1043 1302 1613 2044 2369
0.5 0.5 0.8 0.8 1.5 1.5 2.0 2.5 3.8 4.5 7.0 11.0 13.0
EKB00AA315C00 EKB00AA322C00 EKB00BA333C00 EKB00BA347C00 EKB00DC368C00 EKB00DC410C00 EKB00DD415C00 EKB00DE422C00 EKB00GE433C00 EKB00GG447C00 EKB00JG468C00 EKB00JL510C00 EKB00KL515C00
100 220 330 470 680 1000 1500 2200 3300 4700 6800 10000
16 16 16 16 16 16 16 16 16 16 16 16
5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 13 x 16 13 x 20 13 x 25 16 x 25 16 x 31.5 18 x 35.5
0.20 0.20 0.20 0.20 0.20 0.20 0.21 0.22 0.24 0.27 0.32 0.38
2.65 1.21 0.80 0.56 0.39 0.27 0.19 0.13 0.10 0.08 0.06 0.05
114 194 280 334 467 621 777 963 1220 1540 1864 2294
0.5 0.8 1.1 1.1 1.5 2.0 3.0 3.8 4.5 7.0 9.0 13.0
EKB00AA310D00 EKB00BA322D00 EKB00PB333D00 EKB00PB347D00 EKB00DC368D00 EKB00DD410D00 EKB00GD415D00 EKB00GE422D00 EKB00GG433D00 EKB00JG447D00 EKB00JS468D00 EKB00KL510D00
Document Number 25013 Revision 21-Feb-01
www.vishay.com 29
EKB
Vishay Roederstein
ELECTRICAL CHARACTERISTICS, WEIGHT AND ORDERING CODE
CAPACITANCE 120Hz CR [F] RATED VOLTAGE UR [V] DIMENSIONS DxL [mm] DISSIPATION FACTOR 120Hz EQUIVALENT SERIES RESISTANCE 120Hz [] RATED CURRENT IR 120Hz, 85C [mA] WEIGHT ORDERING CODE [g]
68 150 220 330 470 680 1000 1500 2200 3300 4700 6800
25 25 25 25 25 25 25 25 25 25 25 25
5.0 x 11.0 6.3 x 11 8.0 x 11.5 8.0 x 11.5 10.0 x 12.5 10.0 x 16.0 10.0 x 20.0 13.0 x 20.0 13.0 x 25.0 16.0 x 25.0 16.0 x 31.5 18.0 x 35.5
0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.17 0.18 0.20 0.23 0.28
3.12 1.42 0.97 0.64 0.45 0.31 0.21 0.15 0.11 0.09 0.07 0.06
103 175 251 307 426 561 742 901 1113 1426 1767 2184
0.5 0.8 1.1 1.1 1.5 2.0 2.5 3.8 4.5 7.0 9.0 13.0
EKB00AA268E00 EKB00BA315E00 EKB00PB322E00 EKB00PB333E00 EKB00DC347E00 EKB00DD368E00 EKB00DE410E00 EKB00GE415E00 EKB00GG422E00 EKB00JG433E00 EKB00JS447E00 EKB00KL468E00
47 68 100 150 220 330 470 680 1000 2200 3300 4700
35 35 35 35 35 35 35 35 35 35 35 35
5.0 x 11.0 6.3 x 11.0 6.3 x 11.0 8.0 x 11.5 8.0 x 11.5 10.0 x 12.5 10.0 x 16.0 13.0 x 16.0 13.0 x 20.0 16.0 x 25.0 16.0 x 35.5 18 x 35.5
0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.16 0.19 0.21
3.95 2.73 1.86 1.24 0.85 0.56 0.40 0.27 0.19 0.10 0.08 0.06
90 125 151 218 264 376 491 698 918 1276 1685 2041
0.5 0.8 0.8 1.1 1.1 1.5 2.0 3.0 3.8 7.0 11.0 13.0
EKB00AA247F00 EKB00BA268F00 EKB00BA310F00 EKB00PB215F00 EKB00PB322F00 EKB00DC333F00 EKB00DD347F00 EKB00GD368F00 EKB00GE410F00 EKB00JG422F00 EKB00JL433F00 EKB00KL447F00
33 68 100 150 220 330 470 680 1000 1500 2200 3300
50 50 50 50 50 50 50 50 50 50 50 50
5.0 x 11.0 8.0 x 11.5 8.0 x 11.5 10.0 x 12.5 10.0 x 12.5 10.0 x 16.0 10.0 x 20.0 13.0 x 20.0 13.0 x 25.0 16.0 x 25.0 16.0 x 35.5 18.0 x 35.5
0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.13 0.14 0.17
4.83 2.34 1.59 1.06 0.72 0.48 0.34 0.24 0.19 0.12 0.09 0.07
86 167 202 287 348 467 608 858 1135 1360 1573 1924
0.5 1.1 1.1 1.5 1.5 2.0 2.5 3.8 4.5 7.0 11.0 13.0
EKB00AA233H00 EKB00PB268H00 EKB00PB310H00 EKB00DC315H00 EKB00DC322H00 EKB00DD333H00 EKB00DE347H00 EKB00GE368H00 EKB00GG410H00 EKB00JG415H00 EKB00JL422H00 EKB00KL433H00
15 22 33 47 68 100 150 220 330 470 680 1000 1500
63 63 63 63 63 63 63 63 63 63 63 63 63
5.0 x 11.0 5.0 x 11.0 6.3 x 11.0 6.3 x 11.0 8.0 x 11.5 8.0 x 11.5 10.0 x 12.5 10.0 x 16.0 10.0 x 20.0 13.0 x 20.0 13.0 x 25.0 16.0 x 25.0 16.0 x 35.5
0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.11
8.85 6.03 4.02 2.82 1.95 1.33 0.89 0.61 0.41 0.29 0.20 0.14 0.10
58 70 98 117 167 202 287 381 509 714 936 1259 1561
0.5 0.5 0.8 0.8 1.1 1.1 1.5 2.0 2.5 3.8 4.5 7.0 11.0
EKB00AA215J00 EKB00AA222J00 EKB00BA233J00 EKB00BA247J00 EKB00PB268J00 EKB00PB310J00 EKB00DC315J00 EKB00DD322J00 EKB00DE333J00 EKB00GE347J00 EKB00GG368J00 EKB00JG410J00 EKB00JL415J00
www.vishay.com 30
Document Number 25013 Revision 21-Feb-01
EKB
Vishay Roederstein
ELECTRICAL CHARACTERISTICS, WEIGHT AND ORDERING CODE
CAPACITANCE 120Hz CR [F] RATED VOLTAGE UR [V] DIMENSIONS DxL [mm] DISSIPATION FACTOR 120Hz EQUIVALENT SERIES RESISTANCE 120Hz [] RATED CURRENT IR 120Hz, 85C [mA] WEIGHT ORDERING CODE [g]
2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000
100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100
5.0 x 11.0 5.0 x 11.0 5.0 x 11.0 5.0 x 11.0 5.0 x 11.0 6.3 x 11.0 6.3 x 11.0 8.0 x 11.5 10.0 x 12.5 10.0 x 16.0 10.0 x 20.0 13.0 x 20.0 13.0 x 25.0 13.0 x 25.0 16.0 x 25.0 16.0 x 31.5 18.0 x 40.0
0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08
48.25 32.17 22.59 15.61 10.62 7.08 4.83 3.22 2.26 1.56 1.06 0.71 0.48 0.32 0.23 0.16 0.11
24 29 35 42 51 72 87 125 174 229 303 435 575 704 932 1227 1758
0.5 0.5 0.5 0.5 0.5 0.8 0.8 1.1 1.5 2.0 2.5 3.8 4.5 4.5 7.0 9.0 16.0
EKB00AA122L00 EKB00AA133L00 EKB00AA147L00 EKB00AA168L00 EKB00AA210L00 EKB00BA215L00 EKB00BA222L00 EKB00PB233L00 EKB00DC247L00 EKB00DD268L00 EKB00DE310L00 EKB00GE315L00 EKB00GG322L00 EKB00GG333L00 EKB00JG347L00 EKB00JS368L00 EKB00KK410L00
4.7 6.8 10 15 22 33 47 68 100 150 220 330
160 160 160 160 160 160 160 160 160 160 160 160
6.3 x 11.0 8.0 x 11.5 10.0 x 12.5 10.0 x 16.0 10.0 x 16.0 10.0 x 20.0 13.0 x 20.0 13.0 x 25.0 13.0 x 25.0 16.0 x 25.0 16.0 x 31.5 18.0 x 35.5
0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15
42.35 29.27 19.90 13.27 9.05 6.03 4.24 2.93 1.99 1.33 0.91 0.61
34 49 68 92 111 149 208 273 331 450 596 822
0.8 1.1 1.5 2.0 2.0 2.5 3.8 4.5 4.5 7.0 9.0 13.0
EKB00BA147M00 EKB00PB168M00 EKB00DC210M00 EKB00DD215M00 EKB00DD222M00 EKB00DE233M00 EKB00GE247M00 EKB00GG268M00 EKB00GG310M00 EKB00JG315M00 EKB00JS322M00 EKB00KL333M00
3.3 4.7 6.8 10 15 22 33 47 100 150 220
200 200 200 200 200 200 200 200 200 200 200
6.3 x 11.0 8.0 x 11.5 10.0 x 12.5 10.0 x 12.5 10.0 x 16.0 10.0 x 16.0 10.0 x 20.0 13.0 x 20.0 16.0 x 25.0 16.0 x 35.5 18.0 x 35.5
0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15
60.32 42.35 29.27 19.90 13.27 9.05 6.03 4.24 1.99 1.33 0.91
29 40 56 68 92 111 149 208 368 517 671
0.8 1.1 1.5 1.5 2.0 2.0 2.5 3.8 7.0 11.0 13.0
EKB00BA133S00 EKB00PB147S00 EKB00DC168S00 EKB00DC210S00 EKB00DD215S00 EKB00DD222S00 EKB00DE233S00 EKB00GE247S00 EKB00JG310S00 EKB00JL315S00 EKB00KL322S00
Document Number 25013 Revision 21-Feb-01
www.vishay.com 31
EKB
Vishay Roederstein
ELECTRICAL CHARACTERISTICS, WEIGHT AND ORDERING CODE
CAPACITANCE 120Hz CR [F] RATED VOLTAGE UR [V] DIMENSIONS DxL [mm] DISSIPATION FACTOR 120Hz EQUIVALENT SERIES RESISTANCE 120Hz [] RATED CURRENT IR 120Hz, 85C [mA] WEIGHT ORDERING CODE [g]
2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150
250 250 250 250 250 250 250 250 250 250 250 250
6.3 x 11.0 8.0 x 11.5 8.0 x 11.5 10.0 x 12.5 10.0 x 12.5 10.0 x 16.0 10.0 x 20.0 13.0 x 20.0 13.0 x 25.0 16.0 x 25.0 16.0 x 31.5 18 x 35.5
0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15
90.47 60.32 42.35 29.27 19.90 13.27 9.05 6.03 4.24 2.93 1.99 1.33
23 34 40 56 68 92 121 175 227 303 402 554
0.8 1.1 1.1 1.5 1.5 2.0 2.5 3.8 4.5 7.0 9.0 13.0
EKB00BA122N00 EKB00PB133N00 EKB00PB147N00 EKB00DC168N00 EKB00DC210N00 EKB00DD215N00 EKB00DE222N00 EKB00GE233N00 EKB00GG247N00 EKB00JG268N00 EKB00JS310N00 EKB00KL315N00
2.2 3.3 4.7 6.8 10 15 22 33 47 68
350 350 350 350 350 350 350 350 350 350
8.0 x 11.5 8.0 x 11.5 10.0 x 12.5 10.0 x 16.0 10.0 x 16.0 10.0 x 20.0 13.0 x 20.0 13.0 x 25.0 16.0 x 25.0 16.0 x 31.5
0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20
120.63 80.45 56.47 39.03 26.54 17.69 12.06 8.04 5.65 3.90
28 34 47 62 75 108 143 190 252 332
1.1 1.1 1.5 2.0 2.0 2.5 3.8 4.5 7.0 9.0
EKB00PB122O00 EKB00PB133O00 EKB00DC147O00 EKB00DD168O00 EKB00DD210O00 EKB00DE215O00 EKB00GE222O00 EKB00GG233O00 EKB00JG247O00 EKB00JS268O00
2.2 3.3 4.7 6.8 10 15 22 33 47 68
400 400 400 400 400 400 400 400 400 400
8.0 x 11.5 10.0 x 12.5 10.0 x 12.5 10.0 x 16.0 10.0 x 20.0 13.0 x 20.0 13.0 x 25.0 16.0 x 25.0 16.0 x 31.5 18.0 x 35.5
0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20
120.63 80.45 56.47 39.03 26.54 17.69 12.06 8.04 5.65 3.90
28 39 47 62 82 118 155 211 276 373
1.1 1.5 1.5 2.0 2.5 3.8 4.5 7.0 9.0 13.0
EKB00PB122X00 EKB00DC133X00 EKB00DC147X00 EKB00DD168X00 EKB00DE210X00 EKB00GE215X00 EKB00GG222X00 EKB00JG233X00 EKB00JS247X00 EKB00KL268X00
2.2 3.3 4.7 6.8 10 15 22 33 47
450 450 450 450 450 450 450 450 450
10.0 x 12.5 10.0 x 16.0 10.0 x 16.0 10.0 x 20.0 13.0 x 20.0 13.0 x 25.0 16.0 x 25.0 16.0 x 31.5 16.0 x 35.5
0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20
120.63 80.45 56.47 39.03 26.54 17.69 12.06 8.04 5.65
25 33 39 52 73 98 132 176 221
1.5 2.0 2.0 2.5 3.8 4.5 7.0 9.0 11.0
EKB00DC122P00 EKB00DD133P00 EKB00DD147P00 EKB00DE168P00 EKB00GE210P00 EKB00GG215P00 EKB00JG222P00 EKB00JS233POO EKB00JL247P00
www.vishay.com 32
Document Number 25013 Revision 21-Feb-01


▲Up To Search▲   

 
Price & Availability of EKB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X