Part Number Hot Search : 
AN311 V674ME08 LL2012 00BGI 1602H SS100 CSNB2 2N608
Product Description
Full Text Search
 

To Download CFMQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CFMQ
AM CERAMIC FILTERS WITH MATCHING COIL Description
* Quadruple-tuned AM IF filters combining matching coil and CFM2 in resin case. * Center frequency range: 450 -- 470kHz
Dimensions
Features
* Can be preset if required * High selectivity, suited to a wide range of applications * Low temperature coefficient * Low spurious response * Lead-free terminations
Unit: mm
Test Circut
Applications
* AM radio cassettes, high selectivity radio cassettes * Wireless data communication equipment
Note: 50pF includes test circuit capacitance
STANDARD FILTERS SELECTION GUIDE TYPE CFMQ (CERASIZER(R)/Quadruple-tuned)
TOKO Part Number ##CFMQ-004A ##CFMQ-001A ##CFMQ-002A ##CFMQ-010A Center Frequency (kHz) 4501.5 4551.5 4601.5 4682.0 Bandwidth at 6dB (kHz) 5.5 min. 5.5 min. 5.5 min. 5.5 min. Selectivity at Fo9kHz (dB) 33.0 min. 33.0 min. 33.0 min. 32.0 min. Ripple inPass Band (dB) 1.0 max. 1.0 max. 1.0 max. 1.0 max. Input Level for 0.6mV Output (dB) 82.02.5 82.03.0 87.02.5 85.02.0
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
TOKO America, Inc. 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com
August 2005
(c) 2005 TOKO America, Inc. All Rights Reserved Printed in USA
CF-321-CFMQ R-LOG0805A
1


▲Up To Search▲   

 
Price & Availability of CFMQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X