Part Number Hot Search : 
4051BCP UFPBF T8502 AQV210S 80851 PMX1GG EP910I CSS1013S
Product Description
Full Text Search
 

To Download BR32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR305
THRU
BR310
SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
3.0 Ampere
FEATURES
* Ideal for printed circuit board * Low forward voltage * Low leakage current * Mounting: Hole thru for #6 screw * Mounting position: Any * Weight: 3.36 grams
HOLE FOR NO. 6 SCREW .035(0.9) DIA. .028(0.7) TYP.
BR-3
.213(5.4) .193(4.9)
.750 MIN. (19.1)
.620(15.7) .580(14.7)
AC
.445(11.3) .620(15.7) .405(10.3) .580(14.7)
AC
+
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Tc=50 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Bridge Element at 1.5A D.C. Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Operating Temperature Range, TJ Storage Temperature Range, TSTG Ta=100 C
BR305 50 35 50
BR31 100 70 100
BR32 200 140 200
BR34 400 280 400 3.0 50 1.0 10
BR36 600 420 600
BR38 800 560 800
BR310 UNITS 1000 V 700 V 1000 V A A V A A C C
-65 -65
100 +125 +150
156
RATING AND CHARACTERISTIC CURVES (BR305 THRU BR310)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
3.0 2.5 2.0 1.5 Single Phase 1.0 0.5
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
50
AVERAGE FORWARD CURRENT,(A)
40
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
Half Wave 60Hz
Resistive Or Inductive Load
20
10
0
25
50
75
100 125
150
175
CASE TEMPERATURE ( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS 50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
REVERSE LEAKAGE CURRENT, (A)
10
10 3.0 1.0
0.1
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
20
40
60
80
100 120 140
FORWARD VOLTAGE,(V)
PERCENTAGE OF PEAK REVERSE VOLTAGE, (%)
157


▲Up To Search▲   

 
Price & Availability of BR32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X