Part Number Hot Search : 
HD29050P UP0431N PRTR5V MAX970 12Q221 SN66016 D9244 Z5233
Product Description
Full Text Search
 

To Download BC327-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
(R)
BC327-25 BC327-40
SMALL SIGNAL PNP TRANSISTORS
PRELIMINARY DATA
Ordering Code BC327-25 BC327-25-AP BC327-40 BC327-40-AP
s
Marking
Package / Shipment
BC327-25 TO-92 / Bulk BC327-25 TO-92 / Ammopack
BC327-40 TO-92 / Bulk BC327-40 TO-92 / Ammopack
s
s
SILICON EPITAXIAL PLANAR PNP TRANSISTORS TO-92 PACKAGE SUITABLE FOR THROUGH-HOLE PCB ASSEMBLY THE NPN COMPLEMENTARY TYPES ARE BC337-25 AND BC337-40 RESPECTIVELY
TO-92 Bulk
TO-92 Ammopack
APPLICATIONS WELL SUITABLE FOR TV AND HOME APPLIANCE EQUIPMENT s SMALL LOAD SWITCH TRANSISTORS INTERNAL SCHEMATIC DIAGRAM .com WITH HIGH GAIN AND LOW SATURATION VOLTAGE
s
DataShee
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC I CM P tot T stg Tj Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current (t p < 5 ms) Total Dissipation at T C = 25 o C Storage Temperature Max. Operating Junction Temperature Value -50 -45 -5 -0.5 -1 625 -65 to 150 150 Unit V V V A A mW
o o
C C
February 2003
1/5
.com
.com DataSheet 4 U .com
www..com
BC327-25 / BC327-40
THERMAL DATA
R thj-amb * R thj-case * Thermal Resistance Junction-Ambient Thermal Resistance Junction-Case Max Max 200 83.3
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CBO I EBO V (BR)CBO Parameter Collector Cut-off Current (I E = 0) Emitter Cut-off Current (I C = 0) Collector-Base Breakdown Voltage (I E = 0) Test Conditions V CB = -20 V V CB = -20 V V EB = -5 V I C = -10 A -50 T C = 150 o C Min. Typ. Max. -100 -5 -100 Unit nA A nA V
V (BR)CEO Collector-Emitter Breakdown Voltage (I B = 0) V (BR)EBO Emitter-Base Breakdown Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter On Voltage DC Current Gain
I C = -10 mA
-45
V
I E = -10 A
-5
V
V CE(sat) V BE(on) h FE
I C = -500 mA I C = -500 mA
I B = -50 mA V CE = -1 V
-0.7 -1.2
V V
t4U.com
fT C CBO Transition Frequency
I C = -100 mA V CE = -1 V for BC327-25 .com for BC327-40 I C = -10mA V CE = -5 V f = 100MHz f = 1 MHz
160 250 80 10
400 600 MHz pF
DataShee
Collector-Base IE = 0 V CB = -10 V Capacitance Pulsed: Pulse duration = 300 s, duty cycle 2 %
2/5
.com
.com DataSheet 4 U .com
www..com
BC327-25 / BC327-40
TO-92 MECHANICAL DATA
mm MIN. A b D E e e1 L R S1 W V 4.32 0.36 4.45 3.30 2.41 1.14 12.70 2.16 1.14 0.41 4 degree TYP. MAX. 4.95 0.51 4.95 3.94 2.67 1.40 15.49 2.41 1.52 0.56 6 degree MIN. 0.170 0.014 0.175 0.130 0.095 0.045 0.500 0.085 0.045 0.016 4 degree inch TYP. MAX. 0.195 0.020 0.194 0.155 0.105 0.055 0.609 0.094 0.059 0.022 6 degree
DIM.
t4U.com
.com
DataShee
3/5
.com
.com DataSheet 4 U .com
www..com
BC327-25 / BC327-40
TO-92 AMMOPACK SHIPMENT (Suffix"-AP") MECHANICAL DATA
DIM. A1 T T1 T2 d P0 P2 F1,F2 delta H W W0 W1 W2 H H0 H1 D0 t L I1 delta P mm TYP. inch TYP.
MIN.
12.50 5.65 2.44 -2.00 17.50 5.70 8.50 18.50 15.50 3.80
12.70 6.35 2.54 18.00 6.00 9.00
16.00 4.00
MAX. 4.80 3.80 1.60 2.30 0.48 12.90 7.05 2.94 2.00 19.00 6.30 9.25 0.50 20.50 16.50 25.00 4.20 0.90 11.00 1.00 .com
MIN.
0.492 0.222 0.096 -0.079 0.689 0.224 0.335 0.728 0.610 0.150
0.500 0.250 0.100 0.709 0.236 0.354
0.630 0.157
MAX. 0.189 0.150 0.063 0.091 0.019 0.508 0.278 0.116 0.079 0.748 0.248 0.364 0.020 0.807 0.650 0.984 0.165 0.035 0.433 0.039
t4U.com
3.00 -1.00
0.118 -0.039
DataShee
4/5
.com
.com DataSheet 4 U .com
www..com
BC327-25 / BC327-40
t4U.com
.com
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
5/5
.com
.com DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of BC327-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X