Part Number Hot Search : 
00111 TS4999 BR9069 BR9069 167BZI PST9334U PST9334U 80500
Product Description
Full Text Search
 

To Download B543-2T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B-2T, B-2 Series
* Eight Circuits to Choose from * For AC or DC Variable Voltage
Output Up to 15KW
* UL Recognized E72445
AVAILABLE OPTIONS
ELECTRICAL SPECIFICATIONS
Description
Maximum DC Output Current (Tc = 85C) Maximum Voltage Drop @ Amps Peak Operating Junction Temperature Range Critical Rate of Rise of On-State Current @ TJ=125C Critical Rate of Rise of Off-State Voltage [V/s] AC Line Input Voltage (Repetitive Peak Reverse Voltage) AC Line Input Voltage (Repetitive Peak Reverse Voltage) AC Line Input Voltage (Repetitive Peak Reverse Voltage) AC Line Input Voltage (Repetitive Peak Reverse Voltage) Maximum Non-Repetitive Surge Current (1/2 Cycle, 60 Hz) Maximum IT for Fusing (t=8.3ms) [Asec] Minimum Required Gate Current to Trigger @ 25C Minimum Required Gate Voltage to Trigger @ 25C Average Gate Power Maximum Peak Reverse Gate Voltage Maximum Thermal Resistance, Junction to Ceramic Base per Chip Isolation Voltage
Symbol
ID VF TJ di/dt dv/dt VRMS VRMS VRMS VRMS ITSM I2T IGT VGT PG(AV) VGM RJC VISOL
B5
25A 1.65V @ 25A -40 - 125C 100A/s 500V/s 120 (400VRRM) 240 (600VRRM) 280 (800VRRM) 480 (1200VRRM) 250A 260 60mA 2.5V 0.5W 5.0V 0.9C/W 2500 Vrms
B6
42.5A 1.65V @ 42.5A -40 - 125C 100A/s 500V/s 120 (400VRRM) 240 (600VRRM) 280(800VRRM) 480(1200VRRM) 600A 1500 80mA 3.0V 0.5W 5.0V 0.7C/W 2500 Vrms
GENERAL SPECIFICATIONS
Description
Weight (typical) 1.5 oz (42.5g)
MECHANICAL SPECIFICATIONS
CIRCUIT DIAGRAMS
AGENCY APPROVALS
E72445 Rev 012710
ANNEX - ENVIROMENTAL INFORMATION


▲Up To Search▲   

 
Price & Availability of B543-2T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X