Part Number Hot Search : 
DTC144WS 0110J503 SEMIX HPR109WH MPL031 N2907A N2907A MT6L61AE
Product Description
Full Text Search
 

To Download A901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCHARGE TUBE GAS DISCHARGE TUBE
2-electrode This product is not recommended Standard Series for new designs. Please refer to Features
Littelfuse series SL1011A.
Non-radioactive Lead Free
8x6mm No. A901
Specifications
Packaging A901: Materials Housing: Gas: Leads:
~ 18V
01=Reel (500 pcs.) Ceramic non-radioactive tin plated
Applications
Telecommunication Data Transmission Cable protection modules
Arc Voltage @ 1A Transition Glow to Arc @
~ 0.8A
Standard
UL-497B complies to ITU-T K.12 (formerly CCITT) complies to DIN 57845/VDE 0845 UL-rec.
Operating temperature -40C to +90C Climatic Category complies to IEC 60068-1 +40C, 21 days, <93% humidity Soldering characteristics complies to IEC 60068-2-20 (A931) Soldering Heat Resistance complies to IEC 60068-2-58 Marking , Type, Nom. Voltage, Date Unit Weight ca. 1.5g
Approvals
WebLinks
Further info see: http://www.wickmanngroup.com/ download/orderinfo_surgearr.pdf http://www.wickmanngroup.com/ download/crossref_surgearr.pdf
Characteristics
Type/ Order Code DC Tolerance Impulse sparkover sparkover voltage voltage (1kV/s) typ. 75V 90V 150V 230V 350V 600V +/- 20% +/- 20% +/- 20% +/- 15% +/- 15% -10/+20% < 600V < 550V < 550V < 600V < 800V < 1100V Glow Voltage Insulation Capacitance 8/20s Resistance (@1MHZ) Nominal (@100 Vdc or Impulse @50Vdc for 75V/90V) Discharge Current (10 times) > 10G > 10G > 10G > 10G > 10G > 10G < 1.0 pF < 1.0 pF < 1.0 pF < 1.0 pF < 1.0 pF < 1.0 pF 5kA 5kA 5kA 5kA 5kA 5kA 8/20s Single Impulse Discharge Current (1 time) 10kA 10kA 10kA 10kA 10kA 10kA AC AC Nominal Alternating Discharge Discharge Current Current (50Hz; 1s; (50Hz; (10 times) 9 cycles) 5A 5A 5A 5A 5A 5A 20A 20A 20A 20A 20A 20A * * * Approval
UL-rec. * *
A901 S0 0075 01 01 A901 S0 0090 01 01 A901 S0 0150 01 01 A901 S0 0230 02 01 A901 S0 0350 02 01 A901 S0 0600 04 01
~ 60V ~ 80V ~ 80V ~ 80V ~ 80V ~ 80V
other values on request Specifications are subject to change without notice.
Order Example
Qty.
OrderNumber
Type A901
Failsafe Option Sparkover Volt. S0 0075
Tolerance 02
Packaging 01
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
DISCHARGE TUBE GAS DISCHARGE TUBE
Dimensions (mm) A901
A901
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of A901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X