Part Number Hot Search : 
0ZB6T MC410A 40NTT 18P1100 EL4585 87663 PIC18F65 LTC1261
Product Description
Full Text Search
 

To Download 2SC4150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4150
DESCRIPTION *With ITO-220 package *Switching power transistor *Low saturation voltage
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (ITO-220) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Base current-Peak Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 60 40 7 12 24 2 3 25 150 -55~150 UNIT V V V A A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction case MAX 5.0 UNIT /W
www..com
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4150
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current At rated volatge ICEO IEBO hFE fT Collector cut-off current Emitter cut-off current DC current gain Transition frequency At rated volatge IC=6A ; VCE=2V IC=1.2A ; VCE=10V 70 50 MHz 0.1 mA 0.1 mA CONDITIONS IC=0.1A ;IB=0 IC=6A; IB=0.3A IC=6A; IB=0.3A MIN 40 0.3 1.2 TYP. MAX UNIT V V V SYMBOL VCEO(SUS) VCEsat VBEsat ICBO
Switching times ton ts tf Turn-on time Storage time Fall time IC=6A;IB1=0.6A IB2=0.6A ,RL=5B VBB2=4V 0.3 1.5 0.5 s s s
2
www..com
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4150
Fig.2 Outline dimensions (unindicated tolerance:0.20 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC4150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X