Part Number Hot Search : 
C4071BF MAX12 BCW68F 1N5406G TC3100H HD647 XC6405A H2506
Product Description
Full Text Search
 

To Download 1N4448WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148WS, 1N4448WS
SURFACE MOUNT SWITCHING DIODES
75 Volts FEATURES
* Fast switching speed. * Surface mount package Ideally Suited for Automatic insertion * Electrically Identical to Standard JEDEC * High Conductance
POWER
200 mWatts
PACKAGE
SOD-323
MECHANICAL DATA
Case: SOD-323, Plastic Terminals: Solderable per MIL-STD-202, Method 208 Approx. Weight: 0.008 gram Marking: A2, A3
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. PARAMETER Reverse Voltage Peak Reverse Voltage Rectified Current (Average), Half Wave Rectification with Resistive Load and f >=50 Hz Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Power Dissipation Derate Above 25OC Maximum Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage TJ= 25OC Typical Junction Capacitance( Notes1) Maximum Reverse Recovery (Notes2) Maximum Thermal Resistance Storage Temperature Range
NOTE: 1. CJ at VR=0, f=1MHZ 2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
SYMBOL VR VRM IO IFSM PTOT VF IR C Jo t TRR RJA TJ
1N4148WS 75 100 150 2.0 200 1 @ IF=10mA 2.5 4.0 4.0 357 -55 TO +125
1N4448WS 75 100 150 4.0 200 0.72 @ IF=5mA 1 @ IF=10mA 2.5 4.0 4.0
UNITS V V mA A mW V A pF ns
O
C/W
O
C
www.ps-pfs.com
Part Number: 1N4148WS, 1N4448WS PAGE 1
RATING and CHARACTERISTIC CURVES
10
10
TA=150OC
FORWARD CURRENT, mA
REVERSE CURRENT, mA
1.0
TA=125OC
1.0
TA=85 C
0.1
O
0.1
TA=55 C
0.01
O
TA=25 C
0.01 0.2 0.001 0.4 0.6 0.8 1.0 1.2 0 10 20 30 40 50
O
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
FORWARD VOLTAGE
LEAKAGE CURRENT
6.0
DIODE CAPACITANCE, pF
4.5
3.5
60 W
VRF=2V
2nF
5k W
Vo
1.5
0 0 2 4 6 8
RECTIFICATION EFFCIENCY MEASUREMENT CIRCUIT
REVERSE VOLTAGE, Volts
TYPICAL CAPATICANCE
www.ps-pfs.com
Part Number: 1N4148WS, 1N4448WS PAGE 2
OUTLINE DRAWING
www.ps-pfs.com
Part Number: 1N4148WS, 1N4448WS PAGE 3


▲Up To Search▲   

 
Price & Availability of 1N4448WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X